Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1287BI Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1287BI
Description  3V Single Chip 12-Bit Data Acquisition System
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1287BI Datasheet(HTML) 1 Page - Linear Technology

  LTC1287BI Datasheet HTML 1Page - Linear Technology LTC1287BI Datasheet HTML 2Page - Linear Technology LTC1287BI Datasheet HTML 3Page - Linear Technology LTC1287BI Datasheet HTML 4Page - Linear Technology LTC1287BI Datasheet HTML 5Page - Linear Technology LTC1287BI Datasheet HTML 6Page - Linear Technology LTC1287BI Datasheet HTML 7Page - Linear Technology LTC1287BI Datasheet HTML 8Page - Linear Technology LTC1287BI Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC1287
1
3V Single Chip 12-Bit
Data Acquisition System
s
Single Supply 3.3V or
±3.3V Operation
s
Built-In Sample-and-Hold
s
Direct 3-Wire Interface to Most MPU Serial Ports and
All MPU Parallel Ports
s
30kHz Maximum Throughput Rate
S
FEATURE
The LTC1287 is a 3V data acquisition component which
contains a serial I/O successive approximation A/D con-
verter. The device specifications are guaranteed at a
supply voltage of 2.7V. It uses LTCMOS
TM switched ca-
pacitor technology to perform a 12-bit unipolar, A/D
conversion. The differential input has an on-chip sample-
and-hold on the (+) input.
The serial I/O is designed to communicate without external
hardware to most MPU serial ports and all MPU parallel
I/O ports allowing data to be transmitted and received over
three wires. The low voltage operating capability and the
low power consumption of this device make it ideally
suited for battery applications. Given the ease of use, small
package size and the minimum number of interconnects
for I/O, the LTC1287 can be used for remote sensing
applications.
KEY SPECIFICATIO S
s
Minimum Guaranteed Supply Voltage: 2.7V
s
Resolution: 12 Bits
s
Fast Conversion Time: 24
µs Max Over Temp.
s
Low Supply Current: 1.0mA
APPLICATI
TYPICAL
s
Battery-Powered Instruments
s
Data Logger
s
Data Acquisition Modules
LTCMOS is a trademark of Linear Technology Corporation
DESCRIPTIO
VCC
CLK
DOUT
VREF
LTC1287
CS
+IN
–IN
GND
+
LT1004-1.2
10k
22
µF TANTALUM
22
µF
TANTALUM
+
DIFFERENTIAL INPUTS
COMMON MODE RANGE
0V TO VCC*
FOR OVERVOLTAGE PROTECTION, LIMIT THE INPUT CURRENT TO 15mA
PER PIN OR CLAMP THE INPUTS TO VCC AND GND WITH 1N4148 DIODES.
CONVERSION RESULTS ARE NOT VALID WHEN THE SELECTED CHANNEL OR
OTHER CHANNEL IS OVERVOLTAGED (VIN < GND OR VIN > VCC). SEE SECTION
ON OVERVOLTAGE PROTECTION IN THE APPLICATIONS INFORMATION.
*
3V
LITHIUM
TO AND FROM MPU
1287 TA01
3V Differential Input Data Acquisition System
INL with VREF = 1.2V
CODE
0
0.5
1.0
2048
LTC1287 TA02
0
–1.0
512
1024
1536
–0.5
2560
3072
3584
4096


Similar Part No. - LTC1287BI

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1287BCJ8 LINER-LTC1287BCJ8 Datasheet
320Kb / 16P
   3V Single Chip 12-Bit Data Acquisition System
LTC1287BCN8 LINER-LTC1287BCN8 Datasheet
320Kb / 16P
   3V Single Chip 12-Bit Data Acquisition System
More results

Similar Description - LTC1287BI

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1287 LINER-LTC1287_1 Datasheet
320Kb / 16P
   3V Single Chip 12-Bit Data Acquisition System
LTC1287 LINER-LTC1287_15 Datasheet
326Kb / 16P
   3V Single Chip 12-Bit Data Acquisition System
LTC1283 LINER-LTC1283 Datasheet
452Kb / 24P
   3V Single Chip 10-Bit Data Acquisition System
LTC1283 LINER-LTC1283_15 Datasheet
348Kb / 24P
   3V Single Chip 10-Bit Data Acquisition System
LTC1283 LINER-LTC1283_1 Datasheet
343Kb / 24P
   3V Single Chip 10-Bit Data Acquisition System
LTC1290 LINER-LTC1290 Datasheet
381Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291 Datasheet
376Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293 Datasheet
494Kb / 28P
   Single Chip 12-Bit Data Acquisition System
LTC1291 LINER-LTC1291_15 Datasheet
339Kb / 20P
   Single Chip 12-Bit Data Acquisition System
LTC1293 LINER-LTC1293_15 Datasheet
394Kb / 28P
   Single Chip 12-Bit Data Acquisition System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com