Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C24 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # BZX84C24
Description  Surface Mount Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZX84C24 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BZX84C24 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZX84C24 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZX84C24 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZX84C24 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZX84C24 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Small Signal Product
PART NO.
Note 1: "xxx" defines voltage from 2.4V (BZX84C2V4) to 39V (BZX84C39)
PART NO.
BZX84C39
BZX84C39
Min
Max
Min
Max
A
2.70
3.10
0.106
0.122
B
1.10
1.50
0.043
0.059
C
0.30
0.51
0.012
0.020
D
1.78
2.04
0.070
0.080
E
2.10
2.64
0.083
0.104
F
0.89
1.30
0.035
0.051
G
H
Z
X
Y
C
E
Document Number: DS_S1408014
Version: C14
PACKAGE OUTLINE DIMENSION
RF
3K / 7" Reel
SUGGEST PAD LAYOUT
BZX84C39 RFG
R0
G
Green compound
BZX84C39-D0 RFG
D0
R0
G
Green compound
Note 2: Manufacture special control, if empty means no special control requirement.
EXAMPLE
PREFERRED P/N
MANUFACTURE
CODE
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
BZX84Cxxx
(Note1)
(Note 2)
G
SOT-23
BZX84C2V4 thru BZX84C39
Taiwan Semiconductor
ORDERING INFORMATION
MANUFACTURE
CODE
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
PACKING
2.00
0.079
1.35
0.053
2.90
0.114
0.80
0.031
0.90
0.035
0.004 REF
DIM.
Unit (mm)
Unit (inch)
Typ.
Typ.
DIM.
Unit (mm)
Unit (inch)
0.55 REF
0.022 REF
0.10 REF


Similar Part No. - BZX84C24

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C24 VISHAY-BZX84C24 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
SeCoS Halbleitertechnol...
BZX84C24 SECOS-BZX84C24 Datasheet
453Kb / 3P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
logo
Taiwan Semiconductor Co...
BZX84C24 TSC-BZX84C24 Datasheet
594Kb / 3P
   350mW Surface Mount Zener Diode
logo
Central Semiconductor C...
BZX84C24 CENTRAL-BZX84C24 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
logo
AiT Semiconductor Inc.
BZX84C24 AITSEMI-BZX84C24 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
More results

Similar Description - BZX84C24

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com