Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLDH808M-350-5 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # RLDH808M-350-5
Description  infrared diode laser module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

RLDH808M-350-5 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  RLDH808M-350-5 Datasheet HTML 1Page - Roithner LaserTechnik GmbH RLDH808M-350-5 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.roithner-laser.com
1
RLDH808M-350-5
v 1.2 18.03.2015
Description
RLDH808M series of Diode Laser Modules has been designed with emphasis on superior beam quality,
and reliable operation. The modules body is made of black anodized aluminum, enclosing laser diode,
lens, and driving electronics. RLH808M series features a focusable glass lens optic with a locking
mechanism. The incorporated 5 VDC driver circuit additional supports TTL modulation up to 5 kHz.
Specifications
Parameter
Values
Min.
Typ.
Max.
Unit
Peak Wavelength
808
nm
Optical Output Power
350
mW
Laser Class
3B
Operating Voltage
DC 5
V
Operating Current
550
mA
Modulation, TTL
5
kHz
Control
APC
Standard Operating Distance
10
m
Focus
Adjustable
Beam Character
Elliptical
Elliptic Proportion
> 1:2.5
Output Aperture
Ø5
mm
Divergence
1.0
mrad
Optic
Glass lens, both sides AR coated
Operating Temperature
-10
+40
°C
Storage Temperature
-40
+80
°C
Life Time
8000
hours
Material
black anodized aluminum
Electrical Connection
connector plug and wires
Dimension (Dia. x W)
Ø22 x 65
mm
Weight
60
g


Similar Part No. - RLDH808M-350-5

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLDH808M-120-5 ROITHNER-RLDH808M-120-5 Datasheet
393Kb / 2P
   infrared diode laser module
More results

Similar Description - RLDH808M-350-5

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLDC780-2-3 ROITHNER-RLDC780-2-3 Datasheet
103Kb / 1P
   Infrared Diode Laser Module
RLDH850M-40-5 ROITHNER-RLDH850M-40-5 Datasheet
389Kb / 2P
   infrared diode laser module
RLDC670-2.2-3 ROITHNER-RLDC670-2.2-3 Datasheet
85Kb / 1P
   Infrared Diode Laser Module
APCD-850-01-C3 ROITHNER-APCD-850-01-C3 Datasheet
125Kb / 2P
   Infrared diode laser module
C2021-E1 ROITHNER-C2021-E1 Datasheet
341Kb / 2P
   infrared diode laser module
RLDB808-300-3 ROITHNER-RLDB808-300-3 Datasheet
88Kb / 1P
   Infrared Diode Laser Module
RLTMDL-1550 ROITHNER-RLTMDL-1550 Datasheet
510Kb / 5P
   Infrared Laser Diode Module
RLDH808-4000-5 ROITHNER-RLDH808-4000-5 Datasheet
118Kb / 1P
   Infrared Diode Laser Module
RLDH808M-120-5 ROITHNER-RLDH808M-120-5 Datasheet
393Kb / 2P
   infrared diode laser module
RLDH850-40-3 ROITHNER-RLDH850-40-3 Datasheet
344Kb / 2P
   infrared diode laser module
APCD-780-01-C2 ROITHNER-APCD-780-01-C2 Datasheet
125Kb / 2P
   Infrared diode laser module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com