Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-VSK250PBF Datasheet(PDF) 11 Page - Vishay Siliconix

Part # VS-VSK250PBF
Description  Standard Recovery Diodes
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSK250PBF Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button VS-VSK250PBF Datasheet HTML 6Page - Vishay Siliconix VS-VSK250PBF Datasheet HTML 7Page - Vishay Siliconix VS-VSK250PBF Datasheet HTML 8Page - Vishay Siliconix VS-VSK250PBF Datasheet HTML 9Page - Vishay Siliconix VS-VSK250PBF Datasheet HTML 10Page - Vishay Siliconix VS-VSK250PBF Datasheet HTML 11Page - Vishay Siliconix VS-VSK250PBF Datasheet HTML 12Page - Vishay Siliconix VS-VSK250PBF Datasheet HTML 13Page - Vishay Siliconix VS-VSK250PBF Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
VS-VSK.250PbF, VS-VSK.270PbF, VS-VSK.320PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 28-May-14
11
Document Number: 93581
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION TABLE
CIRCUIT CONFIGURATION
CIRCUIT DESCRIPTION
CIRCUIT
CONFIGURATION CODE
CIRCUIT DRAWING
Two diodes doubler circuit
KD
Two diodes common cathodes
KC
Two diodes common anodes
KJ
Single diode
KE
2
1
-
Vishay Semiconductors product
-
Lead (Pb)-free
3
-
Circuit configuration (see Circuit Configuration table)
4
-
Current rating: IF(AV) rounded
5
-
Voltage code x 100 = VRRM (see Voltage Ratings table)
Device code
2
1
4
3
5
KD
VS-VS
320
-
24
PbF
VSKD...
+
-
~
~
-
+
VSKC...
+
--
+
-
-
VSKJ...
-+
+
-
+
+
VSKE...
+-
+-
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95086


Similar Part No. - VS-VSK250PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSK250PBF VISHAY-VS-VSK250PBF Datasheet
290Kb / 13P
   Standard Recovery Diodes (MAGN-A-PAK Power Modules), 250 A to 320 A
01-Jan-2022
VS-VSK250PBF VISHAY-VS-VSK250PBF_V01 Datasheet
290Kb / 13P
   Standard Recovery Diodes (MAGN-A-PAK Power Modules), 250 A to 320 A
01-Jan-2022
More results

Similar Description - VS-VSK250PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com