Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-VSK170PBF Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VS-VSK170PBF
Description  SCR/SCR and SCR/Diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-VSK170PBF Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button VS-VSK170PBF Datasheet HTML 3Page - Vishay Siliconix VS-VSK170PBF Datasheet HTML 4Page - Vishay Siliconix VS-VSK170PBF Datasheet HTML 5Page - Vishay Siliconix VS-VSK170PBF Datasheet HTML 6Page - Vishay Siliconix VS-VSK170PBF Datasheet HTML 7Page - Vishay Siliconix VS-VSK170PBF Datasheet HTML 8Page - Vishay Siliconix VS-VSK170PBF Datasheet HTML 9Page - Vishay Siliconix VS-VSK170PBF Datasheet HTML 10Page - Vishay Siliconix VS-VSK170PBF Datasheet HTML 11Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
VS-VSK.170PbF, VS-VSK.250PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 17-Jul-14
7
Document Number: 94417
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 14 - Maximum Non-Repetitive Surge Current
Fig. 15 - Maximum Non-Repetitive Surge Current
Fig. 16 - On-State Power Loss Characteristics
Fig. 17 - On-State Power Loss Characteristics
3500
4000
4500
5000
5500
6000
6500
7000
7500
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
VSK.250.. Series
Per Junction
At Any Rated Load Condition And With
Rated V
RRM Applied Following Surge.
Initial T = 130°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
3000
4000
5000
6000
7000
8000
9000
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Curren t
Versus Pulse Train Duration. Control
Of Conduction May Not Be Maintained .
VSK.250.. Series
Per Junction
Initial T
J = 130°C
No Voltage Reapplied
Rated V
RRM Reapplied
020
40
60
80
100
120
Maximum Allowable Ambient Temperature (°C)
0.3
K/ W
0.25
K/ W
0.2
0
K/W
0.1
6
K/ W
0.1
2
K/
W
0
100
200
300
400
500
600
700
0
100
200
300
400
500
600
180°
120°
90°
60°
30°
Conduction angle
Total RMS Output Current (A)
VSK.250.. Series
Per Module
T
J = 130°C
0
20406080
100
120
Maximum Allowable Ambient Temperature (°C)
0.0
4
K/
W
0.0
5
K/
W
0.0
6 K
/ W
0.1
K/ W
0.12
K/ W
0.16
K/ W
0.3 K/ W
0
200
400
600
800
1000
1200
1400
0
100
200
300
400
500
Total Output Current (A)
180°
(Sine)
180°
(Rect)
2 x VSK.250.. Series
Single Phase Bridge
Connected
T
J = 130°C


Similar Part No. - VS-VSK170PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSK170PBF VISHAY-VS-VSK170PBF_V01 Datasheet
274Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A, 250 A
01-Jan-2022
More results

Similar Description - VS-VSK170PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
   SCR / SCR and SCR / DIODE
logo
Vishay Siliconix
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
logo
International Rectifier
IRK IRF-IRK Datasheet
150Kb / 6P
   SCR / SCR and SCR / DIODE MAGN-A-pak Power Modules
logo
Vishay Siliconix
VS-VSK230PBF VISHAY-VS-VSK230PBF_V01 Datasheet
170Kb / 9P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
01-Jan-2022
VSKT230 VISHAY-VSKT230 Datasheet
345Kb / 8P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
Revision: 02-Jul-10
VS-VSK.230PBF VISHAY-VS-VSK.230PBF Datasheet
186Kb / 9P
   SCR / SCR and SCR / Diode (MAGN-A-PAK Power Modules), 230 A
Revision: 27-Apr-17
VS-VSK.230..PBF VISHAY-VS-VSK.230..PBF Datasheet
168Kb / 9P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
01-Jan-2022
VS-VSK.230..PBF VISHAY-VS-VSK.230..PBF_V01 Datasheet
169Kb / 9P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
01-Jan-2023
VSK170PBF VISHAY-VSK170PBF Datasheet
245Kb / 11P
   SCR/SCR and SCR/Diode (MAGN-A-PAKTM Power Modules), 170/250 A
Revision: 22-Apr-08
VS-VSK.170PBF VISHAY-VS-VSK.170PBF_V02 Datasheet
273Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A, 250 A
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com