Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-P405 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VS-P405
Description  Power Modules, Passivated Assembled Circuit Elements
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-P405 Datasheet(HTML) 5 Page - Vishay Siliconix

  VS-P405 Datasheet HTML 1Page - Vishay Siliconix VS-P405 Datasheet HTML 2Page - Vishay Siliconix VS-P405 Datasheet HTML 3Page - Vishay Siliconix VS-P405 Datasheet HTML 4Page - Vishay Siliconix VS-P405 Datasheet HTML 5Page - Vishay Siliconix VS-P405 Datasheet HTML 6Page - Vishay Siliconix VS-P405 Datasheet HTML 7Page - Vishay Siliconix VS-P405 Datasheet HTML 8Page - Vishay Siliconix VS-P405 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
VS-P400 Series
www.vishay.com
Vishay Semiconductors
Revision: 27-Mar-14
5
Document Number: 93755
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 9 - Gate Characteristics
ORDERING INFORMATION TABLE
0.1
1
10
100
0.001
93755_09
Instantaneous Gate Current (A)
0.01
0.1
1
10
100
(1)
(2)
(3)
(4)
(1) P
GM = 10 W, tp = 5 ms
(2) P
GM = 20 W, tp = 25 ms
(3) P
GM = 50 W, tp = 1 ms
(4) P
GM = 100 W, tp = 500 μs
Frequency limited by P
G(AV)
(b)
(a)
V
GD
I
GD
Rectangular gate pulse
(a) Recommended load line for
rated dI/dt: 10 V, 20
Ω, t
r ≤ 1 μs
(b) Recommended load line for
rated dI/dt: 10 V, 65
Ω, t
r ≤ 1 μs
1
-
Vishay Semiconductors product
2
-
Module type
6
-
K = Optional Voltage Suppression
7
-
W = Optional Freewheeling Diode
4
-
Circuit configuration
-
Voltage code
1 = 400 V
2 = 600 V
3 = 800 V
4 = 1000 V
5 = 1200 V
5
-
Current rating
1 = 25 A DC (P100 Series)
4 = 40 A DC (P400 Series)
0 = Single Phase, Hybrid Bridge Common Cathode
2 = Single Phase, Hybrid Bridge Doubler Connection
3 = Single Phase, all SCR Bridge
3
Device code
1
3
2
4
5
6
7
VS-
4
P0
2
K
W


Similar Part No. - VS-P405

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-P405 VISHAY-VS-P405 Datasheet
141Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 40 A
Revision: 27-Mar-14
More results

Similar Description - VS-P405

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NP500 NELLSEMI-NP500 Datasheet
747Kb / 7P
   Power Modules Passivated Assembled Circuit Elements
logo
Vishay Siliconix
VS-P101 VISHAY-VS-P101 Datasheet
199Kb / 9P
   Power Modules, Passivated Assembled Circuit Elements
Revision: 27-Mar-14
VS-P400 VISHAY-VS-P400_V01 Datasheet
136Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 40 A
01-Jan-2022
VS-P100 VISHAY-VS-P100_V02 Datasheet
191Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 25 A
01-Jan-2023
VS-P400 VISHAY-VS-P400 Datasheet
141Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 40 A
Revision: 27-Mar-14
VS-P100 VISHAY-VS-P100 Datasheet
198Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 25 A
Revision: 27-Mar-14
VS-P100 VISHAY-VS-P100_V01 Datasheet
192Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 25 A
01-Jan-2022
VS-P400 VISHAY-VS-P400_V02 Datasheet
136Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 40 A
01-Jan-2023
logo
International Rectifier
VS-P105W IRF-VS-P105W Datasheet
86Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
P400 IRF-P400 Datasheet
90Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com