Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-P433 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VS-P433
Description  Power Modules, Passivated Assembled Circuit Elements
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-P433 Datasheet(HTML) 7 Page - Vishay Siliconix

  VS-P433 Datasheet HTML 1Page - Vishay Siliconix VS-P433 Datasheet HTML 2Page - Vishay Siliconix VS-P433 Datasheet HTML 3Page - Vishay Siliconix VS-P433 Datasheet HTML 4Page - Vishay Siliconix VS-P433 Datasheet HTML 5Page - Vishay Siliconix VS-P433 Datasheet HTML 6Page - Vishay Siliconix VS-P433 Datasheet HTML 7Page - Vishay Siliconix VS-P433 Datasheet HTML 8Page - Vishay Siliconix VS-P433 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 95335
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 24-Jul-08
1
D-19 PACE-PAK
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters (inches)
0.9 x 45°
(0.035 x 45°)
12.7 (0.50)
63.5 (2.50)
45 (1.77)
12.7 (0.50)
Ø 1.65 (0.06)
Fast-on 6.35 x 0.8 (0.25 x 0.03)
4.6 (0.18)
2.5 (0.10)
MAX.
5.2 (0.20)
48.7 (1.91)
33.8 (1.33)
32.5 (1.28) MAX.
23.2 (0.91)
15.5 (0.61)
MAX.
25 (0.98) MAX.


Similar Part No. - VS-P433

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-P433 VISHAY-VS-P433 Datasheet
141Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 40 A
Revision: 27-Mar-14
More results

Similar Description - VS-P433

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
NP500 NELLSEMI-NP500 Datasheet
747Kb / 7P
   Power Modules Passivated Assembled Circuit Elements
logo
Vishay Siliconix
VS-P101 VISHAY-VS-P101 Datasheet
199Kb / 9P
   Power Modules, Passivated Assembled Circuit Elements
Revision: 27-Mar-14
VS-P400 VISHAY-VS-P400_V01 Datasheet
136Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 40 A
01-Jan-2022
VS-P100 VISHAY-VS-P100_V02 Datasheet
191Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 25 A
01-Jan-2023
VS-P400 VISHAY-VS-P400 Datasheet
141Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 40 A
Revision: 27-Mar-14
VS-P100 VISHAY-VS-P100 Datasheet
198Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 25 A
Revision: 27-Mar-14
VS-P100 VISHAY-VS-P100_V01 Datasheet
192Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 25 A
01-Jan-2022
VS-P400 VISHAY-VS-P400_V02 Datasheet
136Kb / 8P
   Power Modules, Passivated Assembled Circuit Elements, 40 A
01-Jan-2023
logo
International Rectifier
VS-P105W IRF-VS-P105W Datasheet
86Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
P400 IRF-P400 Datasheet
90Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com