Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1267CG Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1267CG
Description  Dual High Efficiency Synchronous Step-Down Switching Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1267CG Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1267CG Datasheet HTML 6Page - Linear Technology LTC1267CG Datasheet HTML 7Page - Linear Technology LTC1267CG Datasheet HTML 8Page - Linear Technology LTC1267CG Datasheet HTML 9Page - Linear Technology LTC1267CG Datasheet HTML 10Page - Linear Technology LTC1267CG Datasheet HTML 11Page - Linear Technology LTC1267CG Datasheet HTML 12Page - Linear Technology LTC1267CG Datasheet HTML 13Page - Linear Technology LTC1267CG Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC1267
LTC1267-ADJ/LTC1267-ADJ5
APPLICATIO S I FOR ATIO
Where
δ is the temperature dependency of RDS(ON) and k
is a constant inversely related to the gate drive current.
Both MOSFETs have I2R losses, while the P-channel
equation includes an additional term for transition losses,
which are highest at high input voltages. For VIN < 20V, the
high current efficiency generally improves with larger
MOSFETs, while for VIN > 20V, the transition losses rapidly
increase to the point that the use of a higher RDS(ON) device
with lower CRSS actually provides higher efficiency. The
N-channel MOSFET losses are the greatest at high input
voltage or during a short circuit when the N-channel duty
cycle is nearly 100%.
The term (1 +
δ) is generally given for a MOSFET in the
form of a normalized RDS(ON) vs temperature curve, but δ
= 0.007/
°C can be used as an approximation for low
voltage MOSFETs. CRSS isusuallyspecifiedinthe MOSFET
electrical characteristics. The constant k = 5 can be used
for the LTC1267 to estimate the relative contributions of
the two terms in the P-channel dissipation equation.
The Schottky diodes D3 and D5 shown in Figure 1 only
conduct during the dead-time between the conduction of
the respective power MOSFETs. The sole purpose of D3
and D5 is to prevent the body diode of the N-channel
MOSFET from turning on and storing charge during the
dead-time, which could cost as much as 1% in efficiency
(although there are no other harmful effects if D3 and D5
are omitted). Therefore, D3 and D5 should be selected for
a forward voltage of less than 0.6V when conducting IMAX.
CIN and COUT Selection
In continuous mode, the source current of the P-channel
MOSFET is a square wave of duty cycle VOUT/VIN. To
prevent large voltage transients, a low ESR input capaci-
tor sized for the maximum RMS current must be used. The
maximum RMS capacitor current is given by:
CIN Required IRMS ≈ IMAX
[VOUT(VIN – VOUT)]1/2
VIN
This formula has a maximum at VIN = 2VOUT where IRMS =
IOUT/2. This simple worst-case condition is commonly
used for design because even significant deviations do not
offer much relief. Note that capacitor manufacturer’s
ripple current ratings are often based on only 2000 hours
of life. This makes it advisable to further derate the
capacitor or to choose a capacitor rated at a higher
temperature than required. Several capacitors may also be
paralleled to meet size or height requirements in the
design. Always consult the manufacturer if there is any
question. An additional 0.1
µF ceramic capacitor is also
required on VIN for high frequency decoupling.
The selection of COUT is driven by the required Effective
Series Resistance (ESR).
The ESR of COUT must be less
than twice the value of RSENSE for proper operation of the
LTC1267:
COUT Required ESR < 2RSENSE
Optimum efficiency is obtained by making the ESR equal
to RSENSE. As the ESR is increased up to 2RSENSE, the
efficiency degrades by less than 1%. If the ESR is greater
than 2RSENSE, the voltage ripple on the output capacitor
will prematurely trigger Burst Modeoperation, resulting in
disruption of continuous mode and an efficiency hit which
can be several percent.
Manufacturers such as Nichicon, United Chemicon, and
Sprague should be considered for high performance ca-
pacitors. In surface mount applications multiple capaci-
tors may have to be paralleled to meet the capacitance,
ESR, or RMS current handling requirements of the appli-
cation. For additional information regarding capacitor
selection, please refer to the LTC1159 data sheet.
At low supply voltages, a minimum capacitance at COUT is
needed to prevent an abnormal low frequency operating
mode (see Figure 4). When COUT is made too small, the
output ripple at low frequencies will be large enough to trip
Figure 4. Minimum Suggested COUT
(VIN – VOUT) VOLTAGE (V)
0
1000
800
600
400
200
0
4
LTC1267 • F04
1
2
3
5
L = 50
µH
RSENSE = 0.02Ω
L = 25
µH
RSENSE = 0.02Ω
L = 50
µH
RSENSE = 0.05Ω


Similar Part No. - LTC1267CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1267 LINER-LTC1267 Datasheet
94Kb / 1P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267 LINER-LTC1267 Datasheet
104Kb / 1P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267-ADJ LINER-LTC1267-ADJ Datasheet
94Kb / 1P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267-ADJ LINER-LTC1267-ADJ Datasheet
104Kb / 1P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267-ADJ5 LINER-LTC1267-ADJ5 Datasheet
94Kb / 1P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
More results

Similar Description - LTC1267CG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1267 LINER-LTC1267_15 Datasheet
104Kb / 1P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142 LINER-LTC1142_15 Datasheet
258Kb / 20P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142L LINER-LTC1142L_15 Datasheet
258Kb / 20P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142 LINER-LTC1142 Datasheet
401Kb / 20P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142HV LINER-LTC1142HV_15 Datasheet
258Kb / 20P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267-ADJ5 LINER-LTC1267-ADJ5_15 Datasheet
104Kb / 1P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267-ADJ LINER-LTC1267-ADJ_15 Datasheet
104Kb / 1P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1142 LINER-LTC1142_00 Datasheet
249Kb / 20P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1267 LINER-LTC1267_02 Datasheet
94Kb / 1P
   Dual High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com