Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSKU10516 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VSKU10516
Description  nullADD-A-PAK Generation VII Power Modules
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VSKU10516 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button VSKU10516 Datasheet HTML 2Page - Vishay Siliconix VSKU10516 Datasheet HTML 3Page - Vishay Siliconix VSKU10516 Datasheet HTML 4Page - Vishay Siliconix VSKU10516 Datasheet HTML 5Page - Vishay Siliconix VSKU10516 Datasheet HTML 6Page - Vishay Siliconix VSKU10516 Datasheet HTML 7Page - Vishay Siliconix VSKU10516 Datasheet HTML 8Page - Vishay Siliconix VSKU10516 Datasheet HTML 9Page - Vishay Siliconix VSKU10516 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
VSKU105.., VSKV105.. Series
www.vishay.com
Vishay Semiconductors
Revision: 14-Jan-14
6
Document Number: 94656
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 10 - Thermal Impedance ZthJC Characteristics
Fig. 11 - Gate Characteristics
ORDERING INFORMATION TABLE
Note
• To order the optional hardware go to www.vishay.com/doc?95172
Square wave pulse duration (s)
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
Steady state value
RthJC = 0.22 °C/W
(DC operation)
Per leg
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
(b)
(a)
(4)
(3) (2)
(1)
a)Rec ommended load line for
b)Rec ommended load line for
VGD
IGD
Frequenc y Limited by PG(AV)
(1) PGM = 200 W, tp = 300 µs
(2) PGM = 60 W, tp = 1 ms
(3) PGM = 30 W, tp = 2 ms
(4) PGM = 12 W, tp = 5 ms
<= 30% rated di/ dt: 15 V, 40 ohms
tr = 1 µs, tp >= 6 µs
rated di/ dt: 20 V, 20 ohms
tr = 0.5 µs, tp >= 6 µs
Rec tangular gate pulse
IRK.105.. Series
Instantaneous gate current (A)
VSK.
1
-
Module type
2
-
Circuit configuration (see end of datasheet)
3
-
Current code (105 A)
4
-
Voltage code (see Voltage Ratings table)
Device code
13
24
VSK
U
105
/
16


Similar Part No. - VSKU10516

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKU10516P VISHAY-VSKU10516P Datasheet
177Kb / 8P
   Thyristor/Thyristor, 105 A (ADD-A-PAKTM Generation 5 Power Modules)
Revision: 24-Apr-08
VSKU10516S90P VISHAY-VSKU10516S90P Datasheet
177Kb / 8P
   Thyristor/Thyristor, 105 A (ADD-A-PAKTM Generation 5 Power Modules)
Revision: 24-Apr-08
More results

Similar Description - VSKU10516

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKH42 VISHAY-VSKH42 Datasheet
522Kb / 12P
   ADD-A-PAK Generation VII Power Modules
Revision: 14-Jan-14
VSKT7104 VISHAY-VSKT7104 Datasheet
330Kb / 10P
   ADD-A-PAK Generation VII Power Modules
Revision: 14-Jan-14
VSKU4104 VISHAY-VSKU4104 Datasheet
415Kb / 12P
   ADD-A-PAK Generation VII Power Modules Thyristor
Revision: 14-Jan-14
VSKU7104 VISHAY-VSKU7104 Datasheet
272Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor
Revision: 14-Jan-14
VSKU9116 VISHAY-VSKU9116 Datasheet
280Kb / 9P
   ADD-A-PAK Generation VII Power Modules Thyristor/Thyristor, 95 A
Revision: 14-Jan-14
VSKT10504 VISHAY-VSKT10504 Datasheet
324Kb / 10P
   ADD-A-PAK Generation VII Power Modules Thyristor/Diode
Revision: 14-Jan-14
VS-VSKD7108P VISHAY-VS-VSKD7108P Datasheet
1Mb / 10P
   ADD-A-PAK Generation VII Power Modules Standard Diodes
Revision: 21-Mar-14
VSKD9104 VISHAY-VSKD9104 Datasheet
276Kb / 10P
   ADD-A-PAK Generation VII Power Modules Standard Diodes
Revision: 06-Jun-12
VSKD5608P VISHAY-VSKD5608P Datasheet
1Mb / 10P
   ADD-A-PAK Generation VII Power Modules Standard Diodes
Revision: 21-Mar-14
VSKCS220 VISHAY-VSKCS220_11 Datasheet
129Kb / 7P
   ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 220 A
Revision: 09-Mar-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com