Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZW04-48B Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # BZW04-48B
Description  Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZW04-48B Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BZW04-48B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZW04-48B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZW04-48B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZW04-48B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZW04-48B Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZW04-48B Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Test
Stand-Off
Reverse
Maximum
Maximum
Maximum
Current
Voltage
Leakage
Peak Pulse
Clamping
Temperature
@ VWM
Current
Voltage @IPPM Coefficient
IT
VWM
ID
IPPM
Vc
VBR
mA
V
μAA
V
%/
oC
Unidirectional
Bidirectional
Min
Max
(Note 3)
BZW04-5V8
BZW04-5V8B
6.45
7.14
10
5.80
1000
38.0
10.5
0.057
BZW04-6V4
BZW04-6V4B
7.13
7.88
10
6.40
500
35.4
11.3
0.061
BZW04-7V0
BZW04-7V0B
7.79
8.61
10
7.02
200
33.0
12.1
0.065
BZW04-7V8
BZW04-7V8B
8.65
9.55
1
7.78
50
30.0
13.4
0.068
BZW04-8V5
BZW04-8V5B
9.50
10.5
1
8.55
10
27.6
14.5
0.073
BZW04-9V4
BZW04-9V4B
10.5
11.6
1
9.40
5
25.7
15.6
0.075
BZW04-10
BZW04-10B
11.4
12.6
1
10.2
5
24.0
16.7
0.078
BZW04-11
BZW04-11B
12.4
13.7
1
11.1
5
22.0
18.2
0.081
BZW04-13
BZW04-13B
14.3
15.8
1
12.8
5
19.0
21.2
0.084
BZW04-14
BZW04-14B
15.2
16.8
1
13.6
1
17.8
22.5
0.083
BZW04-15
BZW04-15B
17.1
18.9
1
15.3
1
16.0
25.2
0.088
BZW04-17
BZW04-17B
19.0
21.0
1
17.1
1
14.5
27.7
0.090
BZW04-19
BZW04-19B
20.9
23.1
1
18.8
1
13.0
30.6
0.092
BZW04-20
BZW04-20B
22.8
25.2
1
20.5
1
12.0
33.2
0.094
BZW04-23
BZW04-23B
25.7
28.4
1
23.1
1
10.7
37.5
0.096
BZW04-26
BZW04-26B
28.5
31.5
1
25.6
1
9.6
41.5
0.097
BZW04-28
BZW04-28B
31.4
34.7
1
28.2
1
8.8
45.7
0.098
BZW04-31
BZW04-31B
34.2
37.8
1
30.8
1
8.0
49.9
0.099
BZW04-33
BZW04-33B
37.1
41.0
1
33.3
1
7.4
53.9
0.100
BZW04-37
BZW04-37B
40.9
45.2
1
36.8
1
6.7
59.3
0.101
BZW04-40
BZW04-40B
44.7
49.4
1
40.2
1
6.2
64.8
0.101
BZW04-44
BZW04-44B
48.5
53.6
1
43.6
1
5.7
70.1
0.102
BZW04-48
BZW04-48B
53.2
58.8
1
47.8
1
5.2
77.0
0.103
BZW04-53
BZW04-53B
58.9
65.1
1
53.0
1
4.7
85.0
0.104
BZW04-58
BZW04-58B
64.6
71.4
1
58.1
1
4.3
92.0
0.104
BZW04-64
BZW04-64B
71.3
78.8
1
64.1
1
3.9
103
0.105
BZW04-70
BZW04-70B
77.9
86.1
1
70.1
1
3.5
113
0.105
BZW04-78
BZW04-78B
86.5
95.5
1
78.0
1
3.2
125
0.105
BZW04-85
BZW04-85B
95
105
1
85.5
1
2.9
137
0.106
BZW04-94
BZW04-94B
105
116
1
94.0
1
2.6
152
0.107
BZW04-102
BZW04-102B
114
126
1
102
1
2.4
165
0.107
BZW04-110
BZW04-110B
124
137
1
111
1
2.2
179
0.107
BZW04-128
BZW04-128B
143
158
1
128
1
2.0
207
0.108
BZW04-136
BZW04-136B
152
168
1
136
1
1.8
219
0.108
BZW04-145
BZW04-145B
161
179
1
145
1
1.7
234
0.108
BZW04-154
BZW04-154B
171
189
1
154
1
1.6
246
0.108
BZW04-171
BZW04-171B
190
210
1
171
1
1.5
274
0.108
BZW04-188
BZW04-188B
209
231
1
188
1
1.4
301
0.108
BZW04-213
BZW04-213B
237
263
1
213
1
1.2
344
0.110
BZW04-239
BZW04-239B
266
294
1
239
1
1.1
384
0.110
BZW04-256
BZW04-256B
285
315
1
256
1
1.0
414
0.110
BZW04-273
BZW04-273B
304
336
1
273
1
0.9
438
0.110
BZW04-299
BZW04-299B
332
368
1
299
1
0.8
482
0.110
BZW04-342
BZW04-342B
380
420
1
342
1
0.75
548
0.110
BZW04-376
BZW04-376B
418
462
1
376
1
0.67
603
0.110
Notes:
1. Pulse test:tp<50ms
2. All terms and symbols are consistent with ANSI/IEEE C62.35
3. For bipolar types having VWM of 10 volts and less, the ID limit is doubled.
Document Number: DS_D1406028
Version: H14
V
Voltage
BZW04 SERIES
Taiwan Semiconductor
Breakdown
VBR
@ IT (Note 1)
Device


Similar Part No. - BZW04-48B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW04-48B STMICROELECTRONICS-BZW04-48B Datasheet
130Kb / 6P
   TRANSIL
logo
Galaxy Semi-Conductor H...
BZW04-48B BILIN-BZW04-48B Datasheet
113Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
BZW04-48B VISHAY-BZW04-48B Datasheet
105Kb / 6P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
Shenzhen Taychipst Elec...
BZW04-48B TAYCHIPST-BZW04-48B Datasheet
3Mb / 3P
   Voltage regulator dides
BZW04-48B TAYCHIPST-BZW04-48B Datasheet
3Mb / 4P
   Transient Voltage Suppressors
More results

Similar Description - BZW04-48B

ManufacturerPart #DatasheetDescription
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
15KP58C NJSEMI-15KP58C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP64C NJSEMI-15KP64C Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP26CA NJSEMI-15KP26CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
30KP350C NJSEMI-30KP350C Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
15KP220CA NJSEMI-15KP220CA Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
1.5KE11 NJSEMI-1.5KE11 Datasheet
906Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com