Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-111RKI40 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-111RKI40
Description  Phase Control Thyristors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-111RKI40 Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-111RKI40 Datasheet HTML 1Page - Vishay Siliconix VS-111RKI40 Datasheet HTML 2Page - Vishay Siliconix VS-111RKI40 Datasheet HTML 3Page - Vishay Siliconix VS-111RKI40 Datasheet HTML 4Page - Vishay Siliconix VS-111RKI40 Datasheet HTML 5Page - Vishay Siliconix VS-111RKI40 Datasheet HTML 6Page - Vishay Siliconix VS-111RKI40 Datasheet HTML 7Page - Vishay Siliconix VS-111RKI40 Datasheet HTML 8Page - Vishay Siliconix VS-111RKI40 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
VS-110RKI...PbF, VS-111RKI...PbF Series
www.vishay.com
Vishay Semiconductors
Revision: 11-Mar-14
4
Document Number: 94379
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - On-State Power Loss Characteristics
Fig. 4 - On-State Power Loss Characteristics
Average On-State Current (A)
80
40
60
20
100
120
0
140
130
120
110
100
90
80
94379_01
30°
60°
90°
120°
180°
Ø
Conduction angle
R
thJC (DC) = 0.27 K/W
Average On-State Current (A)
20
40
100
60
140
120
80
160 180
0
70
80
90
100
110
120
140
130
94379_02
30°
60°
DC
90°
120°
180°
Conduction period
Ø
R
thJC (DC) = 0.27 K/W
Average On-State Current (A)
40
80
100
120
0
60
20
160
140
120
100
80
60
40
20
0
94379_03a
RMS limit
180°
120°
90°
60°
30°
Ø
Conduction angle
T
J = 140 °C
Maximum Allowable
Ambient Temperature (°C)
20
60
40
80
100
120
140
0
160
140
120
100
80
60
40
20
0
94379_03b
2 K/W
4 K/W
5 K/W
1.5
K/W
1 K/W
0.8
K/W
0.6
K/W
Maximum Allowable
Ambient Temperature (°C)
20
40
80
60
100
120
140
0
220
200
180
160
120
80
40
20
140
100
60
0
94379_04b
2 K/W
4 K/W
5 K/W
1.5 K/W
1 K/W
0.8
K/W
0.6
K/W
R
th
SA =
0.3
K/W
- Δ
R
Average On-State Current (A)
60
140
180
0
100
160
20
80
120
40
220
180
140
100
200
160
120
60
80
40
20
0
94379_04a
DC
180°
120°
90°
60°
30°
RMS limit
T
J = 140 °C
Conduction period
Ø


Similar Part No. - VS-111RKI40

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-111RKI VISHAY-VS-111RKI Datasheet
179Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 24-Jan-18
VS-111RKI VISHAY-VS-111RKI Datasheet
177Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
01-Jan-2022
VS-111RKIPBF VISHAY-VS-111RKIPBF Datasheet
177Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
01-Jan-2022
VS-111RKIPBF VISHAY-VS-111RKIPBF Datasheet
177Kb / 8P
   Phase Control Thyristors (Stud Version), 110 A
01-Jan-2022
More results

Similar Description - VS-111RKI40

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com