Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZV79C51 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZV79C51
Description  Surface Mount Zener Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZV79C51 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZV79C51 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZV79C51 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZV79C51 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZV79C51 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Small Signal Product
ELECTRICAL CHARACTERISTICS ( T
A= 25
oC unless otherwise noted )
Min
Max
BZV79C 2V4
2.28
2.56
5
100
1
600
100
1
BZV79C 2V7
2.51
2.89
5
100
1
600
75
1
BZV79C 3V0
2.8
3.2
5
95
1
600
50
1
BZV79C 3V3
3.1
3.5
5
95
1
600
25
1
BZV79C 3V6
3.4
3.8
5
90
1
600
15
1
BZV79C 3V9
3.7
4.1
5
90
1
600
10
1
BZV79C 4V3
4
4.6
5
90
1
600
5
1
BZV79C 4V7
4.4
5
5
80
1
500
3
2
BZV79C 5V1
4.8
5.4
5
60
1
480
2
2
BZV79C 5V6
5.2
6
5
40
1
400
1
2
BZV79C 6V2
5.8
6.6
5
10
1
150
3
4
BZV79C 6V8
6.4
7.2
5
15
1
80
2
4
BZV79C 7V5
7
7.9
5
15
1
80
1
5
BZV79C 8V2
7.7
8.7
5
15
1
80
0.7
5
BZV79C 9V1
8.5
9.6
5
15
1
100
0.5
6
BZV79C 10
9.4
10.6
5
20
1
150
0.2
7
BZV79C 11
10.4
11.6
5
20
1
150
0.1
8
BZV79C 12
11.4
12.7
5
25
1
150
0.1
8
BZV79C 13
12.4
14.1
5
30
1
170
0.1
8
BZV79C 15
13.8
15.6
5
30
1
200
0.05
10.5
BZV79C 16
15.3
17.1
5
40
1
200
0.05
11.2
BZV79C 18
16.8
19.1
5
45
1
225
0.05
12.6
BZV79C 20
18.8
21.2
5
55
1
225
0.05
14
BZV79C 22
20.8
23.3
5
55
1
250
0.05
15.4
BZV79C 24
22.8
25.6
5
70
1
250
0.05
16.8
BZV79C 27
25.1
28.9
2
80
0.5
300
0.05
18.9
BZV79C 30
28
32
2
80
0.5
300
0.05
21
BZV79C 33
31
35
2
80
0.5
325
0.05
23.1
BZV79C 36
34
38
2
90
0.5
350
0.05
25.2
BZV79C 39
37
41
2
130
0.5
350
0.05
27.3
BZV79C 43
40
46
2
150
0.5
375
0.05
30.1
BZV79C 47
44
50
2
170
0.5
375
0.05
32.9
BZV79C 51
48
54
2
180
0.5
400
0.05
35.7
BZV79C 56
52
60
2
200
0.5
425
0.05
39.2
BZV79C 62
58
66
2.5
215
0.5
1000
0.05
43.4
BZV79C 68
64
72
2.5
240
0.5
1000
0.05
47.6
BZV79C 75
70
80
2.5
255
0.5
1000
0.05
52.5
Notes : 1. The type numbers listed have zener voltage min/max limits as shown.
2. For detailed information on price, availability and delivery of nominal zener voltages between the voltages
shown and tighter voltage tolerances, contact your nearest Taiwan Semiconductor representative.
3. The zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an
RMS value equal to 10% of the dc zener current(IZT or IZK) is superimposed to IZT or IZK.
Document Number: DS_S1408009
Version: B14
Device Type
VZ @ IZT (Volt)
IZT
(mA)
VR
(V)
ZZT @ IZT (Ω)
Max
IZK
(mA)
ZZK @ IZK (Ω)
Max
IR @ VR(μA)
Max
BZV79C2V4 thru BZV79C75
Taiwan Semiconductor


Similar Part No. - BZV79C51

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZV79C51 TSC-BZV79C51 Datasheet
138Kb / 2P
   500mW Surface Mount Zener Voltage Regulator
BZV79C51 TSC-BZV79C51 Datasheet
152Kb / 2P
   500mW Surface Mount Zener Voltage Regulator
More results

Similar Description - BZV79C51

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
UDZS2V4B SECOS-UDZS2V4B Datasheet
343Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
MMBZ52XXBW SECOS-MMBZ52XXBW Datasheet
337Kb / 3P
   Surface Mount Zener Voltage Regulator Diodes
logo
Taiwan Semiconductor Co...
BZV79C2V0 TSC-BZV79C2V0 Datasheet
138Kb / 2P
   500mW Surface Mount Zener Voltage Regulator
BZV79C2V4 TSC-BZV79C2V4 Datasheet
152Kb / 2P
   500mW Surface Mount Zener Voltage Regulator
logo
SeCoS Halbleitertechnol...
BZX84C SECOS-BZX84C_15 Datasheet
453Kb / 3P
   Surface Mount Zener Voltage Regulator Diodes
BZX84C2V4W SECOS-BZX84C2V4W Datasheet
340Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
BZX84CXXXW SECOS-BZX84CXXXW_15 Datasheet
58Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
MMBZ5221B SECOS-MMBZ5221B Datasheet
196Kb / 4P
   Surface Mount Zener Voltage Regulator Diodes
logo
SEC Electronics Inc.
BZX84CXXX SECELECTRONICS-BZX84CXXX Datasheet
453Kb / 3P
   Surface Mount Zener Voltage Regulator Diodes
BZX84CXXXW SECELECTRONICS-BZX84CXXXW Datasheet
58Kb / 2P
   Surface Mount Zener Voltage Regulator Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com