Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-30TPS12-M3 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VS-30TPS12-M3
Description  Thyristor High Voltage, Phase Control SCR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-30TPS12-M3 Datasheet(HTML) 5 Page - Vishay Siliconix

  VS-30TPS12-M3 Datasheet HTML 1Page - Vishay Siliconix VS-30TPS12-M3 Datasheet HTML 2Page - Vishay Siliconix VS-30TPS12-M3 Datasheet HTML 3Page - Vishay Siliconix VS-30TPS12-M3 Datasheet HTML 4Page - Vishay Siliconix VS-30TPS12-M3 Datasheet HTML 5Page - Vishay Siliconix VS-30TPS12-M3 Datasheet HTML 6Page - Vishay Siliconix VS-30TPS12-M3 Datasheet HTML 7Page - Vishay Siliconix VS-30TPS12-M3 Datasheet HTML 8Page - Vishay Siliconix VS-30TPS12-M3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
VS-30TPS..PbF Series, VS-30TPS..-M3 Series
www.vishay.com
Vishay Semiconductors
Revision: 06-Feb-14
5
Document Number: 94386
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 8 - Thermal Impedance ZthJC Characteristics
Fig. 9 - Gate Characteristics
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
Square Wave Pulse Duration (s)
Steady State Value
(DC Operation)
Single Pulse
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
30TPS.. Series
0.1
1
10
100
0.001
0.01
0.1
1
10
100
(b )
(a )
(4)
(3)
(2)
(1)
Instantaneous Gate Current (A)
Frequency Limited by PG(AV)
IGD
VGD
30TPS.. Series
tr = 1 µs, tp >= 6 µs
<= 30% rated di/ dt: 10 V, 65 ohms
b)Recommend ed load line for
rated di/ dt: 10 V, 20 ohms
tr = 0.5 µs, tp >= 6 µs
a)Recommended load line for
Rec tangular gate p ulse
(1) PGM = 40 W, tp = 1 ms
(2) PGM = 20 W, tp = 2 ms
(3) PGM = 8 W, tp = 5 ms
(4) PGM = 4 W, tp = 10 ms


Similar Part No. - VS-30TPS12-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30TPS12-M3 VISHAY-VS-30TPS12-M3 Datasheet
215Kb / 9P
   Thyristor High Voltage, Phase Control SCR, 30 A
Revision: 06-Feb-14
VS-30TPS12-M3 VISHAY-VS-30TPS12-M3 Datasheet
179Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 30 A
Revision: 26-Feb-2019
More results

Similar Description - VS-30TPS12-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40TTS12PBF VISHAY-VS-40TTS12PBF Datasheet
119Kb / 7P
   Thyristor High Voltage, Phase Control SCR
Revision: 26-Jul-13
VS-40TPS16PBF VISHAY-VS-40TPS16PBF_15 Datasheet
211Kb / 9P
   Thyristor High Voltage, Phase Control SCR
Revision: 06-Feb-14
VS-25TTS08FP-M3 VISHAY-VS-25TTS08FP-M3 Datasheet
170Kb / 8P
   Thyristor High Voltage, Phase Control SCR,
Revision: 26-Jul-13
VS-30TPS12LHM3 VISHAY-VS-30TPS12LHM3 Datasheet
157Kb / 6P
   Thyristor High Voltage, Phase Control SCR
Revision: 22-Feb-18
VS-70TPS12PBF VISHAY-VS-70TPS12PBF_15 Datasheet
160Kb / 9P
   Thyristor High Voltage, Phase Control SCR
Revision: 15-Apr-14
VS-30TPS16LHM3 VISHAY-VS-30TPS16LHM3 Datasheet
148Kb / 6P
   Thyristor High Voltage, Phase Control SCR, 30 A
Revision: 22-Feb-18
VS-10TTS08PBF VISHAY-VS-10TTS08PBF_15 Datasheet
133Kb / 7P
   Thyristor High Voltage, Phase Control SCR
Revision: 26-Jul-13
VS-30TPS16PBF VISHAY-VS-30TPS16PBF_15 Datasheet
213Kb / 9P
   Thyristor High Voltage, Phase Control SCR
Revision: 06-Feb-14
VS-40TPS16LHM3 VISHAY-VS-40TPS16LHM3 Datasheet
145Kb / 6P
   Thyristor High Voltage, Phase Control SCR, 40 A
Revision: 23-Feb-18
VS-50TPS12LHM3 VISHAY-VS-50TPS12LHM3 Datasheet
137Kb / 6P
   Thyristor High Voltage, Phase Control SCR, 50 A
Revision: 23-Feb-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com