Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-30TPS16PBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VS-30TPS16PBF
Description  Thyristor High Voltage, Phase Control SCR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-30TPS16PBF Datasheet(HTML) 5 Page - Vishay Siliconix

  VS-30TPS16PBF Datasheet HTML 1Page - Vishay Siliconix VS-30TPS16PBF Datasheet HTML 2Page - Vishay Siliconix VS-30TPS16PBF Datasheet HTML 3Page - Vishay Siliconix VS-30TPS16PBF Datasheet HTML 4Page - Vishay Siliconix VS-30TPS16PBF Datasheet HTML 5Page - Vishay Siliconix VS-30TPS16PBF Datasheet HTML 6Page - Vishay Siliconix VS-30TPS16PBF Datasheet HTML 7Page - Vishay Siliconix VS-30TPS16PBF Datasheet HTML 8Page - Vishay Siliconix VS-30TPS16PBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
VS-30TPS16PbF, VS-30TPS16-M3
www.vishay.com
Vishay Semiconductors
Revision: 06-Feb-14
5
Document Number: 94387
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 9 - Gate Characteristics
ORDERING INFORMATION TABLE
ORDERING INFORMATION (Example)
PREFERRED P/N
QUANTITY PER T/R
MINIMUM ORDER QUANTITY
PACKAGING DESCRIPTION
VS-30TPS16PbF
25
500
Antistatic plastic tubes
VS-30TPS16-M3
25
500
Antistatic plastic tubes
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95542
Part marking information
TO-247AC PbF
www.vishay.com/doc?95226
TO-247AC -M3
www.vishay.com/doc?95007
0.1
1
10
100
0.001
0.01
0.1
1
10
100
(b)
(a )
(4)
(3)
(2)
(1)
InstantaneousGate Current (A)
Frequenc y Limited by PG(AV)
IGD
VGD
30TPS.. Series
tr = 1 µs, tp >= 6 µs
<= 30%rated di/ dt: 10 V, 65 ohms
b)Recommended load line for
rated di/ dt: 10 V, 20 ohms
tr = 0.5 µs, tp >= 6 µs
a)Rec ommended load line for
Rec tangular gate pulse
(1) PGM = 40 W, tp = 1 ms
(2) PGM = 20 W, tp = 2 ms
(3) PGM = 8 W, tp = 5 ms
(4) PGM = 4 W, tp = 10 ms
2
-
Current rating (30 = 30 A)
3
-
Circuit configuration:
4
-
Package:
5
T = Thyristor
-
Type of silicon:
6
-
Voltage rating (16 = 1600 V)
P = TO-247
S = Standard recovery rectifier
7
-
Device code
6
2
1
4
3
5
7
30
T
P
S
16
PbF
Environmental digit:
PbF = Lead (Pb)-free and RoHS compliant
-M3 = Halogen-free, RoHS compliant, and terminations lead (Pb)-free
VS-
1
-
Vishay Semiconductors product


Similar Part No. - VS-30TPS16PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30TPS16PBF VISHAY-VS-30TPS16PBF Datasheet
846Kb / 8P
   Thyristor High Voltage, Phase Control SCR, 30 A
Revision: 18-Jun-13
More results

Similar Description - VS-30TPS16PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40TTS12PBF VISHAY-VS-40TTS12PBF Datasheet
119Kb / 7P
   Thyristor High Voltage, Phase Control SCR
Revision: 26-Jul-13
VS-40TPS16PBF VISHAY-VS-40TPS16PBF_15 Datasheet
211Kb / 9P
   Thyristor High Voltage, Phase Control SCR
Revision: 06-Feb-14
VS-25TTS08FP-M3 VISHAY-VS-25TTS08FP-M3 Datasheet
170Kb / 8P
   Thyristor High Voltage, Phase Control SCR,
Revision: 26-Jul-13
VS-30TPS12LHM3 VISHAY-VS-30TPS12LHM3 Datasheet
157Kb / 6P
   Thyristor High Voltage, Phase Control SCR
Revision: 22-Feb-18
VS-70TPS12PBF VISHAY-VS-70TPS12PBF_15 Datasheet
160Kb / 9P
   Thyristor High Voltage, Phase Control SCR
Revision: 15-Apr-14
VS-30TPS16LHM3 VISHAY-VS-30TPS16LHM3 Datasheet
148Kb / 6P
   Thyristor High Voltage, Phase Control SCR, 30 A
Revision: 22-Feb-18
VS-30TPS08PBF VISHAY-VS-30TPS08PBF Datasheet
216Kb / 10P
   Thyristor High Voltage, Phase Control SCR
Revision: 06-Feb-14
VS-10TTS08PBF VISHAY-VS-10TTS08PBF_15 Datasheet
133Kb / 7P
   Thyristor High Voltage, Phase Control SCR
Revision: 26-Jul-13
VS-40TPS16LHM3 VISHAY-VS-40TPS16LHM3 Datasheet
145Kb / 6P
   Thyristor High Voltage, Phase Control SCR, 40 A
Revision: 23-Feb-18
VS-50TPS12LHM3 VISHAY-VS-50TPS12LHM3 Datasheet
137Kb / 6P
   Thyristor High Voltage, Phase Control SCR, 50 A
Revision: 23-Feb-18
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com