Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-25TTS12SPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VS-25TTS12SPBF
Description  Thyristor, Surface Mount, Phase Control SCR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-25TTS12SPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  VS-25TTS12SPBF Datasheet HTML 1Page - Vishay Siliconix VS-25TTS12SPBF Datasheet HTML 2Page - Vishay Siliconix VS-25TTS12SPBF Datasheet HTML 3Page - Vishay Siliconix VS-25TTS12SPBF Datasheet HTML 4Page - Vishay Siliconix VS-25TTS12SPBF Datasheet HTML 5Page - Vishay Siliconix VS-25TTS12SPBF Datasheet HTML 6Page - Vishay Siliconix VS-25TTS12SPBF Datasheet HTML 7Page - Vishay Siliconix VS-25TTS12SPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
VS-25TTS...SPbF Series
www.vishay.com
Vishay Semiconductors
Revision: 25-Jul-13
1
Document Number: 94383
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thyristor, Surface Mount, Phase Control SCR, 16 A
FEATURES
• Meets
MSL
level
1,
per
J-STD-020,
LF maximum peak of 260 °C
• Designed
and
qualified
according
JEDEC-JESD47
• Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Input rectification (soft start)
• Vishay input diodes, switches and output rectifiers which
are available in identical package outlines
DESCRIPTION
The VS-25TTS...SPbF High Voltage Series of silicon
controlled rectifiers are specifically designed for medium
power switching and phase control applications. The glass
passivation technology used has reliable operation up to
125 °C junction temperature.
Note
•TA = 55 °C, TJ = 125 °C, footprint 300 mm2
PRODUCT SUMMARY
Package
TO-263AB (D2PAK)
Diode variation
Single SCR
IT(AV)
16 A
VDRM/VRRM
800 V, 1200 V
VTM
1.25 V
IGT
45 mA
TJ
- 40 to 125 °C
Gate
2
Anode
Cathode
1
3
1
2
3
TO-263AB (D2PAK)
OUTPUT CURRENT IN TYPICAL APPLICATIONS
APPLICATIONS
SINGLE-PHASE BRIDGE
THREE-PHASE BRIDGE
UNITS
NEMA FR-4 or G10 glass fabric-based epoxy
with 4 oz. (140 μm) copper
3.5
5.5
A
Aluminum IMS, RthCA = 15 °C/W
8.5
13.5
Aluminum IMS with heatsink, RthCA = 5 °C/W
16.5
25.0
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IT(AV)
Sinusoidal waveform
16
A
IRMS
25
VRRM/VDRM
800 to 1200
V
ITSM
350
A
VT
16 A, TJ = 25 °C
1.25
V
dV/dt
500
V/μs
dI/dt
150
A/μs
TJ
- 40 to 125
°C
VOLTAGE RATINGS
PART NUMBER
VRRM, MAXIMUM PEAK
REVERSE VOLTAGE
V
VDRM, MAXIMUM PEAK
DIRECT VOLTAGE
V
IRRM/IDRM,
AT 125 °C
mA
VS-25TTS08SPbF
800
800
10
VS-25TTS12SPbF
1200
1200


Similar Part No. - VS-25TTS12SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25TTS12SPBF VISHAY-VS-25TTS12SPBF Datasheet
817Kb / 7P
   Thyristor, Surface Mount, Phase Control SCR, 16 A
Revision: 05-Jul-13
More results

Similar Description - VS-25TTS12SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25TTS12SLHM3 VISHAY-VS-25TTS12SLHM3 Datasheet
199Kb / 8P
   Thyristor, Surface Mount, Phase Control SCR, 16 A
Revision: 22-Feb-18
VS-25TTS16SLHM3 VISHAY-VS-25TTS16SLHM3 Datasheet
150Kb / 6P
   Thyristor Surface Mount, Phase Control SCR
Revision: 22-Feb-18
VS-16TTS16SPBF VISHAY-VS-16TTS16SPBF Datasheet
161Kb / 8P
   Thyristor Surface Mount Phase Control SCR
Revision: 19-Jun-13
VS-12TTS08S-M3 VISHAY-VS-12TTS08S-M3 Datasheet
174Kb / 7P
   Thyristor Surface Mount, Phase Control SCR, 8 A
Revision: 09-Jul-15
VS-25TTS16SPBF VISHAY-VS-25TTS16SPBF Datasheet
181Kb / 7P
   Thyristor Surface Mount, Phase Control SCR, 16 A
Revision: 09-Jul-15
VS-16TTS16SPBF VISHAY-VS-16TTS16SPBF_V01 Datasheet
142Kb / 7P
   Thyristor Surface Mount Phase Control SCR, 16 A
08-Feb-17
VS-12TTS08SPBF VISHAY-VS-12TTS08SPBF Datasheet
150Kb / 7P
   Thyristor Surface Mount, Phase Control SCR, 8 A
08-Feb-17
VS-25TTS16SLHM3 VISHAY-VS-25TTS16SLHM3_V01 Datasheet
185Kb / 7P
   Thyristor Surface Mount, Phase Control SCR, 16 A
01-Jan-2022
VS-12TTS08S-M3 VISHAY-VS-12TTS08S-M3_V01 Datasheet
188Kb / 7P
   Thyristor Surface Mount, Phase Control SCR, 8 A
01-Jan-2022
VS-16TTS16S-M3 VISHAY-VS-16TTS16S-M3_V01 Datasheet
177Kb / 7P
   Thyristor Surface Mount Phase Control SCR, 16 A
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com