Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZV55C18 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # BZV55C18
Description  5% Tolerance SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZV55C18 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BZV55C18 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZV55C18 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZV55C18 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZV55C18 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZV55C18 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PART NO.
Note 1: "xxx" defines voltage from 2.4V (BZV55C2V4) to 75V (BZV55C75)
PART NO.
BZV55C75
BZV55C75
BZV55C75
Min
Max
Min
Max
A
3.30
3.70
0.130
0.146
B
1.40
1.60
0.055
0.063
C
0.20
0.50
0.008
0.020
A
B
C
D
Document Number: DS_S1408008
Version: F14
1.25
0.049
2.00
0.079
2.50
0.098
5.00
0.197
SUGGEST PAD LAYOUT
DIM.
Unit (mm)
Unit (inch)
Typ.
Typ.
PACKING CODE
GREEN COMPOUND
CODE
BZV55Cxxx
(Note1)
(Note 2)
L0
Small Signal Product
L1
Note 2: Manufacture special control, if empty means no special control requirement.
EXAMPLE
PACKAGE OUTLINE DIMENSION
DIM.
Unit (mm)
Unit (inch)
PREFERRED P/N
MANUFACTURE
CODE
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
BZV55C75 L0G
L0
G
Green compound
BZV55C75-L0 L0G
L0
L0
G
Green compound
BZV55C75-B0 L0G
B0
L0
G
Green compound
PACKAGE
LL34
PACKING
10K / 13" Reel
2.5K / 7" Reel
BZV55C2V4 thru BZV55C75
Taiwan Semiconductor
G
ORDERING INFORMATION
MANUFACTURE
CODE
C
B
A


Similar Part No. - BZV55C18

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
BZV55C18 CDI-DIODE-BZV55C18 Datasheet
15Kb / 1P
   ZENER DIODES
logo
Kingtronics Internation...
BZV55C18 KINGTRONICS-BZV55C18 Datasheet
432Kb / 3P
   BZV55C-SERIES SILICON PLANAR ZENER DIODES
logo
Central Semiconductor C...
BZV55C18 CENTRAL-BZV55C18 Datasheet
81Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODE 0.5 WATT, 2.4 THRU 75 VOLTS 짹 5ANCE
logo
Microsemi Corporation
BZV55C18 MICROSEMI-BZV55C18 Datasheet
24Kb / 1P
   LEADLESS PACKAGE FOR SURFACE MOUNT
logo
EIC discrete Semiconduc...
BZV55C18 EIC-BZV55C18 Datasheet
43Kb / 2P
   ZENER DIODES
More results

Similar Description - BZV55C18

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C2V4S TSC-BZT52C2V4S_14 Datasheet
247Kb / 5P
   5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4_14 Datasheet
241Kb / 5P
   5% Tolerance SMD Zener Diode
BZT52C2V4 TSC-BZT52C2V4_14 Datasheet
230Kb / 5P
   5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4_14 Datasheet
237Kb / 5P
   5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_10 Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
BZT52C2V4S TSC-BZT52C2V4S Datasheet
177Kb / 3P
   200mW, 5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4 Datasheet
130Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4 Datasheet
299Kb / 3P
   500mW,5% Tolerance SMD Zener Diode
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com