Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1262C Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1262C
Description  12V, 30mA Flash Memory Programming Supply
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1262C Datasheet(HTML) 3 Page - Linear Technology

  LTC1262C Datasheet HTML 1Page - Linear Technology LTC1262C Datasheet HTML 2Page - Linear Technology LTC1262C Datasheet HTML 3Page - Linear Technology LTC1262C Datasheet HTML 4Page - Linear Technology LTC1262C Datasheet HTML 5Page - Linear Technology LTC1262C Datasheet HTML 6Page - Linear Technology LTC1262C Datasheet HTML 7Page - Linear Technology LTC1262C Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC1262
TYPICAL PERFORMANCE CHARACTERISTICS
PI FU CTIO S
VOUT (Pin 6): 12V Output. Connect a 4.7µF bypass capaci-
tor COUT to ground. When in the shutdown mode VOUT =
VCC.
GND (Pin 7): Ground.
SHDN (Pin 8): Logic Level Shutdown Pin. Application of a
logic low at SHDN pin will place the regulator in normal
operation. With no external connection, or with SHDN tied
to VCC, the device will be put into shutdown mode. Connect
to GND for normal operation. In shutdown mode the
charge pump is turned off and VOUT = VCC.
Efficiency vs Output Current
Shutdown Supply Current
vs Temperature
Output Voltage vs Output Current
C1(Pin 1): C1 Negative Input. Connect a 0.22
µF capaci-
tor C1 between C1+ and C1.
C1+ (Pin 2): C1 Positive Input. Connect a 0.22
µF capaci-
tor C1 between C1+ and C1.
C2 (Pin 3): C2 Negative Input. Connect a 0.22
µF capaci-
tor C2 between C2+ and C2 .
C2+ (Pin 4): C2 Positive Input. Connect a 0.22
µF capaci-
tor C2 between C2+ and C2 .
VCC (Pin 5): Positive Supply Input Where 4.75V ≤ VCC
≤ 5.5V. Connect a 4.7µF bypass capacitor CIN to ground.
Supply Current vs Supply Voltage
SUPPLY VOLTAGE (V)
4.5
480
500
520
540
560
600
4.75
5.0
5.25
5.5
LTC1262 G03
5.75
6.0
580
TA = 70°C
IOUT = 0
TA = 25°C
TA = 0°C
OUTPUT CURRENT (mA)
0
55
60
65
70
75
85
10
20
30
40
LTC1262 G01
50
80
VCC = 4.75V
VCC = 5V
VCC = 5.5V
TEMPERATURE (
°C)
–50
0
0.6
1.2
1.8
2.4
3.6
–25
025
50
LTC1262 G02
75
100
3.0
VCC = 5V
OUTPUT CURRENT (mA)
0
5
10 15 20 25 30 35 40 45 50
12.2
12.0
11.8
11.6
11.4
11.2
11.0
10.8
10.6
10.4
10.2
1262 G04
VCC = 4.75V
VCC = 5.5V
VCC = 5V


Similar Part No. - LTC1262C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1262 LINER-LTC1262 Datasheet
209Kb / 8P
   12V, 30mA Flash Memory Programming Supply
LTC1262 LINER-LTC1262_15 Datasheet
209Kb / 8P
   12V, 30mA Flash Memory Programming Supply
More results

Similar Description - LTC1262C

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8052 BELLING-BL8052 Datasheet
596Kb / 5P
   12V, 30mA Flash Memory Programming Supply
logo
Linear Technology
LTC1262 LINER-LTC1262_15 Datasheet
209Kb / 8P
   12V, 30mA Flash Memory Programming Supply
logo
Maxim Integrated Produc...
MAX662A MAXIM-MAX662A Datasheet
75Kb / 6P
   12V, 30mA Flash Memory Programming Supply
Rev 1; 8/94
MAX662EVKIT MAXIM-MAX662EVKIT Datasheet
350Kb / 8P
   12V, 30mA Flash Memory Programming Supply
Rev 0; 12/92
logo
Linear Technology
LTC1263IS8 LINER-LTC1263IS8 Datasheet
223Kb / 8P
   12V, 60mA Flash Memory Programming Supply
LTC1263IS8 LINER-LTC1263IS8 Datasheet
207Kb / 8P
   12V, 60mA Flash Memory Programming Supply
logo
Maxim Integrated Produc...
MAX734 MAXIM-MAX734 Datasheet
323Kb / 8P
   12V, 120mA Flash Memory Programming Supply
19-4670; Rev 2; 1/93
logo
Linear Technology
LTC1263 LINER-LTC1263_15 Datasheet
207Kb / 8P
   12V, 60mA Flash Memory Programming Supply
LTC1263 LINER-LTC1263 Datasheet
221Kb / 8P
   12V, 60mA Flash Memory Programming Supply
logo
Maxim Integrated Produc...
MAX734CSA-T MAXIM-MAX734CSA-T Datasheet
7Mb / 20P
   12,120mA Flash Memory Programming Supply
Rev 2; 1/93
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com