Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-25TTS08FPPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-25TTS08FPPBF
Description  Thyristor High Voltage, Phase Control SCR,
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-25TTS08FPPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-25TTS08FPPBF Datasheet HTML 1Page - Vishay Siliconix VS-25TTS08FPPBF Datasheet HTML 2Page - Vishay Siliconix VS-25TTS08FPPBF Datasheet HTML 3Page - Vishay Siliconix VS-25TTS08FPPBF Datasheet HTML 4Page - Vishay Siliconix VS-25TTS08FPPBF Datasheet HTML 5Page - Vishay Siliconix VS-25TTS08FPPBF Datasheet HTML 6Page - Vishay Siliconix VS-25TTS08FPPBF Datasheet HTML 7Page - Vishay Siliconix VS-25TTS08FPPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VS-25TTS..FPPbF Series, VS-25TTS..FP-M3 Series
www.vishay.com
Vishay Semiconductors
Revision: 26-Jul-13
4
Document Number: 94384
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - On-State Voltage Drop Characteristics
Fig. 8 - Thermal Impedance ZthJC Characteristics
150
200
250
300
350
110
100
Number Of Equal Amplitude Half Cycle Current Pulses(N)
Initial T = 125°C
@60 Hz 0.0083 s
@50 Hz 0.0100 s
J
25TTS.. Series
At Any Rated Load Cond ition And With
Rated V
Applied Following Surge.
RRM
100
150
200
250
300
350
400
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Of Conduc tion Ma y Not Be Mainta ined.
Initia l T = 125°C
No Voltage Reapplied
Rated V
Reapp lied
RRM
J
25TTS.. Series
1
10
100
1000
01
2
3
4
5
T = 25°C
J
Instanta neous On-state Voltage (V)
T = 125°C
J
25TTS.. Series
SquareWavePulseDuration(s)
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
1E+01
1E+02
0.01
0.1
1
10
Single Pulse
(Thermal Resistance)
D = 0.02
D = 0.05
D = 0.1
D = 0.2
D = 0.5
D = 0.01


Similar Part No. - VS-25TTS08FPPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25TTS08FP-M3 VISHAY-VS-25TTS08FP-M3 Datasheet
172Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 25 A
01-Jan-2022
VS-25TTS08FP-M3 VISHAY-VS-25TTS08FP-M3_V01 Datasheet
172Kb / 7P
   Thyristor High Voltage, Phase Control SCR, 25 A
01-Jan-2022
More results

Similar Description - VS-25TTS08FPPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-40TTS12PBF VISHAY-VS-40TTS12PBF Datasheet
119Kb / 7P
   Thyristor High Voltage, Phase Control SCR
Revision: 26-Jul-13
VS-40TPS16PBF VISHAY-VS-40TPS16PBF_15 Datasheet
211Kb / 9P
   Thyristor High Voltage, Phase Control SCR
Revision: 06-Feb-14
VS-30TPS12LHM3 VISHAY-VS-30TPS12LHM3 Datasheet
157Kb / 6P
   Thyristor High Voltage, Phase Control SCR
Revision: 22-Feb-18
VS-70TPS12PBF VISHAY-VS-70TPS12PBF_15 Datasheet
160Kb / 9P
   Thyristor High Voltage, Phase Control SCR
Revision: 15-Apr-14
VS-30TPS16LHM3 VISHAY-VS-30TPS16LHM3 Datasheet
148Kb / 6P
   Thyristor High Voltage, Phase Control SCR, 30 A
Revision: 22-Feb-18
VS-30TPS08PBF VISHAY-VS-30TPS08PBF Datasheet
216Kb / 10P
   Thyristor High Voltage, Phase Control SCR
Revision: 06-Feb-14
VS-10TTS08PBF VISHAY-VS-10TTS08PBF_15 Datasheet
133Kb / 7P
   Thyristor High Voltage, Phase Control SCR
Revision: 26-Jul-13
VS-30TPS16PBF VISHAY-VS-30TPS16PBF_15 Datasheet
213Kb / 9P
   Thyristor High Voltage, Phase Control SCR
Revision: 06-Feb-14
VS-40TPS16LHM3 VISHAY-VS-40TPS16LHM3 Datasheet
145Kb / 6P
   Thyristor High Voltage, Phase Control SCR, 40 A
Revision: 23-Feb-18
VS-50TPS12LHM3 VISHAY-VS-50TPS12LHM3 Datasheet
137Kb / 6P
   Thyristor High Voltage, Phase Control SCR, 50 A
Revision: 23-Feb-18
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com