Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-22RIA10 Datasheet(PDF) 7 Page - Vishay Siliconix

Part # VS-22RIA10
Description  Medium Power Phase Control Thyristors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-22RIA10 Datasheet(HTML) 7 Page - Vishay Siliconix

  VS-22RIA10 Datasheet HTML 1Page - Vishay Siliconix VS-22RIA10 Datasheet HTML 2Page - Vishay Siliconix VS-22RIA10 Datasheet HTML 3Page - Vishay Siliconix VS-22RIA10 Datasheet HTML 4Page - Vishay Siliconix VS-22RIA10 Datasheet HTML 5Page - Vishay Siliconix VS-22RIA10 Datasheet HTML 6Page - Vishay Siliconix VS-22RIA10 Datasheet HTML 7Page - Vishay Siliconix VS-22RIA10 Datasheet HTML 8Page - Vishay Siliconix VS-22RIA10 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 95333
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 07-Jul-08
1
TO-208AA (TO-48)
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters (inches)
1/4"-28UNF-2A
For metric device M6 x 1
45°
Ø 3.9/4.1
(Ø 0.15/0.16)
Ø 15.5
(Ø 0.61)
Ø 1.7/1.8
(Ø 0.06/0.07)
12.8 MAX.
(0.5 MAX.)
22.2 MAX.
(0.87 MAX.)
30.2 MAX.
(0.18 MAX.)
10.7/11.5
(0.42/0.45)
Across flats
13.8/14.3
(0.54/0.56)


Similar Part No. - VS-22RIA10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
VS-22RIA120 IRF-VS-22RIA120 Datasheet
229Kb / 9P
   MEDIUM POWER THYRISTORS
More results

Similar Description - VS-22RIA10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10RIA VISHAY-VS-10RIA Datasheet
184Kb / 8P
   Medium Power Phase Control Thyristors
Revision: 19-Nov-15
VS-25RIA10 VISHAY-VS-25RIA10 Datasheet
199Kb / 9P
   Medium Power Phase Control Thyristors
Revision: 11-Mar-14
VS-16RIA10 VISHAY-VS-16RIA10 Datasheet
197Kb / 9P
   Medium Power Phase Control Thyristors
Revision: 11-Mar-14
VS-10RIA04 VISHAY-VS-10RIA04 Datasheet
196Kb / 9P
   Medium Power Phase Control Thyristors
Revision: 11-Mar-14
VS-25RIA VISHAY-VS-25RIA Datasheet
197Kb / 8P
   Medium Power Phase Control Thyristors
Revision: 11-Mar-14
logo
International Rectifier
T50RIA100 IRF-T50RIA100 Datasheet
229Kb / 11P
   MEDIUM POWER PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
VS-16RIA VISHAY-VS-16RIA Datasheet
187Kb / 8P
   Medium Power Phase Control Thyristors
Revision: 19-Nov-15
logo
New Jersey Semi-Conduct...
16RIA NJSEMI-16RIA Datasheet
267Kb / 4P
   Medium Power Phase Control Thyristors
logo
Vishay Siliconix
T50RIA10 VISHAY-T50RIA10_15 Datasheet
264Kb / 14P
   Medium Power Phase Control Thyristors
Revision: 03-Jun-08
VS-22RIA VISHAY-VS-22RIA Datasheet
186Kb / 8P
   Medium Power Phase Control Thyristors
Revision: 19-Nov-15
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com