Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T70RIA10 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # T70RIA10
Description  Medium Power Phase Control Thyristors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T70RIA10 Datasheet(HTML) 3 Page - Vishay Siliconix

  T70RIA10 Datasheet HTML 1Page - Vishay Siliconix T70RIA10 Datasheet HTML 2Page - Vishay Siliconix T70RIA10 Datasheet HTML 3Page - Vishay Siliconix T70RIA10 Datasheet HTML 4Page - Vishay Siliconix T70RIA10 Datasheet HTML 5Page - Vishay Siliconix T70RIA10 Datasheet HTML 6Page - Vishay Siliconix T70RIA10 Datasheet HTML 7Page - Vishay Siliconix T70RIA10 Datasheet HTML 8Page - Vishay Siliconix T70RIA10 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Document Number: 93756
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 03-Jun-08
3
T..RIA Series
Medium Power Phase Control Thyristors
(Power Modules), 50 A/70 A/90 A
Vishay High Power Products
Note
(1) Available with dV/dt = 1000 V/µs, to complete code add S90 i.e. T90RIA80S90
BLOCKING
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum peak reverse and
off-state leakage current
IRRM,
IDRM
TJ = TJ maximum
15
mA
RMS isolation voltage
VISOL
50 Hz, circuit to base, all terminals shorted, TJ = 25 °C, t = 1 s
3500
V
Critical rate of rise of
off-state voltage
dV/dt
TJ = TJ maximum, linear to 80 % rated VDRM (1)
500
V/µs
TRIGGERING
PARAMETER
SYMBOL
TEST CONDITIONS
T50RIA T70RIA T90RIA
UNITS
Maximum peak gate power
PGM
TJ = TJ maximum, tp ≤ 5 ms
10
12
12
W
Maximum average
gate power
PG(AV)
TJ = TJ maximum, f = 50 Hz
2.5
3
3
Maximum peak gate current
IGM
TJ = TJ maximum, tp ≤ 5 ms
2.5
3
3
A
Maximum peak
negative gate voltage
-VGT
10
10
10
V
Maximum required
DC gate voltage to trigger
VGT
TJ = - 40 °C
Anode supply = 6 V,
resistive load; Ra = 1
Ω
4.0
4.0
4.0
V
TJ = 25 °C
2.5
2.5
2.5
TJ = TJ maximum
1.5
1.5
1.5
Maximum required
DC gate current to trigger
IGT
TJ = - 40 °C
250
270
270
mA
TJ = 25 °C
100
120
120
TJ = TJ maximum
50
60
60
Maximum gate voltage
that will not trigger
VGD
TJ = TJ maximum, rated VDRM applied
0.2
0.2
0.2
V
Maximum gate current
that will not trigger
IGD
5.0
6.0
6.0
mA
Maximum rate of rise of
turned-on current
dI/dt
VD = 0.67 rated VDRM, ITM = 2 x rated dI/dt
Ig = 400 mA for T50RIA and Ig = 500 mA for T70RIA/T90RIA;
tr < 0.5 µs, tp ≥ 6 µs
For repetitive value use 40 % non-repetitive
Per JEDEC STD. RS397, 5.2.2.6
200
200
200
A/µs
180
180
180
160
160
160
150
150
150


Similar Part No. - T70RIA10

ManufacturerPart #DatasheetDescription
logo
International Rectifier
T70RIA10 IRF-T70RIA10 Datasheet
229Kb / 11P
   MEDIUM POWER PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
T70RIA10 VISHAY-T70RIA10 Datasheet
244Kb / 12P
   Medium Power Phase Control Thyristors (Power Modules), 50 A/70 A/90 A
Revision: 03-Jun-08
logo
International Rectifier
T70RIA100 IRF-T70RIA100 Datasheet
229Kb / 11P
   MEDIUM POWER PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
T70RIA100 VISHAY-T70RIA100 Datasheet
244Kb / 12P
   Medium Power Phase Control Thyristors (Power Modules), 50 A/70 A/90 A
Revision: 03-Jun-08
More results

Similar Description - T70RIA10

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10RIA VISHAY-VS-10RIA Datasheet
184Kb / 8P
   Medium Power Phase Control Thyristors
Revision: 19-Nov-15
VS-22RIA10 VISHAY-VS-22RIA10 Datasheet
198Kb / 9P
   Medium Power Phase Control Thyristors
Revision: 11-Mar-14
VS-25RIA10 VISHAY-VS-25RIA10 Datasheet
199Kb / 9P
   Medium Power Phase Control Thyristors
Revision: 11-Mar-14
VS-16RIA10 VISHAY-VS-16RIA10 Datasheet
197Kb / 9P
   Medium Power Phase Control Thyristors
Revision: 11-Mar-14
VS-10RIA04 VISHAY-VS-10RIA04 Datasheet
196Kb / 9P
   Medium Power Phase Control Thyristors
Revision: 11-Mar-14
VS-25RIA VISHAY-VS-25RIA Datasheet
197Kb / 8P
   Medium Power Phase Control Thyristors
Revision: 11-Mar-14
logo
International Rectifier
T50RIA100 IRF-T50RIA100 Datasheet
229Kb / 11P
   MEDIUM POWER PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
VS-16RIA VISHAY-VS-16RIA Datasheet
187Kb / 8P
   Medium Power Phase Control Thyristors
Revision: 19-Nov-15
logo
New Jersey Semi-Conduct...
16RIA NJSEMI-16RIA Datasheet
267Kb / 4P
   Medium Power Phase Control Thyristors
logo
Vishay Siliconix
VS-22RIA VISHAY-VS-22RIA Datasheet
186Kb / 8P
   Medium Power Phase Control Thyristors
Revision: 19-Nov-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com