Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT55C43 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # BZT55C43
Description  5% Tolerance SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT55C43 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BZT55C43 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT55C43 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT55C43 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZT55C43 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZT55C43 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PART NO.
PACKING
10K / 13" Reel
2.5K / 7" Reel
Note 1: "xxx" defines voltage from 2.4V (BZT55C2V4) to 75V (BZT55C75)
PART NO.
BZT55C75
BZT55C75
BZT55C75
Min
Max
Min
Max
A
3.30
3.70
0.130
0.146
B
1.40
1.60
0.055
0.063
C
0.20
0.45
0.008
0.018
D
A
B
C
D
Document Number: DS_S1408007
Version: F14
BZT55C75-B0 L0G
B0
L0
G
Green compound
BZT55C2V4 thru BZT55C75
Taiwan Semiconductor
G
BZT55C75 L0G
L0
G
Green compound
BZT55C75-L0 L0G
L0
L0
G
Green compound
Note 2: Manufacture special control, if empty means no special control requirement.
EXAMPLE
PREFERRED P/N
MANUFACTURE
CODE
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
PACKAGE
BZT55Cxxx
(Note1)
(Note 2)
L0
Quadro Mini-MELF (Glass Seal)
L1
Quadro Mini-MELF (Glass Seal)
Small Signal Product
ORDERING INFORMATION
MANUFACTURE
CODE
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE OUTLINE DIMENSION
DIM.
Unit (mm)
Unit (inch)
1.8 TYP.
0.071 TYP.
SUGGEST PAD LAYOUT
DIM.
Unit (mm)
Unit (inch)
Typ.
Typ.
1.25
0.049
2.00
0.079
2.50
0.098
5.00
0.197
C
B
A
D


Similar Part No. - BZT55C43

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BZT55C43 TEMIC-BZT55C43 Datasheet
82Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
logo
Vishay Siliconix
BZT55C43 VISHAY-BZT55C43 Datasheet
79Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 3, 01-Apr-99
logo
Taiwan Semiconductor Co...
BZT55C43 TSC-BZT55C43 Datasheet
267Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
logo
Vishay Siliconix
BZT55C43 VISHAY-BZT55C43 Datasheet
193Kb / 8P
   Small Signal Zener Diodes
Rev. 1.5, 10-Mar-06
logo
SEMTECH ELECTRONICS LTD...
BZT55C43 SEMTECH_ELEC-BZT55C43 Datasheet
312Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
More results

Similar Description - BZT55C43

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C2V4S TSC-BZT52C2V4S_14 Datasheet
247Kb / 5P
   5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4_14 Datasheet
241Kb / 5P
   5% Tolerance SMD Zener Diode
BZV55C2V4 TSC-BZV55C2V4_14 Datasheet
240Kb / 5P
   5% Tolerance SMD Zener Diode
BZT52C2V4 TSC-BZT52C2V4_14 Datasheet
230Kb / 5P
   5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_10 Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
BZT52C2V4S TSC-BZT52C2V4S Datasheet
177Kb / 3P
   200mW, 5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4 Datasheet
130Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4 Datasheet
299Kb / 3P
   500mW,5% Tolerance SMD Zener Diode
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com