Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52B68S Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BZT52B68S
Description  200mW, 2% Tolerance SMD Zener Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT52B68S Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BZT52B68S Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT52B68S Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT52B68S Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZT52B68S Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZT52B68S Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZT52B68S Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
(TA=25
℃ unless otherwise noted)
Document Number: DS_S1404022
Version: C14
Small Signal Product
BZT52B2V4S - BZT52B75S
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
0.01
0.1
1
10
100
01
234
56
789
10 11 12
Zener Voltage (V)
Fig. 2 Zener Breakdown Characteristics
TA=25oC
0.01
0.1
1
10
100
15
25
35
45
55
65
75
85
Zener Voltage (V)
Fig. 3 Zener Breakdown Characteristics
1
10
100
1000
110
100
Zener Voltage (V)
Fig. 5 Typical Capacitance
0
100
200
300
400
500
600
700
0
50
100
150
200
Ambient Temperature (oC)
Fig. 4 Admissible Power Dissipation Curve
1
10
100
1000
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Forward Voltage (V)
Fig. 1 Typical Forward Characteristics
TA=25oC
1
10
100
1000
110
100
Zener Voltage (V)
Fig. 6 Effect of Zener Voltage on Impedence
IZ=5mA
IZ=120mA
Bias at 50% of VZ (Nom)
1V Bias
IZ=1mA


Similar Part No. - BZT52B68S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52B68S TSC-BZT52B68S Datasheet
135Kb / 3P
   200mW, 2% Tolerance SMD Zener Diode
logo
Diode Semiconductor Kor...
BZT52B68S DSK-BZT52B68S Datasheet
252Kb / 4P
   Surface mount zener diode
logo
Shenzhen Luguang Electr...
BZT52B68S LUGUANG-BZT52B68S Datasheet
1Mb / 3P
   Surface Mount Zener Diodes
logo
Thinki Semiconductor Co...
BZT52B68S THINKISEMI-BZT52B68S Datasheet
806Kb / 4P
   ThinkiSemi 200mW,짹2% Tolerance,SOD-323 Outline Zener Diodes
More results

Similar Description - BZT52B68S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52B2V4S TSC-BZT52B2V4S Datasheet
135Kb / 3P
   200mW, 2% Tolerance SMD Zener Diode
BZT52C2V4S TSC-BZT52C2V4S Datasheet
177Kb / 3P
   200mW, 5% Tolerance SMD Zener Diode
BZY55B2V4 TSC-BZY55B2V4_14 Datasheet
241Kb / 5P
   2% Tolerance SMD Zener Diode
BZX584B4V7 TSC-BZX584B4V7 Datasheet
247Kb / 6P
   2% Zener Voltage Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZS55B2V4 TSC-BZS55B2V4 Datasheet
137Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZY55B2V4 TSC-BZY55B2V4 Datasheet
146Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4 Datasheet
124Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4_14 Datasheet
227Kb / 6P
   500mW, 2% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com