Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

111RKI80 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 111RKI80
Description  Phase Control Thyristors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

111RKI80 Datasheet(HTML) 6 Page - Vishay Siliconix

  111RKI80 Datasheet HTML 1Page - Vishay Siliconix 111RKI80 Datasheet HTML 2Page - Vishay Siliconix 111RKI80 Datasheet HTML 3Page - Vishay Siliconix 111RKI80 Datasheet HTML 4Page - Vishay Siliconix 111RKI80 Datasheet HTML 5Page - Vishay Siliconix 111RKI80 Datasheet HTML 6Page - Vishay Siliconix 111RKI80 Datasheet HTML 7Page - Vishay Siliconix 111RKI80 Datasheet HTML 8Page - Vishay Siliconix 111RKI80 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93692
6
Revision: 06-Jun-08
110/111RKI Series
Vishay High Power Products Phase Control Thyristors
(Stud Version), 110 A
Fig. 9 - Gate Characteristics
ORDERING INFORMATION TABLE
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
VGD
IGD
(b)
(a)
(1)
(3)
Instantaneous Gate Current (A)
a) Recommended load line for
b) Recommended load line for
Frequency Limited by PG(AV)
(2)
(1) PGM = 12W, tp = 5ms
(2) PGM = 30W, tp = 2ms
(3) PGM = 60W, tp = 1ms
(4) PGM = 200W, tp = 300µs
<=30% rated di/dt: 15V, 40ohms
tr<=1 µs, tp=>6µs
Device: 111RKI Series
rated di/dt: 20V, 30ohms;
tr<=0.5 µs, tp=>6µs
Rectangular gate pulse
(4)
1
-IT(AV) rated average output current (rounded/10)
4
-
Voltage code x 10 = VRRM (see Voltage Ratings table)
3
-
Thyristor
2
-
0 = Eyelet terminals (gate and auxiliary cathode leads)
1 = Fast-on terminals (gate and auxiliary cathode leads)
Device code
13
24
11
1
RKI
120
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95003


Similar Part No. - 111RKI80

ManufacturerPart #DatasheetDescription
logo
International Rectifier
111RKI80 IRF-111RKI80 Datasheet
283Kb / 7P
   PHASE CONTROL THYRISTORS Stud Version
111RKI80 IRF-111RKI80 Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
111RKI80 VISHAY-111RKI80 Datasheet
179Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 06-Jun-08
111RKI80PBF VISHAY-111RKI80PBF Datasheet
138Kb / 7P
   Phase Control Thyristors (Stud Version), 110 A
Revision: 11-Aug-08
logo
International Rectifier
111RKI80S90 IRF-111RKI80S90 Datasheet
283Kb / 7P
   PHASE CONTROL THYRISTORS Stud Version
More results

Similar Description - 111RKI80

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com