Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

181RKI40 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 181RKI40
Description  Phase Control Thyristors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

181RKI40 Datasheet(HTML) 6 Page - Vishay Siliconix

  181RKI40_15 Datasheet HTML 1Page - Vishay Siliconix 181RKI40_15 Datasheet HTML 2Page - Vishay Siliconix 181RKI40_15 Datasheet HTML 3Page - Vishay Siliconix 181RKI40_15 Datasheet HTML 4Page - Vishay Siliconix 181RKI40_15 Datasheet HTML 5Page - Vishay Siliconix 181RKI40_15 Datasheet HTML 6Page - Vishay Siliconix 181RKI40_15 Datasheet HTML 7Page - Vishay Siliconix 181RKI40_15 Datasheet HTML 8Page - Vishay Siliconix 181RKI40_15 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93699
6
Revision: 05-Jun-08
180/181RKI Series
Vishay High Power Products Phase Control Thyristors
(Stud Version), 180 A
Fig. 9 - Gate Characteristics
ORDERING INFORMATION TABLE
0.1
1
10
100
0.001
0.01
0.1
1
10
100
1000
VGD
IGD
(b)
(a)
(1)
(3)
Instantaneous Gate Current (A)
Rectangular gate pulse
a) Recommended load line for
b) Recommended load line for
Frequency Limited by PG(AV)
(2)
(1) PGM = 12W, tp = 5ms
(2) PGM = 30W, tp = 2ms
(3) PGM = 60W, tp = 1ms
(4) PGM = 200W, tp = 300µs
<=30% rated di/dt: 15V, 40ohms
tr<=1 µs, tp=>6µs
Device: 181RKI Series
rated di/dt: 20V, 30ohms;
tr<=0.5 µs, tp=>6µs
(4)
1
-IT(AV) rated average output current (rounded/10)
4
-
Voltage code x 10 = VRRM (see Voltage Ratings table)
3
-
Thyristor
2
-
0 = Eyelet terminals (gate and auxiliary cathode leads)
1 = Fast-on terminals (gate and auxiliary cathode leads)
Device code
13
24
18
1
RKI
100
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95077


Similar Part No. - 181RKI40_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
181RKI40PBF VISHAY-181RKI40PBF Datasheet
134Kb / 7P
   Phase Control Thyristors (Stud Version), 180 A
Revision: 11-Aug-08
More results

Similar Description - 181RKI40_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
ST1200C12K0 IRF-ST1200C12K0 Datasheet
87Kb / 7P
   PHASE CONTROL THYRISTORS
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com