Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52C27 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # BZT52C27
Description  5% Tolerance SMD Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT52C27 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  BZT52C27 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT52C27 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT52C27 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZT52C27 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZT52C27 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PART NO.
Note 1: "xxx" defines voltage from 2.4V (BZT52C2V4) to 75V (BZT52C75)
Note 2: Manufacture special control, if empty means no special control requirement.
PART NO.
BZT52C75
BZT52C75
BZT52C75
Min
Max
Min
Max
A
1.50
1.70
0.059
0.067
B
3.30
3.90
0.130
0.154
C
0.50
0.70
0.020
0.028
D
2.50
2.70
0.098
0.106
E
0.80
1.15
0.031
0.045
F
0.05
0.20
0.002
0.008
C
G
X
X1
Y
Document Number: DS_S1408004
Version: F14
4.20
0.165
1.80
0.071
Taiwan Semiconductor
BZT52C2V4 thru BZT52C75
SOD-123F
2.86
0.113
1.52
0.060
1.34
0.053
Unit (mm)
Unit (inch)
SUGGEST PAD LAYOUT
DIM.
Unit (mm)
Unit (inch)
Typ.
Typ.
BZT52C75-B0 RHG
B0
RH
G
Green compound
PACKAGE OUTLINE DIMENSIONS
BZT52Cxxx
(Note 1)
(Note 2)
RH
G
SOD-123F
3K / 7" Reel
BZT52C75 RHG
RH
G
Green compound
BZT52C75-L0 RHG
L0
RH
G
Green compound
EXAMPLE
PREFERRED P/N
MANUFACTURE
CODE
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
Small Signal Product
ORDERING INFORMATION
MANUFACTURE
CODE
PACKING CODE
GREEN COMPOUND
CODE
PACKAGE
PACKING
DIM.


Similar Part No. - BZT52C27

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
BZT52C27 WINNERJOIN-BZT52C27 Datasheet
238Kb / 3P
   ZENER DIODE
logo
Diodes Incorporated
BZT52C27 DIODES-BZT52C27 Datasheet
73Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS18004 Rev. 19 - 2
logo
Guangdong Kexin Industr...
BZT52C27 KEXIN-BZT52C27 Datasheet
50Kb / 2P
   Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
BZT52C27 SECOS-BZT52C27 Datasheet
685Kb / 4P
   500mW SOD-123 Surface Mount Zener Diodes
logo
Microdiode Electronics ...
BZT52C27 CHENDA-BZT52C27 Datasheet
283Kb / 4P
   Surface mount zener diode
More results

Similar Description - BZT52C27

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C2V4S TSC-BZT52C2V4S_14 Datasheet
247Kb / 5P
   5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4_14 Datasheet
241Kb / 5P
   5% Tolerance SMD Zener Diode
BZV55C2V4 TSC-BZV55C2V4_14 Datasheet
240Kb / 5P
   5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4_14 Datasheet
237Kb / 5P
   5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_09 Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
MMSZ5221B TSC-MMSZ5221B_10 Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
BZT52C2V4S TSC-BZT52C2V4S Datasheet
177Kb / 3P
   200mW, 5% Tolerance SMD Zener Diode
BZT55C2V4 TSC-BZT55C2V4 Datasheet
130Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4 Datasheet
299Kb / 3P
   500mW,5% Tolerance SMD Zener Diode
BZT52C2V4 TSC-BZT52C2V4 Datasheet
145Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com