Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52C24K Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # BZT52C24K
Description  200mW, Surface Mount Zener SMD Zener Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT52C24K Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  BZT52C24K Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT52C24K Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT52C24K Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZT52C24K Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZT52C24K Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZT52C24K Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PACKAGE OUTLINE DIMENSIONS
Min
Max
Min
Max
A
0.70
0.90
0.028
0.035
B
1.50
1.70
0.059
0.067
C
0.25
0.40
0.010
0.016
D
1.10
1.30
0.043
0.051
E
0.50
0.77
0.020
0.030
F
0.07
0.20
0.003
0.008
SUGGESTED PAD LAYOUT
X
X1
Y
Document Number: DS_S1403007
Small Signal Product
Version: C14
DIM.
Unit (mm)
Unit (inch)
Typ.
Typ.
0.60
0.024
2.30
0.091
0.80
0.031
Taiwan Semiconductor
DIM.
Unit (mm)
Unit (inch)
BZT52C2V0K ~ BZT52C75K


Similar Part No. - BZT52C24K

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52C24K TSC-BZT52C24K Datasheet
298Kb / 3P
   200mW,Surface Mount Zener Diode
BZT52C24K TSC-BZT52C24K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
More results

Similar Description - BZT52C24K

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BW DIODES-MMBZ5221BW_09 Datasheet
95Kb / 5P
   200mW SURFACE MOUNT ZENER DIODE
BZX84C5V1W-7 DIODES-BZX84C5V1W-7 Datasheet
159Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
MMSZ5221BS WTE-MMSZ5221BS Datasheet
75Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
logo
Diode Semiconductor Kor...
BZX84C2V4W DSK-BZX84C2V4W Datasheet
320Kb / 5P
   200mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5221BS DIODES-MMBZ5221BS_08 Datasheet
153Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
MMBZ5221BS DIODES-MMBZ5221BS_1 Datasheet
460Kb / 4P
   200mW SURFACE MOUNT ZENER DIODE
DS31039 Rev. 12 - 2
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
198Kb / 3P
   200mW Surface Mount Zener Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com