Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZV55B13 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZV55B13
Description  500mW, 2% Tolerance Zener Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZV55B13 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZV55B13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZV55B13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZV55B13 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZV55B13 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZV55B13 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Electrical Characteristics (Ratings at TA=25
oC ambient temperature unless otherwise specified)
VF Forward Voltage = 1.0V Maximum @ IF = 100 mA for all part numbers
Min
Nom
Max
BZV55B2V4
2.35
2.4
2.45
5
85
1.0
600
50
1.0
BZV55B2V7
2.65
2.7
2.75
5
85
1.0
600
10
1.0
BZV55B3V0
2.94
3.0
3.06
5
85
1.0
600
4
1.0
BZV55B3V3
3.23
3.3
3.37
5
85
1.0
600
2
1.0
BZV55B3V6
3.53
3.6
3.67
5
85
1.0
600
2
1.0
BZV55B3V9
3.82
3.9
3.98
5
85
1.0
600
2
1.0
BZV55B4V3
4.21
4.3
4.39
5
75
1.0
600
1
1.0
BZV55B4V7
4.61
4.7
4.79
5
60
1.0
600
0.5
1.0
BZV55B5V1
5.00
5.1
5.20
5
35
1.0
550
0.1
1.0
BZV55B5V6
5.49
5.6
5.71
5
25
1.0
450
0.1
1.0
BZV55B6V2
6.08
6.2
6.32
5
10
1.0
200
0.1
2.0
BZV55B6V8
6.66
6.8
6.94
5
8
1.0
150
0.1
3.0
BZV55B7V5
7.35
7.5
7.65
5
7
1.0
50
0.1
5.0
BZV55B8V2
8.04
8.2
8.36
5
7
1.0
50
0.1
6.2
BZV55B9V1
8.92
9.1
9.28
5
10
1.0
50
0.1
6.8
BZV55B10
9.80
10
10.20
5
15
1.0
70
0.1
7.5
BZV55B11
10.78
11
11.22
5
20
1.0
70
0.1
8.2
BZV55B12
11.76
12
12.24
5
20
1.0
90
0.1
9.1
BZV55B13
12.74
13
13.26
5
26
1.0
110
0.1
10
BZV55B15
14.70
15
15.30
5
30
1.0
110
0.1
11
BZV55B16
15.68
16
16.32
5
40
1.0
170
0.1
12
BZV55B18
17.64
18
18.36
5
50
1.0
170
0.1
13
BZV55B20
19.60
20
20.40
5
55
1.0
220
0.1
15
BZV55B22
21.56
22
22.44
5
55
1.0
220
0.1
16
BZV55B24
23.52
24
24.48
5
80
1.0
220
0.1
18
BZV55B27
26.46
27
27.54
5
80
1.0
220
0.1
20
BZV55B30
29.40
30
30.60
5
80
1.0
220
0.1
22
BZV55B33
32.34
33
33.66
5
80
1.0
220
0.1
24
BZV55B36
35.28
36
36.72
5
80
1.0
220
0.1
27
BZV55B39
38.22
39
39.78
2.5
90
0.5
500
0.1
28
BZV55B43
42.14
43
43.86
2.5
90
0.5
600
0.1
32
BZV55B47
46.06
47
47.94
2.5
110
0.5
700
0.1
35
BZV55B51
49.98
51
52.02
2.5
125
0.5
700
0.1
38
BZV55B56
54.88
56
57.12
2.5
135
0.5
1000
0.1
42
BZV55B62
60.76
62
63.24
2.5
150
0.5
1000
0.1
47
BZV55B68
66.64
68
69.36
2.5
160
0.5
1000
0.1
51
BZV55B75
73.50
75
76.50
2.5
170
0.5
1000
0.1
56
Notes: 1. The Zener Voltage (VZ) is tested under pulse condition of 10ms.
2. The device numbers listed have a standard tolerance on the nomial zener voltage of ±2%
3. For detailed information on price, availability and delivery of nominal zener voltages between the voltages
shown and tighter voltage tolerances, contact your nearest
Taiwan Semiconductor representative.
4. The Zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an
RMS value equal to 10% of the dc zener current (IZT or IZK) is superimposed to IZT or IZK.
Document Number: DS_S1403001
Version: E14
Taiwan Semiconductor
BZV55B2V4 ~ BZV55B75
Part Number
VZ @ IZT
(Volt)
IZT
(mA)
ZZT @ IZT
(
Ω)
Max
IZK
(mA)
ZZK @ IZK
(
Ω)
Max
IR @ VR
(
μA)
Max
VR
(V)
Small Signal Product


Similar Part No. - BZV55B13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZV55B13 TSC-BZV55B13 Datasheet
248Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
BZV55B13 TSC-BZV55B13 Datasheet
259Kb / 4P
   0.5 Watts Hermetically Sealed Glass Zener Voltage Regulators
logo
Shenzhen Ping Sheng Ele...
BZV55B13 PFS-BZV55B13 Datasheet
284Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Taiwan Semiconductor Co...
BZV55B13 TSC-BZV55B13 Datasheet
371Kb / 4P
   500mW,2% Tolerance Zener Diode
logo
Shenzhen Luguang Electr...
BZV55B13 LUGUANG-BZV55B13 Datasheet
385Kb / 4P
   500mW.Hermetically Sealed Glass Zener Voltage Rectifiers
More results

Similar Description - BZV55B13

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZV55B2V4 TSC-BZV55B2V4_11 Datasheet
371Kb / 4P
   500mW,2% Tolerance Zener Diode
BZT52B2V4 TSC-BZT52B2V4_14 Datasheet
227Kb / 6P
   500mW, 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4_14 Datasheet
187Kb / 6P
   500mW , 2% Tolerance SMD Zener Diode
BZT55B2V4 TSC-BZT55B2V4 Datasheet
128Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZX55B2V4 TSC-BZX55B2V4 Datasheet
126Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
BZS55B2V4 TSC-BZS55B2V4 Datasheet
137Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZY55B2V4 TSC-BZY55B2V4 Datasheet
146Kb / 3P
   500mW,2% Tolerance SMD Zener Diode
BZT52B2V4 TSC-BZT52B2V4 Datasheet
124Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
logo
NTE Electronics
NTE5010T1 NTE-NTE5010T1 Datasheet
15Kb / 1P
   Zener Diode, 500mW 짹1% Tolerance
logo
Taiwan Semiconductor Co...
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com