Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZD27C75P Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BZD27C75P
Description  1W, 6.8V - 220V Voltage Regulator Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZD27C75P Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BZD27C75P Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZD27C75P Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZD27C75P Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZD27C75P Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BZD27C75P Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd BZD27C75P Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PART NO.
PART NO.
Document Number: DS_D1409045
Version: X15
AEC-Q101 qualified
Green compound
BZD27C10PHRUG
BZD27C10P
H
RU
G
Note 1: "xx" defines voltage from 6.8V (BZD27C6V8P) to 220V (BZD27C220P)
EXAMPLE
PREFERRED
PART NO.
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
RH
Sub SMA
10,000 / 13" Paper reel (12mm tape)
MH
Sub SMA
10,000 / 13" Plastic reel (12mm tape)
R2
Sub SMA
7,500 / 13" Paper reel (12mm tape)
M2
Sub SMA
7,500 / 13" Plastic reel (12mm tape)
R3
Sub SMA
1,800 / 7" Plastic reel (12mm tape)
RF
Sub SMA
3,000 / 7" Plastic reel (12mm tape)
RQ
Sub SMA
10,000 / 13" Paper reel (8mm tape)
MQ
Sub SMA
10,000 / 13" Plastic reel (8mm tape)
3,000 / 7" Plastic reel (8mm tape)
RT
Sub SMA
7,500 / 13" Paper reel (8mm tape)
MT
Sub SMA
7,500 / 13" Plastic reel (8mm tape)
PACKAGE
PACKING
BZD27CxxP
(Note 1)
H
RU
G
Sub SMA
1,800 / 7" Plastic reel (8mm tape)
RV
Sub SMA
BZD27C SERIES
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES (T
A=25°C unless otherwise noted)
ORDERING INFORMATION
PART NO.
SUFFIX
PACKING
CODE
PACKING CODE
SUFFIX
0
0.5
1
1.5
2
2.5
3
0
25
50
75
100
125
150
175
AMBIENT TEMPERATURE(oC)
FIG.3 POWER DISSIPATION vs
AMBIENT TEMPERATURE
10
100
1000
10000
0.0
0.5
1.0
1.5
2.0
2.5
3.0
REVERSE VOLTAGE
FIG. 2 TYP. DIODE CAPACITANCE vs
REVERSE VOLTAGE
C12P
C27P
C200P
C6V8P
0.1
1
10
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
FORWARD VOLTAGE (V)
FIG. 1 TYPICAL FORWARD CHARACTERISTICS
TYP. VF
MAX. VF


Similar Part No. - BZD27C75P

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
BZD27C75P VAISH-BZD27C75P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
logo
SUNMATE electronic Co.,...
BZD27C75P SUNMATE-BZD27C75P Datasheet
1Mb / 2P
   800mW Surface Mount Zener Diodes
logo
Taiwan Semiconductor Co...
BZD27C75P TSC-BZD27C75P Datasheet
166Kb / 3P
   Voltage Regulator Diodes
logo
Vishay Siliconix
BZD27C75P VISHAY-BZD27C75P Datasheet
117Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.4., 15-Oct-15
logo
Taiwan Semiconductor Co...
BZD27C75P TSC-BZD27C75P Datasheet
162Kb / 3P
   Voltage Regulator Diodes
More results

Similar Description - BZD27C75P

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZD17C TSC-BZD17C_15 Datasheet
199Kb / 5P
   0.8W, 11V - 220V Voltage Regulator Diodes
P6SMB TSC-P6SMB_15 Datasheet
192Kb / 6P
   600W, 6.8V - 220V Surface Mount Transient Voltage Suppressor
logo
Leshan Radio Company
1N4733AM LRC-1N4733AM Datasheet
599Kb / 7P
   1W DO-41 Zener voltage regulator diodes
logo
NXP Semiconductors
BZX384 PHILIPS-BZX384 Datasheet
73Kb / 11P
   Voltage regulator diodes
2004 Mar 22
1N4728A PHILIPS-1N4728A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
BZD23 PHILIPS-BZD23 Datasheet
40Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZD27 PHILIPS-BZD27 Datasheet
38Kb / 9P
   Voltage regulator diodes
1996 Jun 10
BZW03 PHILIPS-BZW03 Datasheet
48Kb / 9P
   Voltage regulator diodes
1996 May 14
BZX84-A36215 PHILIPS-BZX84-A36215 Datasheet
458Kb / 16P
   Voltage regulator diodes
Rev. 6-6 March 2014
BZX585-B15 PHILIPS-BZX585-B15 Datasheet
646Kb / 10P
   Voltage regulator diodes
2004 Jun 22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com