Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52C12-G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BZT52C12-G
Description  5% Zener Voltage Tolerance Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BZT52C12-G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BZT52C12-G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BZT52C12-G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BZT52C12-G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BZT52C12-G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
- Pb free and RoHS compliant
- Green compound (Halogen free) with suffix "G" on
packing code and prefix "G" on date code
- Ideal for Surface Mounted Applications
SOD-123
- Case: Bend lead SOD-123 small outline plastic package
- Terminal: Matte tin plated, lead free, solderable
per MIL-STD-202, Method 208 guaranteed
- Polarity: Indicated by cathode band
VF
V
PD
mW
RθJA
oC/W
TJ
oC
TSTG
oC
2. Short duration test pulse used to minimize self-heating effect
Document Number: DS_S1402010
MECHANICAL DATA
357
150
PARAMETER
Storage Temperature
Notes: 1. Device mounted on ceramic PCB: 7.6mm X 9.4mm X 0.87mm with pad areas 25mm
2
Thermal Resistance from Junction to Ambient
Junction Temperature
5% Zener Voltage Tolerance Zener Diode
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
UNIT
- High temperature soldering guaranteed: 260°C/10s
Taiwan Semiconductor
Small Signal Product
Version: A14
- 55 to + 150
VALUE
BZT52C2V4-G~BZT52C43-G
FEATURES
- Surface Mount Device Type
- Wide zener voltage range selection: 2.4V to 43V
Power Dissipation (Note1)
0.9
350
Forward Voltage (Note2)
@ IF = 10mA
SYMBOL
- Moisture sensitivity level 1


Similar Part No. - BZT52C12-G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C12-7 DIODES-BZT52C12-7 Datasheet
73Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS18004 Rev. 19 - 2
BZT52C12-7-F DIODES-BZT52C12-7-F Datasheet
89Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS18004 Rev. 28 - 2
logo
TAITRON Components Inco...
BZT52C12-F TAITRON-BZT52C12-F Datasheet
212Kb / 4P
   410mW Two Terminals SMD Zener Diodes
logo
Micro Commercial Compon...
BZT52C12-TP MCC-BZT52C12-TP Datasheet
208Kb / 3P
   500 mW Zener Diode 2.4 to 43 Volts
logo
Vishay Siliconix
BZT52C12-V VISHAY-BZT52C12-V Datasheet
262Kb / 10P
   Small Signal Zener Diodes
Rev. 1.5, 21-Apr-05
More results

Similar Description - BZT52C12-G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX85C3V3 TSC-BZX85C3V3_14 Datasheet
211Kb / 4P
   5% Tolerance Zener Diode
BZX79C2V0 TSC-BZX79C2V0_14 Datasheet
239Kb / 5P
   5% Tolerance Zener Diode
BZT52B2V4-G TSC-BZT52B2V4-G Datasheet
199Kb / 6P
   2% Zener Voltage Tolerance Zener Diode
BZX79C2V0 TSC-BZX79C2V0_11 Datasheet
360Kb / 4P
   500mW,5% Tolerance Zener Diode
BZX79C2V4 TSC-BZX79C2V4 Datasheet
330Kb / 4P
   500mW,5% Tolerance Zener Diode
BZT52C2V4S TSC-BZT52C2V4S_14 Datasheet
247Kb / 5P
   5% Tolerance SMD Zener Diode
BZY55C2V4 TSC-BZY55C2V4_14 Datasheet
241Kb / 5P
   5% Tolerance SMD Zener Diode
BZV55C2V4 TSC-BZV55C2V4_14 Datasheet
240Kb / 5P
   5% Tolerance SMD Zener Diode
logo
Central Semiconductor C...
CLL4729A CENTRAL-CLL4729A Datasheet
51Kb / 2P
   1.0W ZENER DIODE 5% TOLERANCE
logo
Taiwan Semiconductor Co...
BZV55C2V4 TSC-BZV55C2V4 Datasheet
1Mb / 4P
   500mW,5% Tolerance Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com