Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMB5934 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # 1SMB5934
Description  3W, 11V - 200V Surface Mount Silicon Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1SMB5934 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  1SMB5934 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1SMB5934 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1SMB5934 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1SMB5934 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1SMB5934 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1SMB5934 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CREAT BY ART
- Low profile package
- Ideal for automated placement
- Glass passivated junction
- Built-in strain relief
- Low inductance
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Part no. with suffix "H" means AEC-Q101 qualified
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
SYMBOL
UNIT
Watts
mW/°C
RθJL
°C/W
RθJA
°C/W
TJ
°C
TSTG
°C
PART NO.
Note 1: "xxxx" defines voltage from 11V (1SMB5926) to 200V (1SMB5956)
PART NO.
Document Number: DS_D1409042
Version: J15
AEC-Q101 qualified
Green compound
1SMB5926HR5G
1SMB5926
H
R5
G
SMB
3,000 / 13" Plastic reel
EXAMPLE
PREFERRED
PART NO.
PART NO.
SUFFIX
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
1SMBxxxx
(Note 1)
H
R5
G
SMB
850 / 7" Plastic reel
R4
SMB
3,000 / 13" Paper reel
M4
25
Thermal Resistance from Junction to Ambient
226
ORDERING INFORMATION
PART NO.
SUFFIX
PACKING
CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
40
Storage temperature range
- 55 to +150
Note 1: Mounted on Cu-Pad size 5mm x 5mm on PCB
DC power dissipation at TA=25°C
Derate above 25°C
PD
550
4.4
mW
mW/°C
Operating junction temperature range
Thermal Resistance from Junction to Lead
Case:
DO-214AA (SMB)
Polarity:
Indicated by cathode band
Weight:
0.1 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
- 55 to +150
PARAMETER
VALUE
DC power dissipation at TL=75°C, measure at
zero lead length (Note 1) derate above 75°C
PD
3
1SMB5926 - 1SMB5956
Taiwan Semiconductor
3W, 11V - 200V Surface Mount Silicon Zener Diodes
FEATURES
Moisture sensitivity level: level 1, per J-STD-020
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
DO-214AA (SMB)
MECHANICAL DATA


Similar Part No. - 1SMB5934

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1SMB5934 MOTOROLA-1SMB5934 Datasheet
60Kb / 4P
   PLASTIC SURFACE MOUNT ZENER DIODES 3 WATTS 3.3.200 VOLTS
logo
Pan Jit International I...
1SMB5934 PANJIT-1SMB5934 Datasheet
87Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
logo
Transys Electronics
1SMB5934 TRSYS-1SMB5934 Datasheet
227Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
logo
ON Semiconductor
1SMB5934 ONSEMI-1SMB5934 Datasheet
70Kb / 6P
   3 Watt Plastic Surface Mount Zener Voltage Regulators
September, 2004 ??Rev. 4
logo
Taiwan Semiconductor Co...
1SMB5934 TSC-1SMB5934 Datasheet
331Kb / 4P
   3.0 Watts Surface Mount Silicon Zener Diode
More results

Similar Description - 1SMB5934

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1PGSMB5926 TSC-1PGSMB5926 Datasheet
300Kb / 6P
   3W, 11V - 200V Surface Mount Silicon Zener Diode
1SMA4737 TSC-1SMA4737_15 Datasheet
226Kb / 6P
   1W, 7.5V - 200V Surface Mount Silicon Zener Diodes
logo
GOOD-ARK Electronics
L3N5923B GOOD-ARK-L3N5923B_15 Datasheet
218Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:3W
logo
Shenzhen Luguang Electr...
SZ553Z LUGUANG-SZ553Z Datasheet
229Kb / 3P
   3W Silicon Zener Diodes
logo
Taiwan Semiconductor Co...
1PGSMC5348 TSC-1PGSMC5348 Datasheet
296Kb / 6P
   5W, 11V - 51V Surface Mount Silicon Zener Diode
logo
Diotech Company.
1SMB5913B DIOTECH-1SMB5913B Datasheet
735Kb / 2P
   3W SURFACE MOUNT SILICON ZENER DIODE
logo
Jinan Jing Heng Electro...
3EZ200D5 JINGHENG-3EZ200D5 Datasheet
70Kb / 2P
   3W SILICON PLANAR ZENER DIODES
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com