Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1479 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1479
Description  PowerPath Controller for Dual Battery Systems
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1479 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1479_15 Datasheet HTML 2Page - Linear Technology LTC1479_15 Datasheet HTML 3Page - Linear Technology LTC1479_15 Datasheet HTML 4Page - Linear Technology LTC1479_15 Datasheet HTML 5Page - Linear Technology LTC1479_15 Datasheet HTML 6Page - Linear Technology LTC1479_15 Datasheet HTML 7Page - Linear Technology LTC1479_15 Datasheet HTML 8Page - Linear Technology LTC1479_15 Datasheet HTML 9Page - Linear Technology LTC1479_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LTC1479
PIN FUNCTIONS
External Power Supply Pins
DCIN (Pin 1): Supply Input. A 330
Ω resistor should be
put in series with this pin and the external DC power
source. A 0.1
µF bypass capacitor should be connected to
this pin as close as possible.
DCDIV (Pin 2): Supply Divider Input. This is a high
impedance comparator input with a 1.215V threshold
(rising edge) and approximately – 35mV hysteresis.
BAT1, BAT2 (Pins 35, 34): Supply Input. These two pins
are the inputs from the two batteries. A 1
µF bypass
capacitor should be connected to each pin as close as
possible if there is no larger battery supply capacitor
within 2".
VBAT (Pin 32): Battery Voltage Sense. This pin connects
the top of the battery resistor ladder to either BAT1 or
BAT2.
BDIV (Pin 33): Battery Divider Input. A high impedance
comparator input with a 1.215V threshold (falling edge)
and approximately 35mV hysteresis.
VBKUP (Pin 36): Supply Input. This input supplies power to
the LTC1479 when in the backup mode of operation. A 1
µF
bypass capacitor should be connected to the VBKUP pin as
close as possible if there is no larger backup supply
capacitor within 2".
Internal Power Supply Pins
VCCP (Pin 20): Power Supply Output. Bypass this output
with at least a 0.1
µF capacitor. The VCCP power supply is
used primarily to power internal logic circuitry.
VCC (Pin 15): Power Supply Output. This is a nominal
3.60V output. Bypass this regulator output with a 2.2
µF
tantalum capacitor.
This capacitor is required for stability.
V+ (Pin 17): Supply. The V+ pin is connected via three
internal diodes to the DCIN, BAT1 and BAT2 pins and
powers the top of the VGG switching regulator inductor.
Bypass this pin with a 1
µF/35V capacitor.
VGG (Pin 16): Gate Supply. This high voltage (36.5V)
switching regulator is intended only for driving the internal
micropower gate drive circuitry.
Do not load this pin with
any external circuitry. Bypass this pin with a 1
µF/50V
capacitor.
SW (Pin 18): Output. This pin drives the “bottom” of the
VGG switching regulator inductor which is connected
between this pin and the V + pin.
GND (Pin 19): Ground. The VGG and V + bypass capacitors
should be returned to this ground which is connected
directly to the source of the N-channel switch in the VGG
regulator.
Input Power Switches
GA, GB (Pins 4, 6): DCIN Switch Gate Drive. These two
pins drive the gates of the back-to-back N-channel switches
in series with the DCIN input.
SAB (Pin 5): Source Return. The SAB pin is connected to
the sources of SW A and SW B. A small pull-down current
source returns this node to 0V when the switches are
turned off.
GC, GD (Pins 7, 9): BAT1 Switch Gate Drive. These two
pins drive the gates of the back-to-back N-channel
switches in series with the BAT1 input.
SCD (Pin 8): Source Return. The SCD pin is connected to
the sources of SW C and SW D. A small pull-down current
source returns this node to 0V when the switches are
turned off.
GE, GF (Pins 10, 12): BAT2 Switch Gate Drive. These two
pins drive the gates of the back-to-back N-channel
switches in series with the BAT2 input.
SEF (Pin 11): Source Return. The SEF pin is connected to
the sources of SW E and SW F. A small pull-down current
source returns this node to 0V potential when the switches
are turned off.
SENSE + (Pin 13): Inrush Current Input. This pin should
be connected directly to the “top” (switch side) of the low
valued resistor in series with the three input power
selector switch pairs, SW A/B, SW C/D and SW E/F, for
detecting and controlling the inrush current into and out
of the power supply sources and the output capacitor.


Similar Part No. - LTC1479_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1479CG LINER-LTC1479CG Datasheet
466Kb / 24P
   PowerPath Controller for Dual Battery Systems
LTC1479IG LINER-LTC1479IG Datasheet
466Kb / 24P
   PowerPath Controller for Dual Battery Systems
More results

Similar Description - LTC1479_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1479 LINER-LTC1479 Datasheet
466Kb / 24P
   PowerPath Controller for Dual Battery Systems
LTC4000EGN LINER-LTC4000EGN Datasheet
2Mb / 12P
   Battery Charger Controller and PowerPath Manager
LTC4418 LINER-LTC4418 Datasheet
1Mb / 30P
   Dual Channel Prioritized PowerPath Controller
logo
Maxim Integrated Produc...
MAX1773 MAXIM-MAX1773 Datasheet
397Kb / 20P
   Power Source Selector for Dual-Battery Systems
19-1796; Rev 1; 1/03
MAX1538 MAXIM-MAX1538 Datasheet
495Kb / 22P
   Power-Source Selector for Dual-Battery Systems
Rev 0; 1/04
logo
Analog Devices
LTC4421 AD-LTC4421 Datasheet
1Mb / 32P
   High Power Prioritized PowerPath Controller
ADP3156 AD-ADP3156 Datasheet
186Kb / 12P
   Dual Power Supply Controller for Desktop Systems
REV. 0
logo
Linear Technology
LTC2952 LINER-LTC2952_15 Datasheet
288Kb / 30P
   Pushbutton PowerPath Controller with Supervisor
LTC4414 LINER-LTC4414_15 Datasheet
175Kb / 12P
   36V, Low Loss PowerPath Controller for Large PFETs
logo
Wurth Elektronik GmbH &...
74941300 WURTH-74941300 Datasheet
93Kb / 1P
   Transformer for Battery Management Systems
2020-03-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com