Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMA5935 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # 1SMA5935
Description  Surface Mount Silicon Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1SMA5935 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  1SMA5935 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1SMA5935 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1SMA5935 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1SMA5935 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1SMA5935 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1SMA5935 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IZT
ZZT@IZT
IZM
mA
ΩΩ
mA
μA
V
mA(DC)
1SMA5926
926A
10.45
11
11.55
34.1
5.5
550
0.25
0.5
8.4
136
1SMA5927
927A
11.40
12
12.60
31.2
6.5
550
0.25
0.5
9.1
125
1SMA5928
928A
12.35
13
13.65
28.8
7.0
550
0.25
0.5
9.9
115
1SMA5929
929A
14.25
15
15.75
25.0
9.0
600
0.25
0.5
11.4
100
1SMA5930
930A
15.20
16
16.80
23.4
10.0
600
0.25
0.5
12.2
94
1SMA5931
931A
17.10
18
18.90
20.8
12.0
650
0.25
0.5
13.7
83
1SMA5932
932A
19.00
20
21.00
18.7
14.0
650
0.25
0.5
15.2
75
1SMA5933
933A
20.90
22
23.10
17.0
17.5
650
0.25
0.5
16.7
68
1SMA5934
934A
22.80
24
25.20
15.6
19.0
700
0.25
0.5
18.2
63
1SMA5935
935A
25.65
27
28.35
13.9
23.0
700
0.25
0.5
20.6
56
1SMA5936
936A
28.50
30
31.50
12.5
26.0
750
0.25
0.5
22.8
50
1SMA5937
937A
31.35
33
34.65
11.4
33.0
800
0.25
0.5
25.1
45
1SMA5938
938A
34.20
36
37.80
10.4
38.0
850
0.25
0.5
27.4
42
1SMA5939
939A
37.05
39
40.95
9.6
45.0
900
0.25
0.5
29.7
38
1SMA5940
940A
40.85
43
45.15
8.7
53.0
950
0.25
0.5
32.7
35
1SMA5941
941A
44.65
47
49.35
8.0
67.0
1000
0.25
0.5
35.8
32
1SMA5942
942A
48.45
51
53.55
7.3
70.0
1100
0.25
0.5
38.8
29
1SMA5943
943A
53.20
56
58.80
6.7
86.0
1300
0.25
0.5
42.6
27
1SMA5944
944A
58.90
62
65.10
6.0
100.0
1500
0.25
0.5
47.1
24
1SMA5945
945A
64.60
68
71.40
5.5
120.0
1700
0.25
0.5
51.7
22
1SMA5946
946A
71.25
75
78.75
5.0
140.0
2000
0.25
0.5
56.0
20
1SMA5947
947A
77.90
82
86.10
4.6
160.0
2500
0.25
0.5
62.2
18
1SMA5948
948A
86.45
91
95.55
4.1
200.0
3000
0.25
0.5
69.2
16
1SMA5949
949A
95.00
100
105.00
3.7
250.0
3100
0.25
0.5
76.0
15
1SMA5950
950A
104.50
110
115.50
3.4
300.0
4000
0.25
0.5
83.6
13
1SMA5951
951A
114.00
120
126.00
3.1
360.0
4500
0.25
0.5
91.2
12
1SMA5952
952A
123.50
130
136.50
2.9
450.0
5000
0.25
0.5
98.8
11
1SMA5953
953A
142.50
150
157.50
2.5
600.0
6000
0.25
0.5
114.0
10
1SMA5954
954A
152.00
160
168.00
2.3
700.0
6500
0.25
0.5
121.6
9
1SMA5955
955A
171.00
180
189.00
2.1
900.0
7000
0.25
0.5
136.8
8
1SMA5956
956A
190.00
200
210.00
1.9
1200.0
8000
0.25
0.5
152.0
7
Notes:
1. Tolerance and Voltage Regulation Designation. The type number listed indicates a tolerance of ±5%
2. Vz limits are to be huatanteed at thermal equilibrium
Document Number: DS_D1405059
Version: K14
ZZK@IZK
1SMA5926 thru 1SMA5956
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES (TA=25℃ unless otherwise noted)
Maximum DC
Zener Current
Zener Impedance
Max.
Nom.
(Notes 2)
Test
Current
Min.
Leakage Current
IR@VR
Device
(Note 1)
Device
Marking
Code
Nominal Zener Voltage
Vz@Iz
V


Similar Part No. - 1SMA5935

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1SMA5935 ETC-1SMA5935 Datasheet
87Kb / 4P
   Surface Mount Silicon Zener Diode
logo
Continental Device Indi...
1SMA5935 CDIL-1SMA5935 Datasheet
231Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA5935 TSC-1SMA5935 Datasheet
62Kb / 4P
   Surface Mount Silicon Zener Diode
logo
Pan Jit International I...
1SMA5935 PANJIT-1SMA5935 Datasheet
87Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODE
1SMA5935 PANJIT-1SMA5935 Datasheet
127Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - 1SMA5935

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com