Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMB5926 Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # 1SMB5926
Description  3W, 11V - 200V Surface Mount Silicon Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1SMB5926 Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  1SMB5926 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1SMB5926 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1SMB5926 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1SMB5926 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1SMB5926 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1SMB5926 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CREAT BY ART
Document Number: DS_D1409042
Version: J15
1SMB5926 - 1SMB5956
Taiwan Semiconductor
10
100
1000
1
10
100
BREAKDOWN VOLTAGE (V)
FIG.9 CAPACITANCE CURVE
MEASURED@
ZERO BIAS
MEASURED @
Vz/2
1
10
100
1000
10
100
Iz, ZENER CURRENT (mA)
FIG. 7 EFFECT OF ZENER VOLTAGE
Iz(ms) = Iz(dc)
Iz(dc) = 1mA
10mA
20mA
0.01
0.1
1
10
0.01
0.1
1
10
Tp. PULSE WIDTH (ms)
FIG. 10 TYPICAL PULSE RATING CURVE
NONREPETITIVE, EXPONENTIAL
PULSE WAVEFORM
0
10
20
30
40
50
60
70
80
90
100
110
120
00.511.5
22.533.5
44.5
5
T, TIME(ms)
FIG. 11 PULSE WAVEFORM
10μs
PEAK VALUE
Ippm
HALF VALUE - Ipp/2
PW(ID) IS DEFINED AS THE POINT
WHERE THE PEAK CURRENT
DECAYS TO 50% OF Ipp
10/1000 μs WAVEFORM
AS DEFINED BY R.E.A.
td
0
10
20
30
40
50
60
70
80
90
100
110
120
0
0.01 0.02 0.03 0.04 0.05 0.06 0.07 0.08 0.09
0.1
T, TIME(ms)
FIG. 12 PULSE WAVEFORM
0.9 IPEAK
T = 8μs
0.5 IPEAK
0.1 IPEAK
8/20 μs WAVEFORM
AS DEFINED BY ANSI C62.1
AND IEC 801.5
1
10
100
1000
0.1
1
10
100
1000
Iz. ZENER TEST CURRENT(mA)
FIG. 8 EFFECT OF ZENER CURRENT
Iz(rms)=0.1 Iz(dc)
Vz=150V
91V
62V
22V
12V
6.8V


Similar Part No. - 1SMB5926

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1SMB5926 PANJIT-1SMB5926 Datasheet
87Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
logo
Transys Electronics
1SMB5926 TRSYS-1SMB5926 Datasheet
227Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMB5926 TSC-1SMB5926 Datasheet
331Kb / 4P
   3.0 Watts Surface Mount Silicon Zener Diode
logo
Pan Jit International I...
1SMB5926 PANJIT-1SMB5926 Datasheet
58Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODE
1SMB5926 PANJIT-1SMB5926 Datasheet
59Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - 1SMB5926

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1PGSMB5926 TSC-1PGSMB5926 Datasheet
300Kb / 6P
   3W, 11V - 200V Surface Mount Silicon Zener Diode
1SMA4737 TSC-1SMA4737_15 Datasheet
226Kb / 6P
   1W, 7.5V - 200V Surface Mount Silicon Zener Diodes
logo
GOOD-ARK Electronics
L3N5923B GOOD-ARK-L3N5923B_15 Datasheet
218Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:3W
logo
Shenzhen Luguang Electr...
SZ553Z LUGUANG-SZ553Z Datasheet
229Kb / 3P
   3W Silicon Zener Diodes
logo
Taiwan Semiconductor Co...
1PGSMC5348 TSC-1PGSMC5348 Datasheet
296Kb / 6P
   5W, 11V - 51V Surface Mount Silicon Zener Diode
logo
Diotech Company.
1SMB5913B DIOTECH-1SMB5913B Datasheet
735Kb / 2P
   3W SURFACE MOUNT SILICON ZENER DIODE
logo
Jinan Jing Heng Electro...
3EZ200D5 JINGHENG-3EZ200D5 Datasheet
70Kb / 2P
   3W SILICON PLANAR ZENER DIODES
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com