Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1198-1AC Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1198-1AC
Description  8-Bit, SO-8, 1MSPS ADCs with Auto-Shutdown Options
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1198-1AC Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1198-1AC Datasheet HTML 5Page - Linear Technology LTC1198-1AC Datasheet HTML 6Page - Linear Technology LTC1198-1AC Datasheet HTML 7Page - Linear Technology LTC1198-1AC Datasheet HTML 8Page - Linear Technology LTC1198-1AC Datasheet HTML 9Page - Linear Technology LTC1198-1AC Datasheet HTML 10Page - Linear Technology LTC1198-1AC Datasheet HTML 11Page - Linear Technology LTC1198-1AC Datasheet HTML 12Page - Linear Technology LTC1198-1AC Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
LTC1196/LTC1198
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
TEMPERATURE (°C)
–60
1000
100
10
1
0.1
0.01
100
1196/98 G19
–20
20
60
140
–40
0
40
80
120
VCC = 5V
VREF = 5V
ON CHANNEL
OFF CHANNEL
Input Channel Leakage Current
vs Temperature
Effective Bits and S/(N + D) vs
Input Frequency
CODE
0
0.5
64
128
160
1196/98 G22
32
96
192 224
256
0
–0.5
VCC = 2.7V
VREF = 2.5V
fCLK = 3MHz
Integral Nonlinearity vs
Code at 2.7V
INPUT FREQUENCY (Hz)
1k
8
7
6
5
4
3
2
1
0
10k
100k
1M
1196/98 G24
50
44
VREF = VCC = 2.7V
fSMPL = 383kHz (LTC1196)
fSMPL = 287kHz (LTC1198)
VREF = VCC = 5V
fSMPL = 1MHz (LTC1196)
fSMPL = 750kHz (LTC1198)
TA = 25°C
4096 Point FFT Plot at 5V
FREQUENCY (kHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
400
1196/98 G25
100
200
300
500
VCC = 5V
fIN = 29kHz
fSMPL = 882kHz
4096 Point FFT at 2.7V
FREQUENCY (kHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
150
1196/98 G26
50
100
200
VCC = 2.7V
fIN = 29kHz
fSMPL = 340kHz
FFT Output of 455kHz AM Signal
Digitized at 1MSPS
FREQUENCY (kHz)
0
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
400
1196/98 G27
100
200
300
500
VCC = 5V
fIN = 455kHz WITH 20kHz AM
fSMPL = 1MHz
Integral Nonlinearity vs
Code at 5V
CODE
0
0.5
64
128
160
1196/98 G20
32
96
192 224
256
0
–0.5
VCC = 5V
VREF = 5V
fCLK = 12MHz
Differential Nonlinearity vs
Code at 5V
CODE
0
0.5
64
128
160
1196/98 G21
32
96
192 224
256
0
–0.5
VCC = 5V
VREF = 5V
fCLK = 12MHz
Differential Nonlinearity vs
Code at 2.7V
CODE
0
0.5
64
128
160
1196/98 G23
32
96
192 224
256
0
–0.5
VCC = 2.7V
VREF = 2.5V
fCLK = 3MHz


Similar Part No. - LTC1198-1AC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1198-1ACS8-PBF LINER-LTC1198-1ACS8-PBF Datasheet
327Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1198-1ACS8-TRPBF LINER-LTC1198-1ACS8-TRPBF Datasheet
327Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
More results

Similar Description - LTC1198-1AC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1198 LINER-LTC1198_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
LTC1196 LINER-LTC1196_1 Datasheet
327Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
logo
Intersil Corporation
ISL26712 INTERSIL-ISL26712 Datasheet
891Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Renesas Technology Corp
ISL26712 RENESAS-ISL26712 Datasheet
1Mb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
logo
Intersil Corporation
ISL26712IRTZ INTERSIL-ISL26712IRTZ Datasheet
888Kb / 21P
   12-Bit, 10-Bit and 8-Bit, 1MSPS SAR ADCs
September 5, 2012
logo
Linear Technology
LTC1400 LINER-LTC1400 Datasheet
515Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1404 LINER-LTC1404 Datasheet
455Kb / 24P
   Complete SO-8, 12-Bit, 600ksps ADC with Shutdown
LTC1400 LINER-LTC1400_1 Datasheet
2Mb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
LTC1400 LINER-LTC1400_15 Datasheet
371Kb / 20P
   Complete SO-8, 12-Bit, 400ksps ADC with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com