Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMA4747 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # 1SMA4747
Description  1W, 7.5V - 200V Surface Mount Silicon Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1SMA4747 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  1SMA4747 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1SMA4747 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1SMA4747 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1SMA4747 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1SMA4747 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1SMA4747 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Vz@IzT
IZT
ZZT@IZT
IR
VmA
ΩΩ
mA
μAV
mA
1SMA4737
737A
7.5
34
4
700
0.50
5
5.0
605
1SMA4738
738A
8.2
31
4.5
700
0.50
5
6.0
550
1SMA4739
739A
9.1
28
5
700
0.50
5
7.0
500
1SMA4740
740A
10
25
7
700
0.25
5
7.6
454
1SMA4741
741A
11
23
8
700
0.25
1
8.4
414
1SMA4742
742A
12
21
9
700
0.25
1
9.1
380
1SMA4743
743A
13
19
10
700
0.25
1
9.9
344
1SMA4744
744A
15
17
14
700
0.25
1
11.4
304
1SMA4745
745A
16
15.5
16
700
0.25
1
12.2
285
1SMA4746
746A
18
14.0
20
750
0.25
1
13.7
250
1SMA4747
747A
20
12.5
22
750
0.25
1
15.2
225
1SMA4748
748A
22
11.5
23
750
0.25
1
16.7
205
1SMA4749
749A
24
10.5
25
750
0.25
1
18.2
190
1SMA4750
750A
27
9.5
35
750
0.25
1
20.6
170
1SMA4751
751A
30
8.5
40
1000
0.25
1
22.8
150
1SMA4752
752A
33
7.5
45
1000
0.25
1
25.1
135
1SMA4753
753A
36
7.0
50
1000
0.25
1
27.4
125
1SMA4754
754A
39
6.5
60
1000
0.25
1
29.7
115
1SMA4755
755A
43
6.0
70
1500
0.25
1
32.7
110
1SMA4756
756A
47
5.5
80
1500
0.25
1
35.8
95
1SMA4757
757A
51
5.0
95
1500
0.25
1
38.8
90
1SMA4758
758A
56
4.5
110
2000
0.25
1
42.6
80
1SMA4759
759A
62
4.0
125
2000
0.25
1
47.1
70
1SMA4760
760A
68
3.7
150
2000
0.25
1
51.7
65
1SMA4761
761A
75
3.3
175
2000
0.25
1
56.0
60
1SMA4762
762A
82
3.0
200
3000
0.25
1
62.2
55
1SMA4763
763A
91
2.8
250
3000
0.25
1
69.2
50
1SMA4764
764A
100
2.5
350
3000
0.25
1
76.0
45
1SMA110Z
110A
110
2.3
450
4000
0.25
1
83.6
-
1SMA120Z
120A
120
2.0
550
4500
0.25
1
91.2
-
1SMA130Z
130A
130
1.9
700
5000
0.25
1
98.8
-
1SMA150Z
150A
150
1.7
1000
6000
0.25
1
114.0
-
1SMA160Z
160A
160
1.6
1100
6500
0.25
1
121.6
-
1SMA180Z
180A
180
1.4
1200
7000
0.25
1
136.8
-
1SMA200Z
200A
200
1.2
1500
8000
0.25
1
152.0
-
Notes:
1. Tolerance and Type Number Designation. The type numbers losted have a standard tolerance on the nominal zener voltage of ±5%
2. Specials Available Include:
A. Nominal zener voltages between the voltages shown and tighter voltage tolerances
B. Matched sets
3. Zener Voltage (Vz) Measurement. Guarantees the zener voltage when measured at 90 seconds while maintaining the lead temperature(TL)
at 30℃±1°C, from the diode body
4. Zener Impedance (Zz) Derivation. The zener impedance is derives from the 60 cycle AC voltage, which results when an ac current having and
rms value equal to 10% of the DC zener current (IZT or IZK) is superimposed on IZT or IZK
5. Surge Current (IR) Non-Repetitive. The rating list in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current
of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, IZT per JEDEC registration;
however, actual device capability is as described in Figure 10.
Document Number: DS_D1409041
Version: N15
1SMA4737 - 1SMA200Z
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES (TA=25°C unless otherwise noted)
Device
(Note 1)
Zener Impedance
(Note 2)
(Note 3)
Test
Current
Device
Marking
code
Nominal
Zener Voltage
ZZK@IZK
Surge current
Leakage Current
IR@VR
Max.


Similar Part No. - 1SMA4747

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1SMA4747 TRSYS-1SMA4747 Datasheet
301Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA4747 TSC-1SMA4747 Datasheet
139Kb / 4P
   1.0 Watt Surface Mount Silicon Zener Diodes
1SMA4747 TSC-1SMA4747 Datasheet
166Kb / 5P
   Surface Mount Silicon Zener Diode
1SMA4747 TSC-1SMA4747 Datasheet
297Kb / 6P
   1.0 Watt Surface Mount Silicon Zener Diodes
logo
Continental Device Indi...
1SMA4747 CDIL-1SMA4747 Datasheet
230Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - 1SMA4747

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1PGSMA4740 TSC-1PGSMA4740 Datasheet
350Kb / 6P
   1W, 10V - 200V Surface Mount Silicon Zener Diode
logo
TAITRON Components Inco...
ZM4728A TAITRON-ZM4728A Datasheet
201Kb / 4P
   Surface Mount 1W Zener Diodes
logo
Formosa MS
SMA4728A FORMOSA-SMA4728A Datasheet
151Kb / 4P
   Surface Mount Zener Diodes 1W
logo
DAESAN ELECTRONIC CORP.
DL4728A DAESAN-DL4728A Datasheet
367Kb / 3P
   1W SURFACE MOUNT ZENER DIODES
logo
Taiwan Semiconductor Co...
1SMB5926 TSC-1SMB5926_15 Datasheet
218Kb / 6P
   3W, 11V - 200V Surface Mount Silicon Zener Diodes
logo
SeCoS Halbleitertechnol...
DL47XXA SECOS-DL47XXA Datasheet
147Kb / 3P
   1W , MELF Surface Mount Zener Diodes
logo
GOOD-ARK Electronics
F1N4728 GOOD-ARK-F1N4728_15 Datasheet
204Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1W
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A_15 Datasheet
217Kb / 7P
   1W, 10V - 200V Glass Passivated Junction Silicon Zener Diodes
logo
GOOD-ARK Electronics
L1N4738 GOOD-ARK-L1N4738_15 Datasheet
193Kb / 5P
   Surface Mount Zener Diodes Vz Range:8.2 to 200V Power Dissipation:1W
logo
Diotech Company.
SMA4728A DIOTECH-SMA4728A Datasheet
657Kb / 2P
   1W SURFACE MOUNT SILICON ZENER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com