Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMA5931 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # 1SMA5931
Description  Surface Mount Silicon Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1SMA5931 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  1SMA5931 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1SMA5931 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1SMA5931 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1SMA5931 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1SMA5931 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1SMA5931 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: DS_D1405059
Version: K14
1SMA5926 thru 1SMA5956
Taiwan Semiconductor
0
0.4
0.8
1.2
1.6
2
2.4
2.8
3.2
3.6
4
0
25
50
75
100
125
150
T, TEMPERATURE(℃)
FIG. 1 STEADY STATE POWER DERATING
TL
TA
1
10
100
1000
10
100
Vz, ZENER VOLTAGE (V)
FIG. 4 EFFECT OF ZENER VOLTAGE
Iz(ms) = Iz(dc)
Iz(dc) = 1mA
10mA
20mA
0.1
1
10
100
0
1020
304050
607080
Vz, ZENER VOLTAGE (V)
FIG. 2 Vz = 12 THRU 68 VOLTS
10
100
10
100
Vz, ZENER VOLTAGE @IZT (V)
FIG.3 ZENER VOLTAGE 12 TO 68 VOLTS


Similar Part No. - 1SMA5931

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1SMA5931 MOTOROLA-1SMA5931 Datasheet
153Kb / 6P
   PLASTIC SURFACE MOUNT ZENER DIODES 1.5 WATTS 3.3-68 VOLTS
logo
List of Unclassifed Man...
1SMA5931 ETC-1SMA5931 Datasheet
87Kb / 4P
   Surface Mount Silicon Zener Diode
logo
Continental Device Indi...
1SMA5931 CDIL-1SMA5931 Datasheet
231Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA5931 TSC-1SMA5931 Datasheet
62Kb / 4P
   Surface Mount Silicon Zener Diode
logo
Pan Jit International I...
1SMA5931 PANJIT-1SMA5931 Datasheet
87Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - 1SMA5931

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com