Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1419 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1419
Description  14-Bit, 800ksps Sampling A/D Converter with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1419 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1419_15 Datasheet HTML 2Page - Linear Technology LTC1419_15 Datasheet HTML 3Page - Linear Technology LTC1419_15 Datasheet HTML 4Page - Linear Technology LTC1419_15 Datasheet HTML 5Page - Linear Technology LTC1419_15 Datasheet HTML 6Page - Linear Technology LTC1419_15 Datasheet HTML 7Page - Linear Technology LTC1419_15 Datasheet HTML 8Page - Linear Technology LTC1419_15 Datasheet HTML 9Page - Linear Technology LTC1419_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1419
1419fb
CONVST (Pin 23): Conversion Start Signal. This active
low signal starts a conversion on its falling edge.
CS (Pin 24): Chip Select. The input must be low for the
ADC to recognize CONVST and RD inputs. CS also sets
the shutdown mode when SHDN goes low. CS and
SHDN low select the quick wake-up nap mode. CS high
and SHDN low select sleep mode.
BUSY (Pin 25): The BUSY output shows the converter
status. It is low when a conversion is in progress. Data
valid on the rising edge of BUSY.
VSS (Pin 26): – 5V Negative Supply. Bypass to AGND
with 10
µF tantalum in parallel with 0.1µF or 10µF
ceramic.
DVDD (Pin 27): 5V Positive Supply. Short to Pin 28.
AVDD (Pin 28): 5V Positive Supply. Bypass to AGND
with 10
µF tantalum in parallel with 0.1µF or 10µF
ceramic.
+AIN (Pin 1): ±2.5V Positive Analog Input.
–AIN (Pin 2): ±2.5V Negative Analog Input.
VREF (Pin 3): 2.5V Reference Output. Bypass to AGND
with 1
µF.
REFCOMP (Pin 4): 4.06V Reference Output. Bypass to
AGND with 10
µF tantalum in parallel with 0.1µF or 10µF
ceramic.
AGND (Pin 5): Analog Ground.
D13 to D6 (Pins 6 to 13): Three-State Data Outputs. The
output format is 2’s complement.
DGND (Pin 14): Digital Ground for Internal Logic. Tie to
AGND.
D5 to D0 (Pins 15 to 20): Three-State Data Outputs. The
output format is 2’s complement.
SHDN (Pin 21): Power Shutdown Input. Low selects
shutdown. Shutdown mode selected by CS. CS = 0 for
nap mode and CS = 1 for sleep mode.
RD (Pin 22): Read Input. This enables the output
drivers when CS is low.
14-BIT CAPACITIVE DAC
COMP
REF AMP
2.5V REF
REFCOMP
(4.096V)
CSAMPLE
CSAMPLE
D13
D0
BUSY
CONTROL LOGIC
CS
CONVST
RD
SHDN
INTERNAL
CLOCK
ZEROING SWITCHES
DVDD
VSS
AVDD
+AIN
–AIN
VREF
AGND
DGND
14
1419 BD
+
SUCCESSIVE APPROXIMATION
REGISTER
OUTPUT LATCHES
2k
FU CTIO AL BLOCK DIAGRA
PI FU CTIO S


Similar Part No. - LTC1419_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1419 LINER-LTC1419_1 Datasheet
263Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
More results

Similar Description - LTC1419_15

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS1419 AUSTIN-AS1419 Datasheet
1,010Kb / 20P
   14 Bit, 800ksps Sampling A/D Converter with Shutdown
logo
Linear Technology
LTC1419 LINER-LTC1419 Datasheet
401Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1419 LINER-LTC1419_1 Datasheet
263Kb / 20P
   14-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1409 LINER-LTC1409 Datasheet
408Kb / 20P
   12-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1409 LINER-LTC1409_15 Datasheet
353Kb / 20P
   12-Bit, 800ksps Sampling A/D Converter with Shutdown
LTC1279 LINER-LTC1279 Datasheet
327Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1410 LINER-LTC1410 Datasheet
148Kb / 16P
   12-Bit, 1.25Msps Sampling A/D Converter with Shutdown
LTC1278 LINER-LTC1278_15 Datasheet
289Kb / 16P
   12-Bit, 500ksps Sampling A/D Converter with Shutdown
LTC1279 LINER-LTC1279_15 Datasheet
285Kb / 16P
   12-Bit, 600ksps Sampling A/D Converter with Shutdown
LTC1278 LINER-LTC1278 Datasheet
329Kb / 16P
   12-Bit, 500ksps Sampling A/D Converter with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com