Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1405 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1405
Description  12-Bit, 5Msps, Sampling ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1405 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1405_15 Datasheet HTML 2Page - Linear Technology LTC1405_15 Datasheet HTML 3Page - Linear Technology LTC1405_15 Datasheet HTML 4Page - Linear Technology LTC1405_15 Datasheet HTML 5Page - Linear Technology LTC1405_15 Datasheet HTML 6Page - Linear Technology LTC1405_15 Datasheet HTML 7Page - Linear Technology LTC1405_15 Datasheet HTML 8Page - Linear Technology LTC1405_15 Datasheet HTML 9Page - Linear Technology LTC1405_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
LTC1405
1405fa
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT FREQUENCY (MHz)
0.1
–100
–90
–85
–80
–75
–70
–65
1
10
1405 F07
–60
–55
–50
–95
100
DUAL SUPPLIES
±2.048V RANGE
GAIN = 1×
AIN = 0dBFS
INPUT FREQUENCY (MHz)
0.1
–100
–90
–85
–80
–75
–70
–65
1
10
1405 F08
–60
–55
–50
–95
100
SINGLE SUPPLY
±1.024V RANGE
GAIN = 2×
AIN = 0dBFS
CODE
N – 1
1570
410554
VREF = 4.096V
GAIN = 1×
N
N + 1
1420 F09
1572
CLOCK FREQUENCY (MHz)
0
0.5
1.5
2.5
3.5
4.5
23
22
21
20
19
18
17
1.0
2.0
3.0
4.0
1405 G10
5.0
VREF = 4.096V
VREF = 2.048V
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
CLOCK FREQUENCY (MHz)
0
0.5
1.5
2.5
3.5
4.5
1.0
2.0
3.0
4.0
1405 G11
5.0
INPUT FREQUENCY (MHz)
0.01
0
10
30
40
50
1
90
1405 G12
20
0.1
10
60
70
80
FREQUENCY (MHz)
0
0
–20
–40
–60
–80
–100
–120
0.5
1.0
1.5
2.0
1405 • G13
2.5
IDD vs Clock Frequency
ISS vs Clock Frequency
CMRR vs Input Frequency
LTC1405 Nonaveraged 4096
Point FFT
SFDR vs Input Frequency,
Differential Input
Grounded Input Histogram
SFDR vs Input Frequency,
Differential Input
fSAMPLE = 5Msps
fIN = 2.515869141MHz
SFDR = 86.2dB
SINAD = 71.3dB
VIN = 4VP-P
± 5V SUPPLIES


Similar Part No. - LTC1405_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1405 LINER-LTC1405_1 Datasheet
328Kb / 20P
   12-Bit, 5Msps, Sampling ADC
More results

Similar Description - LTC1405_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1405 LINER-LTC1405 Datasheet
218Kb / 16P
   12-Bit, 5Msps, Sampling ADC
LTC1405 LINER-LTC1405_1 Datasheet
328Kb / 20P
   12-Bit, 5Msps, Sampling ADC
LTC2315-12 LINER-LTC2315-12_15 Datasheet
695Kb / 22P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2315-12 LINER-LTC2315-12 Datasheet
911Kb / 20P
   12-Bit, 5Msps Serial Sampling ADC in TSOT
LTC2325-16 LINER-LTC2325-16 Datasheet
1Mb / 30P
   Quad, 16-Bit, 5Msps/Ch Simultaneous Sampling ADC
LTC1420 LINER-LTC1420 Datasheet
267Kb / 20P
   12-Bit, 10Msps, Sampling ADC
logo
Analog Devices
AD1678 AD-AD1678_15 Datasheet
4Mb / 12P
   12 BIT 200KSPS SAMPLING ADC
logo
Linear Technology
LTC1420 LINER-LTC1420_15 Datasheet
256Kb / 20P
   12-Bit, 10Msps, Sampling ADC
LTC2385-18 LINER-LTC2385-18 Datasheet
1Mb / 22P
   18-Bit, 5Msps SAR ADC
logo
Maxim Integrated Produc...
MAX1211 MAXIM-MAX1211 Datasheet
534Kb / 30P
   65Msps, 12-Bit, IF Sampling ADC
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com