Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3598 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3598
Description  6-String 30mA LED Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3598 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3598_15 Datasheet HTML 7Page - Linear Technology LT3598_15 Datasheet HTML 8Page - Linear Technology LT3598_15 Datasheet HTML 9Page - Linear Technology LT3598_15 Datasheet HTML 10Page - Linear Technology LT3598_15 Datasheet HTML 11Page - Linear Technology LT3598_15 Datasheet HTML 12Page - Linear Technology LT3598_15 Datasheet HTML 13Page - Linear Technology LT3598_15 Datasheet HTML 14Page - Linear Technology LT3598_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LT3598
11
3598fb
Overvoltage Protection
The LT3598 uses the FB pin to provide regulated overvoltage
protection when all LED strings are open. A resistor divider
is connected between the VO_SW pin and ground (Figure 2).
There is an internal PMOS switch between VOUT and
VO_SW, which is controlled by the PWM signal. The PMOS
switch addition prevents the feedback resistor divider from
draining the output capacitor during PWM off-period,
allowing for a higher dimming range without falsely tripping
the OPENLED flag. It also reduces the system current in
shutdown. This PMOS has about 1k resistance, so select
FB resistors taking this resistance into account.
To set the maximum output voltage, select the values
of R1 and R2 (see Figure 2) according to the following
equation:
VV
R
R
OUT MAX
()
.
=+
1 230
1
2
1
APPLICATIONS INFORMATION
Figure 2. Overvoltage Protection
Voltage Feedback Connections
The output voltage should be set 15% higher than the
normal LED string operating voltage. Under normal
operation, LED1 to LED6 pin voltages are monitored and
provide feedback information to the converter for output
voltage regulation given the programmed LED current.
The maximum output regulation loop is activated only
when all LEDs are open.
Programming Maximum LED Current
Maximum LED current is programmed by placing a resistor
between the ISET pin and ground (RISET). The ISET pin
resistor can be selected from 10k to 100k.
The LED current is programmed according to the following
equation:
I
V
R
LED
ISET
294
See Table 4 and Figure 3 for resistor values and corr-
esponding programmed LED current.
LED current can also be adjusted by programming the
CTRL pin voltage.
Table 4. RISET Value Selection for LED Current
LED CURRENT (mA)
RESISTOR ON ISET PIN (k)
3mA
97.6
10mA
29.4
20mA
14.7
30mA
9.76
LED Current Dimming
Two different types of dimming control can be used with
the LT3598. The LED current can be set by modulating
the CTRL pin or the PWM pin.
For some applications, a variable DC voltage that adjusts
the LED current is the preferred method of brightness
control. The CTRL pin voltage can be modulated to set
the dimming of the LED string (see Figures 4 and 5). As
the voltage on the CTRL pin increases from 0V to 1.0V,
the LED current increases from 0 to the programmed LED
current level. As the CTRL pin voltage increases beyond
1V, it has no effect on the LED current.
Figure 3. RISET Value Selection for LED Current
3598 F02
LT3598
VO_SW
FB
VOUT
R2
R1
RISET (k)
0
20
25
15
10
40
80
20
60
100
5
0
30
3598 F03


Similar Part No. - LT3598_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3598 LINER-LT3598_1 Datasheet
401Kb / 24P
   6-String 30mA LED Driver with 1.5% Current Matching
More results

Similar Description - LT3598_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3598 LINER-LT3598 Datasheet
341Kb / 20P
   6-String 30mA LED Driver with 1.5% Current Matching
LT3598 LINER-LT3598_1 Datasheet
401Kb / 24P
   6-String 30mA LED Driver with 1.5% Current Matching
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Monolithic Power System...
MP3386 MPS-MP3386 Datasheet
315Kb / 14P
   50V, 6 String White LED Driver
logo
Power Analog Micoelectr...
PAM2846 PAM-PAM2846 Datasheet
956Kb / 14P
   Integrated 6 String LED Boost Type Driver
logo
Monolithic Power System...
EV3386DR-00A MPS-EV3386DR-00A Datasheet
214Kb / 4P
   6 string White LED Driver Evaluation Board
logo
Microsemi Corporation
LXMG1960-28-0X MICROSEMI-LXMG1960-28-0X Datasheet
199Kb / 8P
   6-String 5W LED Backlight Boost Driver Module
logo
Monolithic Power System...
MPQ3386-AEC1 MPS-MPQ3386-AEC1 Datasheet
593Kb / 15P
   50V, 6 String White LED Driver AEC-Q100 Qualified
logo
Richtek Technology Corp...
RT8532 RICHTEK-RT8532 Datasheet
252Kb / 14P
   6-String 43V White LED Driver with Boost Regulator
January 2014
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com