Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3480 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3480
Description  36V, 2A, 2.4MHz Step-Down Switching Regulator with 70A Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3480 Datasheet(HTML) 1 Page - Linear Technology

  LT3480_15 Datasheet HTML 1Page - Linear Technology LT3480_15 Datasheet HTML 2Page - Linear Technology LT3480_15 Datasheet HTML 3Page - Linear Technology LT3480_15 Datasheet HTML 4Page - Linear Technology LT3480_15 Datasheet HTML 5Page - Linear Technology LT3480_15 Datasheet HTML 6Page - Linear Technology LT3480_15 Datasheet HTML 7Page - Linear Technology LT3480_15 Datasheet HTML 8Page - Linear Technology LT3480_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT3480
1
3480fe
For more information www.linear.com/LT3480
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
36V, 2A, 2.4MHz Step-Down
Switching Regulator with
70µA Quiescent Current
The LT®3480 is an adjustable frequency (200kHz to
2.4MHz) monolithic buck switching regulator that ac-
cepts input voltages up to 36V (60V maximum). A high
efficiency 0.25 switch is included on the die along with
a boost Schottky diode and the necessary oscillator, con-
trol, and logic circuitry. Current mode topology is used
for fast transient response and good loop stability. Low
ripple Burst Mode operation maintains high efficiency at
low output currents while keeping output ripple below
15mV in a typical application. In addition, the LT3480 can
further enhance low output current efficiency by draw-
ing bias current from the output when VOUT is above 3V.
Shutdown reduces input supply current to less than 1µA
while a resistor and capacitor on the RUN/SS pin provide a
controlled output voltage ramp (soft-start). A power good
flag signals when VOUT reaches 86% of the programmed
output voltage. The LT3480 is available in 10-lead MSOP
and 3mm
× 3mm DFN packages with exposed pads for
low thermal resistance.
n
Wide Input Range:
Operation from 3.6V to 36V
Over-Voltage Lockout Protects Circuits
through 60V Transients
n
2A Maximum Output Current
n
Low Ripple Burst Mode® Operation
70µA IQ at 12VIN to 3.3VOUT
Output Ripple < 15mV
n
Adjustable Switching Frequency: 200kHz to 2.4MHz
n
Low Shutdown Current: IQ < 1µA
n
Integrated Boost Diode
n
Synchronizable Between 250kHz to 2MHz
n
Power Good Flag
n
Saturating Switch Design: 0.25 On-Resistance
n
0.790V Feedback Reference Voltage
n
Output Voltage: 0.79V to 20V
n
Soft-Start Capability
n
Small 10-Lead Thermally Enhanced MSOP and
(3mm
× 3mm) DFN Packages
n
Automotive Battery Regulation
n
Power for Portable Products
n
Distributed Supply Regulation
n
Industrial Supplies
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
3.3V Step-Down Converter
SW
FB
VC
PG
RT
VIN
BD
VIN
4.5V TO 36V
TRANSIENT
TO 60V
VOUT
3.3V
2A
4.7µF
0.47µF
470pF
22µF
100k
14k
40.2k
4.7µH
316k
GND
OFF ON
LT3480
3480 TA01
RUN/SS
BOOST
SYNC
Efficiency
LOAD CURRENT (A)
0
50
0.5
1.0
1.5
2
3480 TA01b
60
100
90
80
70
VIN = 12V
L = 5.6µH
F = 800 kHz
VOUT = 3.3V
VOUT = 5V


Similar Part No. - LT3480_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3480EDD LINER-LT3480EDD Datasheet
298Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70關A Quiescent Current
LT3480EDD-PBF LINER-LT3480EDD-PBF Datasheet
298Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70關A Quiescent Current
LT3480EDD-TR LINER-LT3480EDD-TR Datasheet
298Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70關A Quiescent Current
LT3480EDD-TRPBF LINER-LT3480EDD-TRPBF Datasheet
298Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70關A Quiescent Current
LT3480EMSE LINER-LT3480EMSE Datasheet
298Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70關A Quiescent Current
More results

Similar Description - LT3480_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3480 LINER-LT3480 Datasheet
298Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator with 70關A Quiescent Current
LT3685 LINER-LT3685 Datasheet
812Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3685 LINER-LT3685_15 Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3685EMSE LINER-LT3685EMSE Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3680 LINER-LT3680_15 Datasheet
308Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75A Quiescent Current
LT3980 LINER-LT3980_15 Datasheet
331Kb / 24P
   58V, 2A, 2.4MHz Step-Down Switching Regulator with 85A Quiescent Current
LT3680 LINER-LT3680 Datasheet
307Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3690 LINER-LT3690_15 Datasheet
479Kb / 30P
   36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator with 70A Quiescent Current
LT3481 LINER-LT3481_15 Datasheet
313Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with 50A Quiescent Current
LT3693 LINER-LT3693_15 Datasheet
313Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com