Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1164-5CS Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1164-5CS
Description  Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1164-5CS Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1164-5CS Datasheet HTML 4Page - Linear Technology LTC1164-5CS Datasheet HTML 5Page - Linear Technology LTC1164-5CS Datasheet HTML 6Page - Linear Technology LTC1164-5CS Datasheet HTML 7Page - Linear Technology LTC1164-5CS Datasheet HTML 8Page - Linear Technology LTC1164-5CS Datasheet HTML 9Page - Linear Technology LTC1164-5CS Datasheet HTML 10Page - Linear Technology LTC1164-5CS Datasheet HTML 11Page - Linear Technology LTC1164-5CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LTC1164-5
11
11645fc
TYPICAL APPLICATIO S
Single 5V, IS = 5.2mA, 16th Order Clock-Tunable Lowpass Filter,
fCLK/fCUTOFF = 60:1, –75dB Attenuation at 2.3 fCUTOFF
THD + Noise vs Frequency
Gain vs Frequency
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VIN
5V
fCLK
1164-5 F04
LTC1164-5
1
µF
15k
10k
1
2
3
4
5
6
7
14
13
12
11
10
9
8
IC1
5V
0.1
µF
1k
5V
0.1
µF
5V
IC2
LTC1164-5
VOUT
+
FREQUENCY (kHz)
1
10
1164-5 • TA03
VS = SINGLE 5V
fCLK = 600kHz
fCUTOFF = 10kHz
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
30
FREQUENCY (kHz)
1
5
1164-5 ¥ TA04
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
10
VS = SINGLE 5V
VIN = 0.5VRMS
fCLK = 600kHz
fC = 10kHz


Similar Part No. - LTC1164-5CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-5CSW LINER-LTC1164-5CSW Datasheet
224Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
More results

Similar Description - LTC1164-5CS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-5 LINER-LTC1164-5_15 Datasheet
230Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
224Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-6 LINER-LTC1164-6 Datasheet
311Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6 LINER-LTC1164-6_15 Datasheet
245Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6 LINER-LTC1164-6_1 Datasheet
240Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
logo
Maxim Integrated Produc...
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
   8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
logo
Linear Technology
LTC1064-2 LINER-LTC1064-2_15 Datasheet
130Kb / 12P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter
LTC1064-2 LINER-LTC1064-2_09 Datasheet
124Kb / 12P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter
LTC1064-2 LINER-LTC1064-2 Datasheet
547Kb / 8P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter???
logo
Maxim Integrated Produc...
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com