Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSL12AW Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DSL12AW
Description  12V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DSL12AW Datasheet(HTML) 3 Page - Diodes Incorporated

  DSL12AW_15 Datasheet HTML 1Page - Diodes Incorporated DSL12AW_15 Datasheet HTML 2Page - Diodes Incorporated DSL12AW_15 Datasheet HTML 3Page - Diodes Incorporated DSL12AW_15 Datasheet HTML 4Page - Diodes Incorporated DSL12AW_15 Datasheet HTML 5Page - Diodes Incorporated DSL12AW_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DSL12AW
Document Number: DS31644 Rev. 2 - 2
3 of 6
www.diodes.com
February 2011
© Diodes Incorporated
DSL12AW
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
BVCBO
-12
-35
V
IC = -100μA, IE = 0
Collector-Emitter Breakdown Voltage (Note 5)
BVCEO
-12
-20
V
IC = -10mA, IB = 0
Emitter-Base Breakdown Voltage
BVEBO
-5
-8.3
V
IE = -100μA, IC = 0
Collector Cutoff Current
ICBO
-1
-100
nA
VCB = -12V, IE = 0
Collector Cutoff Current
ICES
-1
-100
nA
VCE = -12V, VBE = 0
Emitter Cutoff Current
IEBO
-1
-100
nA
VEB = -5V, IC = 0
ON CHARACTERISTICS
DC Current Gain (Note 5)
hFE
100
100
100
175
165
160
300
V
VCE = -1.5V, IC = -0.5A
VCE = -1.5V, IC = -0.8A
VCE = -1.5V, IC = -1A
Collector-Emitter Saturation Voltage (Note 5)
VCE(sat)
-70
-95
-115
-160
-235
-290
mV
IC = -0.5A, IB = -10mA
IC = -0.8A, IB = -16mA
IC = -1A, IB = -20mA
Collector-Emitter Saturation Resistance
RCE(sat)
290
m
IC = -1A, IB = -20mA
Base-Emitter Saturation Voltage
VBE(sat)
-0.95
V
IC = -1A, IB = -20mA
Base-Emitter Turn On Voltage
VBE(on)
-0.95
V
VCE = -1.5V, IC = -1A
Output Capacitance
Cobo
65
pF
VCB = -1.5V, f = 1.0MHz
Current Gain-Bandwidth Product
fT
180
MHz
VCE = -5V, IC = -100mA, f = 100MHz
Notes:
5. Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤2%.
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
02
4
6
8
10
12
V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Fig. 4 Typical Collector Current vs. Collector-Emitter Voltage
I = 1mA
B
I = 2mA
B
I = 3mA
B
I = 4mA
B
I = 5mA
B
0
50
100
150
200
250
300
350
400
450
500
0.001
0.01
0.1
1
I , COLLECTOR CURRENT (A)
C
Fig. 5 Typical DC Current Gain vs. Collector Current
T = -55°C
A
V
= -1.5V
CE
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A


Similar Part No. - DSL12AW_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DSL12AW-7 DIODES-DSL12AW-7 Datasheet
132Kb / 6P
   12V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
More results

Similar Description - DSL12AW_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DA2018 DIODES-2DA2018 Datasheet
127Kb / 5P
   12V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
2DA2018 DIODES-2DA2018_15 Datasheet
127Kb / 5P
   12V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
DSL12AW DIODES-DSL12AW Datasheet
132Kb / 6P
   12V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
DPLS160 DIODES-DPLS160_15 Datasheet
171Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DXT751 DIODES-DXT751_15 Datasheet
170Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DSS5140V DIODES-DSS5140V_15 Datasheet
122Kb / 5P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
2DB1689 DIODES-2DB1689_15 Datasheet
95Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DSS5240T DIODES-DSS5240T Datasheet
101Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DSS5220V DIODES-DSS5220V Datasheet
125Kb / 5P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
DZT955 DIODES-DZT955 Datasheet
196Kb / 4P
   LOW VCE(SAT) PNP SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com