Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR20A300CTFP-JT-G Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SBR20A300CTFP-JT-G
Description  SUPER BARRIER RECTIFIER 20A SBR짰
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR20A300CTFP-JT-G Datasheet(HTML) 1 Page - Diodes Incorporated

  SBR20A300CTFP-JT-G Datasheet HTML 1Page - Diodes Incorporated SBR20A300CTFP-JT-G Datasheet HTML 2Page - Diodes Incorporated SBR20A300CTFP-JT-G Datasheet HTML 3Page - Diodes Incorporated SBR20A300CTFP-JT-G Datasheet HTML 4Page - Diodes Incorporated SBR20A300CTFP-JT-G Datasheet HTML 5Page - Diodes Incorporated SBR20A300CTFP-JT-G Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SBR is a registered trademark of Diodes Incorporated.
SBR20A300
Document number: DS30993 Rev. 8 - 2
1 of 6
www.diodes.com
January 2014
© Diodes Incorporated
SBR20A300CT
SBR20A300CTB
SBR20A300CTFP
20A SBR
®
SUPER BARRIER RECTIFIER
Product Summary (@TA = +25°C)
VRRM (V)
IO (A)
VF MAX (V)
IR MAX (µA)
300
20
0.92
100
Description and Applications
This Super Barrier Rectifier has been designed to meet the general
requirements of commercial applications. It is ideally suited for use
as:
Polarity Protection Diode
Re-Circulating Diode
Boost Diode
Blocking Diode
Features and Benefits
Low Forward Voltage Drop
Excellent High Temperature Stability
Patented Super Barrier Rectifier Technology
Lead-Free Finish; RoHS Compliant (Notes 1 & 2)
Also Available in Green Molding Compound - Halogen and
Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: TO-220AB, ITO-220AB, TO263 (D
2Pak)
Case Material: Molded Plastic, UL Flammability Classification
Rating 94V-0
Terminals: Matte Tin Finish annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Marking Information: See Page 2
Ordering Information: See Page 1
Weight: TO-220AB – 1.85 grams (approximate)
ITO-220AB – 1.65 grams (approximate)
TO263 (D
2Pak) – 2.1 grams (approximate)
Ordering Information (Notes 4 & 5)
Part Number
Case
Packaging
SBR20A300CT
TO-220AB
50 pieces/tube
SBR20A300CT-G
TO-220AB
50 pieces/tube
SBR20A300CTFP
ITO-220AB
50 pieces/tube
SBR20A300CTFP-G
ITO-220AB
50 pieces/tube
SBR20A300CTFP-JT-G
ITO-220AB (Alternate)
50 pieces/tube
SBR20A300CTB
TO263 (D
2Pak)
50 pieces/tube
Notes:
1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html
5. For Green Molding Compound version part numbers, add "-G" suffix to part number above. Examples: SBR20A300CT-G.
Pb
 
Green
Pb
 
Green
 
Green
Pb
 
Green


Similar Part No. - SBR20A300CTFP-JT-G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20A300CTFP-JT-G DIODES-SBR20A300CTFP-JT-G Datasheet
390Kb / 7P
   SUPER BARRIER RECTIFIER
More results

Similar Description - SBR20A300CTFP-JT-G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20U60 DIODES-SBR20U60_15 Datasheet
160Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20100CTP DIODES-SBR20100CTP_15 Datasheet
91Kb / 4P
   20A SBR짰 SUPER BARRIER RECTIFIER
SBR20A100 DIODES-SBR20A100_15 Datasheet
134Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20A120 DIODES-SBR20A120_15 Datasheet
449Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20A60CTBQ DIODES-SBR20A60CTBQ_15 Datasheet
199Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20150CT DIODES-SBR20150CT_15 Datasheet
202Kb / 5P
   20A SBR짰 SUPER BARRIER RECTIFIER
SBR20A40CT DIODES-SBR20A40CT_08 Datasheet
165Kb / 3P
   20A SBR짰 SUPER BARRIER RECTIFIER
DS30963 Rev. 3 - 2
SBR2045CT DIODES-SBR2045CT_08 Datasheet
173Kb / 3P
   20A SBR짰 SUPER BARRIER RECTIFIER
DS30958 Rev. 5 - 2
SBR20A300CT DIODES-SBR20A300CT_08 Datasheet
169Kb / 3P
   20A SBR짰 SUPER BARRIER RECTIFIER
DS30993 Rev. 4 - 2
SBR2040 DIODES-SBR2040_15 Datasheet
156Kb / 5P
   20A SBR짰 SUPER BARRIER RECTIFIER
SBR20A100CTB DIODES-SBR20A100CTB_15 Datasheet
314Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com