Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1164-6CN Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1164-6CN
Description  Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1164-6CN Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1164-6CN Datasheet HTML 4Page - Linear Technology LTC1164-6CN Datasheet HTML 5Page - Linear Technology LTC1164-6CN Datasheet HTML 6Page - Linear Technology LTC1164-6CN Datasheet HTML 7Page - Linear Technology LTC1164-6CN Datasheet HTML 8Page - Linear Technology LTC1164-6CN Datasheet HTML 9Page - Linear Technology LTC1164-6CN Datasheet HTML 10Page - Linear Technology LTC1164-6CN Datasheet HTML 11Page - Linear Technology LTC1164-6CN Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1164-6
S
APPLICATI
I FOR ATIO
Any parasitic switching transients during the rise and fall
edges of the incoming clock are not part of the clock
feedthrough specifications. Switching transients have fre-
quency contents much higher than the applied clock; their
amplitude strongly depends on scope probing techniques
as well as grounding and power supply bypassing. The
clock feedthrough, if bothersome, can be greatly reduced
by adding a simple R/C lowpass network at the output of
the filter pin (9). This R/C will completely eliminate any
switching transient.
Wideband Noise
The wideband noise of the filter is the total RMS value of
the device’s noise spectral density and it is used to
determine the operating signal-to-noise ratio. Most of its
frequency contents lie within the filter passband and it
cannot be reduced with post filtering. For instance, the
LTC1164-6 wideband noise at
±2.5V supply is 100µVRMS,
90
µVRMS of which have frequency contents from DC up to
the filter’s cutoff frequency. The total wideband noise
(
µVRMS) is nearly independent of the value of the clock.
The clock feedthrough specifications are not part of the
wideband noise.
Speed Limitations
The LTC1164-6 optimizes AC performance versus power
consumption. To avoid op amp slew rate limiting at
maximum clock frequencies, the signal amplitude should
be kept below a specified level as shown on Table 4.
Aliasing
Aliasing is an inherent phenomenon of sampled data
systems and it occurs when input frequencies close to the
sampling frequency are applied. For the LTC1164-6 case,
an input signal whose frequency is in the range of fCLK
±4%, will be aliased back into the filter’s passband. If, for
instance, an LTC1164-6 operating with a 100kHz clock
and 1kHz cutoff frequency receives a 98.5kHz, 10mVRMS
input signal, a 1.5kHz, 10
µVRMS alias signal will appear at
its output. When the LTC1164-6 operates with a clock-to-
cutoff frequency of 50:1, aliasing occurs at twice the clock
frequency. Table 5 shows details.
Table 4. Maximum VIN vs VS and fCLK
POWER SUPPLY
MAXIMUM fCLK
MAXIMUM VIN
±7.5V
1.5MHz
1VRMS (fIN > 35kHz)
1MHz
3VRMS (fIN > 25kHz)
≥1MHz
0.7VRMS (fIN > 250kHz)
±5V
1MHz
2.5VRMS (fIN > 25kHz)
1MHz
0.5VRMS (fIN > 100kHz)
Single 5V
1MHz
0.7VRMS (fIN > 25kHz)
1MHz
0.5VRMS (fIN > 100kHz)
Table 5. Aliasing (fCLK = 100kHz)
INPUT FREQUENCY
OUTPUT LEVEL
OUTPUT FREQUENCY
(VIN = 1VRMS)
(Relative to Input)
(Aliased Frequency)
(kHz)
(dB)
(kHz)
fCLK/fC = 100:1, fCUTOFF = 1kHz
96
(or 104)
–75.0
4.0
97
(or 103)
– 68.0
3.0
98
(or 102)
– 65.0
2.0
98.5 (or 101.5)
– 60.0
1.5
99
(or 101)
– 3.2
1.0
99.5 (or 100.5)
– 0.5
0.5
fCLK/fC = 50:1, fCUTOFF = 2kHz
192 (or 208)
– 76.0
8.0
194 (or 206)
– 68.0
6.0
196 (or 204)
– 63.0
4.0
198 (or 202)
– 3.4
2.0
199 (or 201)
– 1.3
1.0
199.5(or 200.5)
– 0.9
0.5
Table 6. Transient Response of LTC Lowpass Filters
DELAY
RISE
SETTLING OVER-
TIME*
TIME**
TIME***
SHOOT
LOWPASS FILTER
(SEC)
(SEC)
(SEC)
(%)
LTC1064-3 Bessel
0.50/fC
0.34/fC
0.80/fC
0.5
LTC1164-5 Linear Phase
0.43/fC
0.34/fC
0.85/fC
0
LTC1164-6 Linear Phase
0.43/fC
0.34/fC
1.15/fC
1
LTC1264-7 Linear Phase
1.15/fC
0.36/fC
2.05/fC
5
LTC1164-7 Linear Phase
1.20/fC
0.39/fC
2.20/fC
5
LTC1064-7 Linear Phase
1.20/fC
0.39/fC
2.20/fC
5
LTC1164-5 Butterworth
0.80/fC
0.48/fC
2.40/fC
11
LTC1164-6 Elliptic
0.85/fC
0.54/fC
4.30/fC
18
LTC1064-4 Elliptic
0.90/fC
0.54/fC
4.50/fC
20
LTC1064-1 Elliptic
0.85/fC
0.54/fC
6.50/fC
20
* To 50%
±5%, ** 10% to 90% ±5%, *** To 1% ±0.5%


Similar Part No. - LTC1164-6CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-6CN LINER-LTC1164-6CN Datasheet
240Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
More results

Similar Description - LTC1164-6CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-6 LINER-LTC1164-6_15 Datasheet
245Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6 LINER-LTC1164-6_1 Datasheet
240Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-5 LINER-LTC1164-5_15 Datasheet
230Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
224Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
204Kb / 12P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1069-1 LINER-LTC1069-1_15 Datasheet
147Kb / 10P
   Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1069-1 LINER-LTC1069-1 Datasheet
240Kb / 8P
   Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1164-7 LINER-LTC1164-7_15 Datasheet
267Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7 Datasheet
300Kb / 12P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_1 Datasheet
262Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com