Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1913 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1913
Description  25V, 3.5A, 2.4MHz Step-Down Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1913 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1913_15 Datasheet HTML 5Page - Linear Technology LT1913_15 Datasheet HTML 6Page - Linear Technology LT1913_15 Datasheet HTML 7Page - Linear Technology LT1913_15 Datasheet HTML 8Page - Linear Technology LT1913_15 Datasheet HTML 9Page - Linear Technology LT1913_15 Datasheet HTML 10Page - Linear Technology LT1913_15 Datasheet HTML 11Page - Linear Technology LT1913_15 Datasheet HTML 12Page - Linear Technology LT1913_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LT1913
9
1913f
The LT1913 is a constant frequency, current mode step-
down regulator. An oscillator, with frequency set by RT,
enables an RS flip-flop, turning on the internal power
switch. An amplifier and comparator monitor the current
flowing between the VIN and SW pins, turning the switch
off when this current reaches a level determined by the
voltage at VC. An error amplifier measures the output
voltage through an external resistor divider tied to the FB
pin and servos the VC pin. If the error amplifier’s output
increases, more current is delivered to the output; if it
decreases, less current is delivered. An active clamp on the
VC pin provides current limit. The VC pin is also clamped to
the voltage on the RUN/SS pin; soft-start is implemented
by generating a voltage ramp at the RUN/SS pin using an
external resistor and capacitor.
An internal regulator provides power to the control circuitry.
The bias regulator normally draws power from the VIN pin,
but if the BD pin is connected to an external voltage higher
than 3V bias power will be drawn from the external source
(typically the regulated output voltage). This improves
efficiency. The RUN/SS pin is used to place the LT1913
in shutdown, disconnecting the output and reducing the
input current to less than 0.5μA.
The switch driver operates from either the input or from
the BOOST pin. An external capacitor and diode are used
to generate a voltage at the BOOST pin that is higher than
the input supply. This allows the driver to fully saturate
the internal bipolar NPN power switch for efficient opera-
tion.
The oscillator reduces the LT1913’s operating frequency
when the voltage at the FB pin is low. This frequency
foldback helps to control the output current during startup
and overload.
The LT1913 contains a power good comparator which trips
when the FB pin is at 91% of its regulated value. The PG
output is an open-collector transistor that is off when the
output is in regulation, allowing an external resistor to pull
the PG pin high. Power good is valid when the LT1913 is
enabled and VIN is above 3.6V.
OPERATION


Similar Part No. - LT1913_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1913EDD-PBF LINER-LT1913EDD-PBF Datasheet
292Kb / 24P
   25V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT1913EDD-TRPBF LINER-LT1913EDD-TRPBF Datasheet
292Kb / 24P
   25V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT1913IDD-PBF LINER-LT1913IDD-PBF Datasheet
292Kb / 24P
   25V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT1913IDD-TRPBF LINER-LT1913IDD-TRPBF Datasheet
292Kb / 24P
   25V, 3.5A, 2.4MHz Step-Down Switching Regulator
More results

Similar Description - LT1913_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1913 LINER-LT1913 Datasheet
292Kb / 24P
   25V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693 Datasheet
310Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3693 LINER-LT3693_15 Datasheet
313Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator
LT3680 LINER-LT3680_15 Datasheet
308Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75A Quiescent Current
LT3972 LINER-LT3972_15 Datasheet
343Kb / 24P
   33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75A Quiescent Current
logo
STMicroelectronics
L4973V33-L4973V51 STMICROELECTRONICS-L4973V33-L4973V51 Datasheet
222Kb / 16P
   3.5A STEP DOWN SWITCHING REGULATOR
April 2000
L4973 STMICROELECTRONICS-L4973 Datasheet
367Kb / 27P
   3.5A step down switching regulator
logo
Linear Technology
LT3680 LINER-LT3680 Datasheet
307Kb / 24P
   36V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3972 LINER-LT3972 Datasheet
286Kb / 24P
   33V, 3.5A, 2.4MHz Step-Down Switching Regulator with 75關A Quiescent Current
LT3685 LINER-LT3685 Datasheet
812Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com