Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1164-6C Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1164-6C
Description  Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1164-6C Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1164-6C Datasheet HTML 3Page - Linear Technology LTC1164-6C Datasheet HTML 4Page - Linear Technology LTC1164-6C Datasheet HTML 5Page - Linear Technology LTC1164-6C Datasheet HTML 6Page - Linear Technology LTC1164-6C Datasheet HTML 7Page - Linear Technology LTC1164-6C Datasheet HTML 8Page - Linear Technology LTC1164-6C Datasheet HTML 9Page - Linear Technology LTC1164-6C Datasheet HTML 10Page - Linear Technology LTC1164-6C Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LTC1164-6
PI FU CTIO S
level threshold value for a dual or single supply operation.
A pulse generator can be used as a clock source provided
the high level ON time is greater than 0.5
µs.Sinewavesare
not recommended for clock input frequencies less than
100kHz, since excessively slow clock rise or fall times
generate internal clock jitter (maximum clock rise or fall
time
≤ 1µs). The clock signal should be routed from the
right side of the IC package to avoid coupling into any input
or output analog signal path. A 1k resistor between clock
source and pin 11 will slow down the rise and fall times of
the clock to further reduce charge coupling, Figures 1
and 2.
Analog Ground Pins (3, 5)
The filter performance depends on the quality of the
analog signal ground. For either dual or single supply
operation, an analog ground plane surrounding the pack-
age is recommended. The analog ground plane should be
connected to any digital ground at a single point. For dual
supply operation, pins 3 and 5 should be connected to the
analog ground plane. For single supply operation pins 3
and 5 should be biased at 1/2 supply and they should be
bypassed to the analog ground plane with at least a 1
µF
capacitor (Figure 2). For single 5V operation at the highest
fCLK of 1MHz, pins 3 and 5 should be biased at 2V. This
minimizes passband gain and phase variations (see Typi-
cal Performance Characteristics curves: Maximum Pass-
band for Single 5V, 50:1; and THD + Noise vs RMS Input
for Single 5V, 50:1).
Elliptic/Linear Phase Select Pin (10)
The DC level at this pin selects the desired filter response,
elliptic or linear phase and determines the ratio of the clock
frequency to the cutoff frequency of the filter. Pin 10
connected to V provides an elliptic lowpass filter with
clock-to-fCUTOFF ratio of 100:1. Pin 10 connected to
analog ground provides a linear phase lowpass filter with
a clock- to-f–3dB ratio of 160:1 and a transient response
overshoot of 1%. When pin 10 is connected to V
+ the
clock-to-fCUTOFF ratio is 50:1 and the filter response is
elliptic. Bypassing pin 10 to analog ground reduces the
output DC offsets. If the DC level at pin 10 is switched
mechanically or electrically at slew rates greater than 1V/
µs while the device is operating, a 10k resistor should be
connected between pin 10 and the DC source.
Filter Input Pin (2)
The input pin is connected internally through a 50k resis-
tor tied to the inverting input of an op amp.
Filter Output Pins (9, 6)
Pin 9 is the specified output of the filter; it can typically
source or sink 1mA. Driving coaxial cables or resistive
loads less than 20k will degrade the total harmonic distor-
tion of the filter. When evaluating the device’s distortion an
output buffer is required. A noninverting buffer, Figure 3,
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VIN
V+
1k
V
VOUT
LTC1164-6
DIGITAL SUPPLY
+
GND
CLOCK SOURCE
*
1164-6 F01
* OPTIONAL
0.1
µF
0.1
µF
Figure 1. Dual Supply Operation for fCLK/fCUTOFF = 100:1
Figure 2. Single Supply Operation for fCLK/fCUTOFF = 100:1
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VIN
V+
1k
VOUT
DIGITAL SUPPLY
+
GND
CLOCK SOURCE
1164-6 F02
+
LTC1164-6
0.1
µF
1
µF
10k
10k
Table 1. Clock Source High and Low Threshold Levels
POWER SUPPLY
HIGH LEVEL
LOW LEVEL
Dual Supply =
±7.5V
≥ 2.18V
≤ 0.5V
Dual Supply =
±5V
≥ 1.45V
≤ 0.5V
Dual Supply =
±2.5V
≥ 0.73V
≤ – 2.0V
Single Supply = 12V
≥ 7.80V
≤ 6.5V
Single Supply = 5V
≥ 1.45V
≤ 0.5V
(14-Lead Dual-In-Line Package)


Similar Part No. - LTC1164-6C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-6CJ LINER-LTC1164-6CJ Datasheet
240Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6CN LINER-LTC1164-6CN Datasheet
240Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6CSW LINER-LTC1164-6CSW Datasheet
240Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
More results

Similar Description - LTC1164-6C

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-6 LINER-LTC1164-6_15 Datasheet
245Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6 LINER-LTC1164-6_1 Datasheet
240Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-5 LINER-LTC1164-5_15 Datasheet
230Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
224Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
204Kb / 12P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1069-1 LINER-LTC1069-1_15 Datasheet
147Kb / 10P
   Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1069-1 LINER-LTC1069-1 Datasheet
240Kb / 8P
   Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1164-7 LINER-LTC1164-7_15 Datasheet
267Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7 Datasheet
300Kb / 12P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_1 Datasheet
262Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com