Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1155IN8 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1155IN8
Description  Dual High Side Micropower MOSFET Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1155IN8 Datasheet(HTML) 2 Page - Linear Technology

  LTC1155IN8 Datasheet HTML 1Page - Linear Technology LTC1155IN8 Datasheet HTML 2Page - Linear Technology LTC1155IN8 Datasheet HTML 3Page - Linear Technology LTC1155IN8 Datasheet HTML 4Page - Linear Technology LTC1155IN8 Datasheet HTML 5Page - Linear Technology LTC1155IN8 Datasheet HTML 6Page - Linear Technology LTC1155IN8 Datasheet HTML 7Page - Linear Technology LTC1155IN8 Datasheet HTML 8Page - Linear Technology LTC1155IN8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC1155
Supply Voltage ........................................................ 22V
Input Voltage ...................... (VS +0.3V) to (GND – 0.3V)
Gate Voltage ......................... (VS +24V) to (GND – 0.3V)
Current (Any Pin) .................................................. 50mA
Storage Temperature Range ................. – 65
°C to 150°C
A
G
A
U
A
R
BSOLUTEXI
TI
S
Operating Temperature Range
LTC1155C................................................ 0
°C to 70°C
LTC1155I ........................................... – 40
°C to 85°C
LTC1155M ........................................ – 55
°C to 125°C
Lead Temperature Range (Soldering, 10 sec.)...... 300
°C
(Note 1)
ELECTRICAL C
C
HARA TERISTICS
LTC1155M
LTC1155C/LTC1155I
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VS
Supply Voltage
q
4.5
18
4.5
18
V
IQ
Quiescent Current OFF
VIN = 0V, VS = 5V (Note 2)
8
20
8
20
µA
Quiescent Current ON
VS = 5V, VIN = 5V (Note 3)
85
120
85
120
µA
Quiescent Current ON
VS = 12V, VIN = 5V (Note 3)
180
400
180
400
µA
VINH
Input High Voltage
q
2.0
2.0
V
VINL
Input Low Voltage
q
0.8
0.8
V
IIN
Input Current
0V < VIN < VS
q
±1.0
±1.0
µA
CIN
Input Capacitance
5
5
pF
VSEN
Drain Sense Threshold Voltage
80
100
120
80
100
120
mV
q
75
100
125
75
100
125
mV
ISEN
Drain Sense Input Current
0V < VSEN < VS
±0.1
±0.1
µA
VGATE-VS
Gate Voltage Above Supply
VS = 5V
q
6.0
6.8
9.0
6.0
6.8
9.0
V
VS = 6V
q
7.5
8.5
15
7.5
8.5
15
V
VS = 12V
q
15
18
25
15
18
25
V
tON
Turn ON Time
VS = 5V, CGATE = 1000pF
Time for VGATE > VS + 2V
50
250
750
50
250
750
µs
Time for VGATE > VS + 5V
200
1100
2000
200
1100
2000
µs
VS = 12V, CGATE = 1000pF
Time for VGATE > VS + 5V
50
180
500
50
180
500
µs
Time for VGATE > VS + 10V
120
450
1200
120
450
1200
µs
The q denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VS = 4.5V to 18V, unless otherwise noted.
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
1
2
3
4
8
7
6
5
TOP VIEW
DS1
G1
GND
IN1
DS2
G2
VS
IN2
J8 PACKAGE
8-LEAD CERDIP
N8 PACKAGE
8-LEAD PDIP
TJMAX = 150°C, θJA = 100°C/W (J8)
TJMAX = 100°C, θJA = 130°C/W (N8)
LTC1155CN8
LTC1155CJ8
LTC1155IN8
LTC1155MJ8
ORDER PART
NUMBER
S8 PART MARKING
LTC1155CS8
LTC1155IS8
1155
1155I
TJMAX = 100°C, θJA = 150°C/W
1
2
3
4
8
7
6
5
TOP VIEW
DS2
G2
VS
IN2
DS1
G1
GND
IN1
S8 PACKAGE
8-LEAD PLASTIC SO


Similar Part No. - LTC1155IN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1155 LINER-LTC1155 Datasheet
247Kb / 20P
   High Speed Single/Dual N-Channel MOSFET Drivers
LTC1155 LINER-LTC1155 Datasheet
245Kb / 16P
   Dual High Side Micropower MOSFET Driver
LTC1155 LINER-LTC1155_15 Datasheet
245Kb / 16P
   Dual High Side Micropower MOSFET Driver
More results

Similar Description - LTC1155IN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1155 LINER-LTC1155_15 Datasheet
245Kb / 16P
   Dual High Side Micropower MOSFET Driver
LTC1157 LINER-LTC1157 Datasheet
221Kb / 8P
   3.3V Dual Micropower High-Side/Low-Side MOSFET Driver
LTC1157 LINER-LTC1157_15 Datasheet
207Kb / 8P
   3.3V Dual Micropower High-Side/Low-Side MOSFET Driver
LTC1154 LINER-LTC1154_15 Datasheet
199Kb / 18P
   High Side Micropower MOSFET Driver
LTC1154 LINER-LTC1154 Datasheet
334Kb / 16P
   High-Side Micropower MOSFET Driver
LTC1255 LINER-LTC1255_15 Datasheet
293Kb / 16P
   Dual 24V High-Side MOSFET Driver
LTC1255 LINER-LTC1255 Datasheet
340Kb / 16P
   Dual 24V High-Side MOSFET Driver
logo
Tripath Technology Inc.
TP2150B TRIPATH-TP2150B Datasheet
377Kb / 18P
   DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
logo
Linear Technology
LTC1156 LINER-LTC1156_15 Datasheet
214Kb / 8P
   Quad High Side Micropower MOSFET Driver with Internal Charge Pump
LTC1156 LINER-LTC1156 Datasheet
231Kb / 8P
   Quad High Side Micropower MOSFET Driver with Internal Charge Pump
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com