Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1573 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1573
Description  Low Dropout PNP Regulator Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1573 Datasheet(HTML) 4 Page - Linear Technology

  LT1573_15 Datasheet HTML 1Page - Linear Technology LT1573_15 Datasheet HTML 2Page - Linear Technology LT1573_15 Datasheet HTML 3Page - Linear Technology LT1573_15 Datasheet HTML 4Page - Linear Technology LT1573_15 Datasheet HTML 5Page - Linear Technology LT1573_15 Datasheet HTML 6Page - Linear Technology LT1573_15 Datasheet HTML 7Page - Linear Technology LT1573_15 Datasheet HTML 8Page - Linear Technology LT1573_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1573
sn1573 1573fas
FEEDBACK PIN VOLTAGE (V)
0
1.0
1.2
450
400
350
300
250
200
150
100
50
0
1573 G07
0.4
0.6
0.8
0.2
1.4
TJ = 130°C
TJ = 25°C
TJ = –45°C
Drive Pin Current vs
Feedback Pin Voltage
TEMPERATURE (°C)
–50
150
1573 G09
–25
0
255075
125
100
0.85
0.80
0.75
0.70
0.65
0.60
0.55
0.50
0.45
0.40
VIN = 5V
LATCH DISABLED FOR
(VIN – VOUT) < LATCH DISABLE THRESHOLD
DRIVE PIN CURRENT (mA)
0
50
100
150
200
1573 G08
250
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
300
TJ = 130°C
TJ = –45°C
TJ = 25°C
Latch-Disable Threshold
(VIN – VOUT) vs Temperature
INPUT VOLTAGE (V)
23
3.0
2.5
2.0
1.5
1.0
0.5
0
45
7
6
1573 G10
8
TJ = 125°C
TJ = –45°C
TJ = 25°C
Latch Charging Current vs
Input Voltage
Latch Pin Latch-Off Threshold vs
Input Voltage
INPUT VOLTAGE (V)
2
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
45
7
36
1573 G12
8
TJ = 25°C
TJ = –45°C
TJ = 125°C
Latching Current vs Input Voltage
INPUT VOLTAGE (V)
2
357
16
14
12
10
8
6
4
2
0
46
1573 G11
8
TJ = 125°C
TJ = 25°C
TJ = –45°C
SHUTDOWN PIN VOLTAGE (V)
0
300
250
200
150
100
50
0
23
5
7
14
6
1573 G14
TJ = 125°C
TJ = 25°C
TJ = –45°C
TEMPERATURE (°C)
1.5
1.4
1.3
1.2
1.1
1.0
1573 G13
–50
150
–25
0
25
50
75
125
100
Shutdown Pin Current vs
Shutdown Pin Voltage
Shutdown Voltage Threshold vs
Temperature
Drive Pin Saturation Voltage vs
Drive Pin Current
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LT1573_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1573C LINER-LT1573C Datasheet
200Kb / 16P
   Low Dropout PNP Regulator Driver
LT1573CS8 LINER-LT1573CS8 Datasheet
200Kb / 16P
   Low Dropout PNP Regulator Driver
LT1573CS8-2.5 LINER-LT1573CS8-2.5 Datasheet
200Kb / 16P
   Low Dropout PNP Regulator Driver
LT1573CS8-2.8 LINER-LT1573CS8-2.8 Datasheet
200Kb / 16P
   Low Dropout PNP Regulator Driver
LT1573CS8-3.3 LINER-LT1573CS8-3.3 Datasheet
200Kb / 16P
   Low Dropout PNP Regulator Driver
More results

Similar Description - LT1573_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1573K-DICE LINER-RH1573K-DICE_15 Datasheet
73Kb / 4P
   Low Dropout PNP Regulator Driver
LT1573 LINER-LT1573 Datasheet
200Kb / 16P
   Low Dropout PNP Regulator Driver
RH1573K LINER-RH1573K Datasheet
61Kb / 2P
   Low Dropout PNP Regulator Driver
RH1573K LINER-RH1573K_12 Datasheet
239Kb / 13P
   RH1573K LOW DROPOUT PNP REGULATOR DRIVER DICE
LT1123 LINER-LT1123 Datasheet
241Kb / 12P
   Low Dropout Regulator Driver
LT1123 LINER-LT1123_05 Datasheet
157Kb / 16P
   Low Dropout Regulator Driver
LT1123 LINER-LT1123_15 Datasheet
167Kb / 16P
   Low Dropout Regulator Driver
logo
Zetex Semiconductors
ZBD949 ZETEX-ZBD949 Datasheet
257Kb / 7P
   PNP LOW DROPOUT REGULATOR TRANSISTOR
logo
New Jersey Semi-Conduct...
MJE1123 NJSEMI-MJE1123 Datasheet
100Kb / 2P
   Bipolar Power PNP Low Dropout Regulator Transistor
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com