Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1307B Datasheet(PDF) 9 Page - Linear Technology

Part # LT1307B
Description  Single Cell Micropower 600kHz PWM DC/DC Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1307B Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1307B_15 Datasheet HTML 5Page - Linear Technology LT1307B_15 Datasheet HTML 6Page - Linear Technology LT1307B_15 Datasheet HTML 7Page - Linear Technology LT1307B_15 Datasheet HTML 8Page - Linear Technology LT1307B_15 Datasheet HTML 9Page - Linear Technology LT1307B_15 Datasheet HTML 10Page - Linear Technology LT1307B_15 Datasheet HTML 11Page - Linear Technology LT1307B_15 Datasheet HTML 12Page - Linear Technology LT1307B_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LT1307/LT1307B
1307fa
quite evident, as is this particular device’s 575kHz switch-
ing frequency (nominal switching frequency is 600kHz).
Note, however, the absence of significant energy at 455kHz.
Figure 7’s plot reduces the frequency span from 255kHz to
655kHz with a 455kHz center. Burst Mode low frequency
ripple creates sidebands around the 575kHz switching
fundamental. These sidebands have low signal amplitude
at 455kHz, measuring – 55dBmVRMS. As load current is
further reduced, the Burst Mode frequency decreases.
This spaces the sidebands around the switching fre-
quency closer together, moving spectral energy further
Trace B. Similarly, Figure 4 details the two circuits with a
load step from 5mA to 45mA with a 1.5V input.
The LT1307B also can be used in lower current applica-
tions where a clean, low ripple output is needed. Figure 5
details transient response of a single cell to 3.3V con-
verter, using an inductor value of 100
µH. This high induc-
tance minimizes ripple current, allowing the LT1307B to
regulate without skipping cycles. As the load current is
stepped from 5mA to 10mA, the output voltage responds
cleanly. Note that the VC pin loop compensation has been
made more conservative (increased C, decreased R).
Figure 5. Increasing L to 100
µH, Along with RC = 36k,
CC = 20nF and COUT = 10µF, Low Noise Performance of
LT1307B Can Be Realized at Light Loads of 5mA to 10mA
10mA
5mA
IL
VIN = 1.25V
1ms/DIV
1307 F05
VOUT = 3.3V
IL
20mA/DIV
VOUT
100mV/DIV
AC COUPLED
At light loads, the LT1307B will begin to skip alternate
cycles. The load point at which this occurs can be de-
creased by increasing the inductor value. However, output
ripple will continue to be significantly less than the LT1307
output ripple. Further, the LT1307B can be forced into
micropower mode, where IQ falls from 1mA to 50µA by
pulling down VC to 0.3V or less externally.
DC/DC CONVERTER NOISE CONSIDERATIONS
Switching regulator noise is a significant concern in many
communications systems. The LT1307 is designed to
keep noise energy out of the sensitive 455kHz band at all
load levels while consuming only 60
µW to 100µW at no
load. At light load levels, the device is in Burst Mode,
causing low frequency ripple to appear at the output.
Figure 6 details spectral noise directly at the output of
Figure 1’s circuit in a 1kHz to 1MHz bandwidth. The
converter supplies a 5mA load from a 1.25V input. The
Burst Mode fundamental at 5.1kHz and its harmonics are
FREQUENCY (kHz)
1
40
30
20
10
0
–10
–20
–30
–40
–50
–60
10
100
1000
1307 F06
RBW = 100Hz
Figure 6. Spectral Noise Plot of 3.3V Converter Delivering
5mA Load. Burst Mode Fundamental at 5.1kHz is 23dBmVRMS
or 14mVRMS
FREQUENCY (kHz)
255
–20
–25
–30
–35
–40
–45
–50
–55
–60
–65
–70
455
1307 F07
655
RBW = 100Hz
Figure 7. Span Centered at 455kHz Shows – 55dBmVRMS
(1.8
µVRMS) at 455kHz. Burst Mode Creates Sidebands 5.1kHz
Apart Around the Switching Frequency Fundamental of 575kHz
APPLICATIO S I FOR ATIO


Similar Part No. - LT1307B_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1307BCMS8 LINER-LT1307BCMS8 Datasheet
377Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1307BCS8 LINER-LT1307BCS8 Datasheet
377Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1307BIS8 LINER-LT1307BIS8 Datasheet
377Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
More results

Similar Description - LT1307B_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1307 LINER-LT1307_15 Datasheet
379Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1307 LINER-LT1307 Datasheet
377Kb / 20P
   Single Cell Micropower 600kHz PWM DC/DC Converters
LT1317 LINER-LT1317 Datasheet
447Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LT1317 LINER-LT1317_15 Datasheet
408Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LT1317B LINER-LT1317B_15 Datasheet
408Kb / 16P
   Micropower, 600kHz PWM DC/DC Converters
LT1308B LINER-LT1308B_15 Datasheet
377Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A_1 Datasheet
766Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A Datasheet
185Kb / 12P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308A LINER-LT1308A_15 Datasheet
377Kb / 20P
   High Current, Micropower Single Cell, 600kHz DC/DC Converters
LT1308 LINER-LT1308_15 Datasheet
253Kb / 8P
   Single Cell High Current Micropower 600kHz Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com