Electronic Components Datasheet Search |
|
1.5KE150 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd |
|
1.5KE150 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd |
1 / 6 page CREAT BY ART - Excellent clamping capability - Low dynamic impedance - 1500W surge capability at 10 / 1000 μs waveform - Typical IR less than 1μA above 10V - Halogen-free according to IEC 61249-2-21 definition Molding compound, UL flammability classification rating 94V-0 Part No. with suffix "H" means AEC-Q101 qualified Packing code with suffix "G" means green compound (halogen-free) Terminal: Pure tin plated leads, solderable per JESD22-B102 Meet JESD 201 class 2 whisker test SYMBOL UNIT PPK Watts TJ °C TSTG °C Note 3: VF=3.5V for Devices of VBR≦200V and VF=5.0V Max. for Devices VBR>200V Devices for Bipolar Applications 1. For Bidirectional Use C or CA Suffix for Types 1.5KE6.8 - Types 1.5KE440 2. Electrical Characterstics Apply in Both Directions PART NO. Note 1: "xxxx" defines voltage from 6.8V (1.5KE6.8) to 440V (1.5KE440) PART NO. Document Number: DS_D1409026 Version: M15 AEC-Q101 qualified Green compound 1.5KE100AHR0G 1.5KE100A H R0 G DO-201 500 / Bulk packing EXAMPLE PREFERRED PART NO. PART NO. SUFFIX PACKING CODE PACKING CODE SUFFIX DESCRIPTION 1.5KExxxx (Note 1) H A0 G DO-201 500 / Ammo box R0 DO-201 1,250 / 13" Paper reel B0 ORDERING INFORMATION PART NO. SUFFIX PACKING CODE PACKING CODE SUFFIX PACKAGE PACKING Storage temperature range - 55 to +175 Note 1: Non-repetitive Current Pulse Per Fig. 3 and Derated above TA=25°C Per Fig. 2 Note 2: Mounted on Copper Pad Area of 0.6" x 0.6" (16mm x 16mm) Maximum Instantaneous Forward Voltage at 50 A for Unidirectional Only (Note 3) VF 3.5 / 5.0 Volts Operating junction temperature range MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted) - 55 to +175 Peak power dissipation at TA=25°C, Tp=1ms (Note 1) 1500 Peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load IFSM 200 - UL recognized file # E-326243 A Steady state power dissipation at TL=75°C lead lengths .375", 9.5mm (Note 2) PD Watts 5 DO-201 MECHANICAL DATA Case: DO-201 Weight: 0.94g (approximately) PARAMETER VALUE 1.5KE SERIES Taiwan Semiconductor 1500W, 6.8V - 440V Transient Voltage Suppressor FEATURES - Fast response time: Typically less than 1.0ps from 0 volt to VBR for unidirectional and 5.0ns for bidirectional - Compliant to RoHS Directive 2011/65/EU and in accordance to WEEE 2002/96/EC |
Similar Part No. - 1.5KE150 |
|
Similar Description - 1.5KE150 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |